Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4230-T130-K0CE-10A Datasheet(PDF) 1 Page - ETAL Group

Part # 4230-T130-K0CE-10A
Description  Protection of cables, motors, generators and transformers, thyristors and silicon rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

4230-T130-K0CE-10A Datasheet(HTML) 1 Page - ETAL Group

  4230-T130-K0CE-10A Datasheet HTML 1Page - ETAL Group 4230-T130-K0CE-10A Datasheet HTML 2Page - ETAL Group 4230-T130-K0CE-10A Datasheet HTML 3Page - ETAL Group 4230-T130-K0CE-10A Datasheet HTML 4Page - ETAL Group 4230-T130-K0CE-10A Datasheet HTML 5Page - ETAL Group 4230-T130-K0CE-10A Datasheet HTML 6Page - ETAL Group 4230-T130-K0CE-10A Datasheet HTML 7Page - ETAL Group 4230-T130-K0CE-10A Datasheet HTML 8Page - ETAL Group 4230-T130-K0CE-10A Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.e-t-a.de
1
Thermal-magnetic Miniature Circuit Breaker 4230-T...
1638
1
Rupture capacity
to IEC/EN 60947-2 (Ics)
AC 7,500 A / DC 10,000 A
to IEC/EN 60947-2
(Icu)
AC/DC 10,000 A
to UL 489
AC/DC 10,000 A
Insulation coordination
6 kV/3 (reinforced insulation
at operating area)
Degree of protection
IP20
Vibration (sinusoidal)
test to IEC 60068-2-6,
test Fc
± 0.38 mm (10–57 Hz), 5 g
(57–500 Hz)
10 frequency cycles per axis
Shock, test to
IEC 60068-2-27, test Ea
30 g (11 ms)
Corrosion, test to IEC
60068-2-11, test Ka
96 hrs in 5% salt mist
Humidity, test to IEC
60068-2-78, test Cab
48 hours at 95% RH,
temperature +40°C
Terminals
screw terminals
Vertical connection possible
by means of busbars
Tightening torque
2 Nm max.
Cable cross section
≤35 mm²
Ambient temperature:
-35°C...+ 70°C
Mounting
rail mounting
Mass
approx. 116 g per pole (EN 60947-2/
UL 1077) approx. 131 g per pole
(UL 489)
Description
Typical applications
Technical Data
Technical Data
Single pole and multipole thermal-magnetic miniature circuit breakers
(MCBs) in accordance with EN 60947-2, UL 1077 and UL 489 for
DIN rail mounting, with toggle actuation, visual status indication and
high rupture capacity. A positively trip-free snap action mechanism
ensures reliable switching behaviour. A range of trip characteristics
and add-on modules allow a great variety of applications.
Protection of cables, motors, generators and transformers, thyristors
and silicon rectifiers. Protection of computers and their peripheral
equipment, industrial process control systems, telecommunications
equipment, power supplies.
4230-T...
UL 489 version
IEC/EN60947-2 & UL1077 version
Voltage rating and current rating range
to IEC/EN 60947-2
1-pole: AC 240 V; 1 A…63 A;
2, 3, 4-pole: AC 415 V, 1 A…63 A;
1-pole: DC 80 V, 1 A...63 A
2-pole: (2 poles connected in series)
DC 125 V, 1...63 A
to UL 1077
1-pole: AC 277 V; 1 A…63 A;
2, 3, 4-pole: AC 480Y/277 V, 1 A…63 A;
1-pole: DC 60 V; 1 A...63 A;
2-pole (2 poles connected in series):
DC 125 V; 1 A...63 A;
to UL 489
1-pole: AC 120 V; 1A…63 A;
2, 3-pole: AC 240 V, 1 A…63 A;
1-pole: AC 277 V; 1 A…32 A;
2, 3-pole: AC 480Y/277 V; 1 A…32 A;
1-pole: DC 60 V; 1 A…63 A;
2-pole (2 poles connected in series);
DC 125 V; 1 A…63 A;
Typical life
Mechanically
20,000 cycles
Electrically
6,000 cycles
to UL1077
Number of
poles
Un
In
TC
OL
SC
1-pole
AC 240 V
1...63 A
1
1
7.5 kA, U1
1-pole
AC 277 V
1...63 A
1
0
5 kA, U1
2-, 3-,
4-pole
AC 480 V
1...63 A
1
1
5 kA, U1
1-pole
DC 60 V
1...63 A
1
0
7.5 kA, U1
2-pole in
series
DC 125 V
1...63 A
1
0
7.5 kA, U1
Approvals
Approval
authority
Standard
Rated voltage
Current ratings
TÜV
IEC/EN
60947-2
AC 240/415 V
DC 80 V
DC 125 V
1...63 A
1...63 A (1-pole)
1...63 A (2 poles in
series)
UL
UL 1077 /
CSA-C22.2
No. 235
AC 480Y/277 V
DC 60 V
DC 125 V
1...63 A
1...63 A (1-pole)
1...63 A (2 poles in
series)
UL
UL 489 /
CSA-C22.2
No. 5
AC 240 V
AC 480Y/277 V
DC 60 V
DC 125 V
1...63 A
1...32 A
1...63 A (1-pole)
1...63 A (2 poles in
series)


Similar Part No. - 4230-T130-K0CE-10A

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
4230-00 PEREGRINE-4230-00 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
4230-21 PEREGRINE-4230-21 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
4230-22 PEREGRINE-4230-22 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
4230-51 PEREGRINE-4230-51 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
4230-52 PEREGRINE-4230-52 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
More results

Similar Description - 4230-T130-K0CE-10A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
410-K ETAL-410-K Datasheet
318Kb / 4P
   Motors, generators, transformers, thyristors and silicon rectifiers
logo
List of Unclassifed Man...
GV2P07 ETC-GV2P07 Datasheet
1Mb / 50P
   Accurate and reliable control of motors
logo
ETAL Group
1140-E211-P1M1 ETAL-1140-E211-P1M1 Datasheet
292Kb / 2P
   Motors, transformers, solenoids, hand-held machines and appliances
logo
STMicroelectronics
TN1173 STMICROELECTRONICS-TN1173 Datasheet
336Kb / 23P
   Packing information for IPAD?? protection, rectifiers, thyristors and AC Switches
November 2016 Rev 4
logo
ETAL Group
2-6400 ETAL-2-6400 Datasheet
212Kb / 4P
   Motors, transformers, solenoids, controls for oil and gas boilers
logo
PHOENIX CONTACT
1424661 PHOENIX-1424661 Datasheet
89Kb / 4P
   Reliable and quick connection of electric cables
1424649 PHOENIX-1424649 Datasheet
87Kb / 4P
   Reliable and quick connection of electric cables
logo
XFMRS Inc.
ISO9001-CERT XFMRS-ISO9001-CERT Datasheet
676Kb / 6P
   Design and manufacture of chokes, inductors, transformers and connectors
logo
ETRI
9601-36 ETRI-9601-36 Datasheet
82Kb / 1P
   PLUGS AND CABLES
logo
New Jersey Semi-Conduct...
2N5164 NJSEMI-2N5164 Datasheet
198Kb / 2P
   THYRISTORS SILICON CONTROLLED RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com