Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8340-F110-K4F1 Datasheet(PDF) 2 Page - ETAL Group

Part # 8340-F110-K4F1
Description  Control equipment, communications systems, transportation, power supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8340-F110-K4F1 Datasheet(HTML) 2 Page - ETAL Group

  8340-F110-K4F1 Datasheet HTML 1Page - ETAL Group 8340-F110-K4F1 Datasheet HTML 2Page - ETAL Group 8340-F110-K4F1 Datasheet HTML 3Page - ETAL Group 8340-F110-K4F1 Datasheet HTML 4Page - ETAL Group 8340-F110-K4F1 Datasheet HTML 5Page - ETAL Group 8340-F110-K4F1 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8340-F...
www.e-t-a.de
1646
2
1
Type No.
8340 magnetic circuit breaker with toggle actuator
Mounting
F flange mounting
Configuration
1 with mounting nuts 6-32 UNC
4 with mounting nuts M3
9 snap-in frame
Number of poles
1 single pole protected
2 two pole protected
3 three pole protected
Panel hardware
0
without panel hardware
Terminal design (main contact)
K4 screw terminals M5 recommended for IN > 20 A
P1 blade terminals A6.3-0.8 mm (QC.250) (≤ 35 A)
Characteristic curve *)
Characteristic curve, instantaneous:
F1 DC
F2 AC 60/50 Hz
Short delay:
K1 DC
K2 AC
Medium delay:
M1 DC
M2 AC 60/50 Hz
Long delay:
T1 DC
T2 AC 60/50 Hz
Actuator colour/design
A black, long toggle
K black, short toggle
Z black, without toggle, with slot (only 1-pole)
other colours to special order
Marking on actuator
0 without marking
L I-O; ON-OFF
N I-O; ON-OFF (IN on housing top)
Auxiliary contacts
H0 without auxiliary contacts
H1 with auxiliary contacts, gold-flushed
H2 auxiliary contacts, gold-flushed
on one pole only (multipole)
Auxiliary contact function
4 1 change over contact
Auxiliary contact terminal design
2
blade terminal 2.8-0.5 mm
Current ratings
0.02...50 A
8340 - F 1 1 0 - P1 M1 - A L H1 4 2 - 30A ordering example
*) Other characteristic curves upon request (e.g. pulse delayed, for high
inrush currents or capacitive loads)
Ordering information
Approvals
Internal connection diagrams
unit 2
unit 1
line 1
11(C)
11(C)
14(NO)
12(NC)
2
14(NO)
12(NC)
2 load
1
I >
I >
unit 3
line 1
line 1
11(C)
14(NO)
12(NC)
2 load
I >
11(C)
14(NO)
12(NC)
2 load
I >
1-pole protected
magnetic
1-pole protected
hydraulic-magnetic
multipole
Preferred types
Standard current ratings (A)
1
2
3
5
8
10
12
16
20
25
30
40
50
8340-F410-P1K1-KNH0-
x
x
x
x
x
x
x
x
x
8340-F410-P1K1-KNH142-
x
x
x
x
x
x
x
x
x
8340-F410-P1M1-KNH0-
x
x
x
x
x
x
x
x
x
8340-F410-P1M1-KNH142-
x
x
x
x
x
x
x
x
x
8340-F410-K4K1-KNH0-
x
x
x
x
8340-F410-K4K1-KNH142-
x
x
x
x
8340-F410-K4M1-KNH0-
x
x
x
x
8340-F410-K4M1-KNH142-
x
x
x
x
Preferred types
Authority Standard
Rated voltage Current ratings
VDE
IEC / EN
60934
AC 240/415 V
AC 240 V
DC 80 V
0.02 A…30 A
0.02 A…30 A
0.02 A…50 A
UL
UL 1077
AC 250 V
DC 80 V
DC 80 V
0.02 A…30 A
0.02 A…50 A
100 A (2 poles in
parallel)
UL
UL 489A
DC 80 V
0.05 A…30 A
(1 + 2 pole)
CSA
C22.2 No
235
AC 250 V
DC 80 V
0.02 A…30 A
0.02 A…30 A
CQC
GB 17701
AC 240/415 V
AC 240 V
DC 80 V
0.02 A…30 A
0.02 A…30 A
0.02 A…50 A
QPL
Sweden
Defence
Material
Admin.
MIL-C-55629 AC 240 V
DC 50 V
AC 240 V
AC 240 / 415 V
1 A…30 A (8340-F410)
1 A…30 A (8340-410)
1 A…30 A (8340-F420)
1 A…30 A (8340-F430)
magnetic and
hydraulic magnetic delayed
}


Similar Part No. - 8340-F110-K4F1

ManufacturerPart #DatasheetDescription
logo
ETAL Group
8340-G ETAL-8340-G Datasheet
320Kb / 6P
   Magnetic and Hydraulic-Magnetic Circuit Breaker
8340-G210-K4E1 ETAL-8340-G210-K4E1 Datasheet
320Kb / 6P
   Magnetic and Hydraulic-Magnetic Circuit Breaker
8340-G210-K4E2 ETAL-8340-G210-K4E2 Datasheet
320Kb / 6P
   Magnetic and Hydraulic-Magnetic Circuit Breaker
8340-G210-K4F4 ETAL-8340-G210-K4F4 Datasheet
320Kb / 6P
   Magnetic and Hydraulic-Magnetic Circuit Breaker
8340-G210-K4F5 ETAL-8340-G210-K4F5 Datasheet
320Kb / 6P
   Magnetic and Hydraulic-Magnetic Circuit Breaker
More results

Similar Description - 8340-F110-K4F1

ManufacturerPart #DatasheetDescription
logo
ETAL Group
2215-G1 ETAL-2215-G1 Datasheet
207Kb / 4P
   Control equipment, communications systems, instrumentation
8340-T ETAL-8340-T Datasheet
409Kb / 6P
   Power supplies, control equipment, communication systems, EDP systems
3500-P10 ETAL-3500-P10 Datasheet
154Kb / 2P
   Control systems, instrumentation, medical equipment, machine tools, robotics, communications systems
3600-P10 ETAL-3600-P10 Datasheet
310Kb / 4P
   Process control systems, instrumentation, communications systems,
8335-F ETAL-8335-F Datasheet
441Kb / 6P
   Communications systems, power supplies, switchgear and controlgear industrial process measurement and control
logo
ITT Industries
PCB-ZD ITT-PCB-ZD Datasheet
62Kb / 1P
   D Subminiature Aerospace Communication Systems Information Systems Medical Test Equipment Transportation
PCB-DM ITT-PCB-DM Datasheet
64Kb / 1P
   D Subminiature Aerospace Communication Systems Information Systems Medical Test Equipment Transportation
logo
ATMEL Corporation
ATDVK90CAN1 ATMEL-ATDVK90CAN1 Datasheet
1Mb / 6P
   Automotive and Transportation Systems
logo
PCTEL, Inc.
BMLPVDB700-2500 PCTEL-BMLPVDB700-2500 Datasheet
689Kb / 2P
   ANTENNA SOLUTIONS FOR INTELLIGENT TRANSPORTATION SYSTEMS
July 2021
logo
Toshiba Semiconductor
TLP3103 TOSHIBA-TLP3103 Datasheet
318Kb / 7P
   Measurement Equipment FA (Factory Automation) Power Line Control Security Systems
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com