Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT5C1008CW-12 Datasheet(PDF) 2 Page - Austin Semiconductor

Part # MT5C1008CW-12
Description  128K x 8 SRAM WITH DUAL CHIP ENABLE AVAILABLE AS MILITARY SPECIFICATIONS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

MT5C1008CW-12 Datasheet(HTML) 2 Page - Austin Semiconductor

  MT5C1008CW-12 Datasheet HTML 1Page - Austin Semiconductor MT5C1008CW-12 Datasheet HTML 2Page - Austin Semiconductor MT5C1008CW-12 Datasheet HTML 3Page - Austin Semiconductor MT5C1008CW-12 Datasheet HTML 4Page - Austin Semiconductor MT5C1008CW-12 Datasheet HTML 5Page - Austin Semiconductor MT5C1008CW-12 Datasheet HTML 6Page - Austin Semiconductor MT5C1008CW-12 Datasheet HTML 7Page - Austin Semiconductor MT5C1008CW-12 Datasheet HTML 8Page - Austin Semiconductor MT5C1008CW-12 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
MT5C1008
Austin Semiconductor, Inc.
MT5C1008
Rev. 6.5 7/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
FUNCTIONAL BLOCK DIAGRAM
1,048,576-BIT
MEMORY ARRAY
VCC
GND
DQ8
DQ1
CE1\
CE2
OE\
WE\
A
A
A
A
A
A
A
A
A
COLUMN DECODER
A A A A A A A A
POWER
DOWN
(LSB)
(LSB)
NOTE: The two least significant row address bits (A8 and A6) are encoded using gray code.
MODE
OE\
CE1\
CE2
WE\
DQ
POWER
STANDBY
X
H
X
X
HIGH-Z
STANDBY
STANDBY
X
X
L
X
HIGH-Z
STANDBY
READ
L
L
H
H
Q
ACTIVE
READ
H
L
H
H
HIGH-Z
ACTIVE
WRITE
X
L
H
L
D
ACTIVE
TRUTH TABLE


Similar Part No. - MT5C1008CW-12

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C1008C-30LL/MIL AUSTIN-MT5C1008C-30LL/MIL Datasheet
123Kb / 10P
   128K x 8 SRAM WITH DUAL CHIP ENABLE ULTRA LOW POWER
More results

Similar Description - MT5C1008CW-12

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C1009 AUSTIN-MT5C1009 Datasheet
254Kb / 17P
   128K x 8 SRAM WITH CHIP & OUTPUT ENABLE
AS8ERLC128K32 AUSTIN-AS8ERLC128K32 Datasheet
559Kb / 18P
   128K x 32 Radiation Tolerant EEPROM AVAILABLE AS MILITARY SPECIFICATIONS
AS8ER128K32 AUSTIN-AS8ER128K32_05 Datasheet
556Kb / 18P
   128K x 32 Radiation Tolerant EEPROM AVAILABLE AS MILITARY SPECIFICATIONS
MT5C1008LL AUSTIN-MT5C1008LL Datasheet
123Kb / 10P
   128K x 8 SRAM WITH DUAL CHIP ENABLE ULTRA LOW POWER
logo
MOSAIC
MSM8128 MOSAIC-MSM8128 Datasheet
585Kb / 10P
   128K x 8 SRAM
logo
Austin Semiconductor
AS8ER128K32 AUSTIN-AS8ER128K32_03 Datasheet
183Kb / 17P
   128K x 32 EEPROM Radiation Tolerant EEPROM Memory Array AVAILABLE AS MILITARY
logo
STMicroelectronics
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
   Military 128K x 8 CMOS EPROM
logo
List of Unclassifed Man...
UM621024 ETC1-UM621024 Datasheet
37Kb / 1P
   128K x 8 CMOS SRAM
logo
AMIC Technology
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
   128K X 8 BIT CMOS SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com