Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4140-G Datasheet(PDF) 1 Page - ETAL Group

Part # 4140-G
Description  Land vehicles, aircraft, watercraft, special vehicles.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

4140-G Datasheet(HTML) 1 Page - ETAL Group

  4140-G Datasheet HTML 1Page - ETAL Group 4140-G Datasheet HTML 2Page - ETAL Group 4140-G Datasheet HTML 3Page - ETAL Group 4140-G Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Performance Thermal Circuit Breaker 4140-...
www.e-t-a.de
1646
1
1
Description
Typical applications
Technical data
Single pole, thermal circuit breaker with trip-free mechanism, push/pull
on/off manual actuation (M-type TO CBE to EN 60934) and temperature
compensation. An indicator band on the push button clearly shows the
tripped/off position. The robust design makes type 4140 suitable for
extremely harsh conditions.
Various dummies are available without protective function, allowing
connection of pre-installed wiring without loads.
Land vehicles, aircraft, watercraft, special vehicles.
4140
without auxiliary contact
with auxiliary contact
Voltage rating
AC 115 V (300 Hz to 800 Hz); DC 28 V
Current rating range
20...50 A
Auxiliary circuit
0.5 A, DC 28 V
Typical life
5,000 operations mechanical and
2,500 operations at IN
Ambient temperature
-55...+125 °C (-67...+257 °F)
Temperature compensation -55...+90 °C (-67...+194 °F)
Insulation co-ordination
rated impulse
pollution
(IEC 60664)
withstand voltage
degree
1.5 kV
3
Dielectric strength
test voltage
operating area
AC 1,500 V
main to aux. circuit
AC 1,500 V
Insulation resistance
> 100 MΩ (DC 500 V)
Interrupting capacity Icn
AC 115 V (400 Hz): 1,500 A
DC 28 V: 4,000 A
Degree of protection
operating area IP40
(IEC 60529)
terminal area IP00
Vibration
± 0.76 mm (5-80 Hz)
(sinusoidal)
10 g (80-500 Hz),
5 g (500-2000 Hz)
to EN 2350 para 5.3.1 and ISO 7137
Vibration (random)
0.04 g2/Hz (40-500 Hz)
5.8 g rms (10-2000 Hz)
to ISO 7137
Acceleration
17 g, to EN 2350, para 5.3.3
and ISO 2669
Shock
50 g (11 ms), to EN 2350 para 5.3.2
and ISO 7137
Corrosion
48 hours at 5 % salt mist
to EN 2350 para 5.4.2 and ISO 7137
Humidity
240 hours at 95 % RH, to EN 2350
para 5.4.3 and ISO 7137
Altitude
≤ 15,000 m above sea level
Mass
approx. 57 g with accessories and
without auxiliary contact
approx. 60 g with accessories and
with auxiliary contact
Ordering information
Type No.
4140
High performance thermal circuit breaker with temperature
compensationn
Mounting
G threadneck panel mounting
Threadneck design
1 M12x0.75x7 alu, blackened, 1 location pin
Number of poles
1 1-pole, protected
Hardware for threadneck
3
hex nut M12x0.75, alu,
serrated lock-washer 12.1/17.2, supplied separately
Terminal design (main terminals)
J1 screw terminals with inch thread (8-32UNC-2B)
Characteristic curve
M1
thermal 1.1-1.45 x IN
Accessories Terminal screws &
Terminal washers
M6 hex screw with Phillips head 8-32UNC-
3Ax7.6 & lock washer 4.3/9 supplied
separately
Z0
without accessories
Auxiliary contact, Barrier,
Colour of the push button
S0TN without auxiliary contact, with
barrier, black
S5TG with polarized aux. contact (female
contact for male contacts to
EN3155-016M2018), with barrier,
green
Current ratings
20...50 A
4140 - G 1 1 3 - J1 M1 -M6 S5TG - 20 A
ordering example


Similar Part No. - 4140-G

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4140 VCC-4140 Datasheet
75Kb / 1P
   Relampable Socket
logo
Tyco Electronics
414002-1 MACOM-414002-1 Datasheet
503Kb / 17P
   RF Coax Connectors
414002-2 MACOM-414002-2 Datasheet
503Kb / 17P
   RF Coax Connectors
414002-3 MACOM-414002-3 Datasheet
503Kb / 17P
   RF Coax Connectors
414002-4 MACOM-414002-4 Datasheet
503Kb / 17P
   RF Coax Connectors
More results

Similar Description - 4140-G

ManufacturerPart #DatasheetDescription
logo
ETAL Group
5140-G ETAL-5140-G Datasheet
236Kb / 4P
   Land vehicles, aircraft, watercraft, special vehicles
logo
AVX Corporation
FHC16I2637 AVX-FHC16I2637 Datasheet
390Kb / 7P
   Hybrid Vehicles and Electric Vehicles Capacitors
logo
CSB Battery Co., Ltd.
EVX12650 CSB-BATTERY-EVX12650 Datasheet
531Kb / 2P
   designed specially for electric vehicles
EVX12520 CSB-BATTERY-EVX12520_16 Datasheet
827Kb / 2P
   Designed specially for electric vehicles
EVX12650 CSB-BATTERY-EVX12650_16 Datasheet
799Kb / 2P
   Designed specially for electric vehicles
EVX12750 CSB-BATTERY-EVX12750_16 Datasheet
822Kb / 2P
   Designed specially for electric vehicles
logo
ETAL Group
BMS01 ETAL-BMS01 Datasheet
733Kb / 6P
   Utility vehicles for hazardous goods
logo
CSB Battery Co., Ltd.
EVX121000 CSB-BATTERY-EVX121000 Datasheet
533Kb / 2P
   designed specially for electric vehicles
EVH12140 CSB-BATTERY-EVH12140 Datasheet
535Kb / 2P
   designed specially for electric vehicles
EVH12390 CSB-BATTERY-EVH12390 Datasheet
534Kb / 2P
   designed specially for electric vehicles
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com