Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1546ETL Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1546ETL
Description  PLASTIC ENCAPSULATED DEVICES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1546ETL Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1546ETL Datasheet HTML 1Page - Maxim Integrated Products MAX1546ETL Datasheet HTML 2Page - Maxim Integrated Products MAX1546ETL Datasheet HTML 3Page - Maxim Integrated Products MAX1546ETL Datasheet HTML 4Page - Maxim Integrated Products MAX1546ETL Datasheet HTML 5Page - Maxim Integrated Products MAX1546ETL Datasheet HTML 6Page - Maxim Integrated Products MAX1546ETL Datasheet HTML 7Page - Maxim Integrated Products MAX1546ETL Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
II. Manufacturing Information
A. Description/Function:
Dual-Phase, Quick-PWM Controller for IMVP CPU Core Power Supplies
B. Process:
S12 (Standard 1.2 micron silicon gate CMOS)
C. Number of Device Transistors:
11,015
D. Fabrication Location:
California or Oregon, USA
E. Assembly Location:
Thailand and USA
F. Date of Initial Production:
January, 2003
III. Packaging Information
A. Package Type:
40-Pin QFN (6x6)
B. Lead Frame:
Copper
C. Lead Finish:
Solder Plate
D. Die Attach:
Silver-filled Epoxy
E. Bondwire:
Gold (1.3 mil dia.)
F. Mold Material:
Epoxy with silica filler
G. Assembly Diagram:
# 05-9000-0383
H. Flammability Rating:
Class UL94-V0
I. Classification of Moisture Sensitivity
per JEDEC standard JESD22-112:
Level 1
IV. Die Information
A. Dimensions:
130 x 172 mils
B. Passivation:
Si3N4/SiO2 (Silicon nitride/ Silicon dioxide)
C. Interconnect:
Aluminum/Si (Si = 1%)
D. Backside Metallization:
None
E. Minimum Metal Width:
1.2 microns (as drawn)
F. Minimum Metal Spacing:
1.2 microns (as drawn)
G. Bondpad Dimensions:
5 mil. Sq.
H. Isolation Dielectric:
SiO2
I. Die Separation Method:
Wafer Saw


Similar Part No. - MAX1546ETL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15462 MAXIM-MAX15462 Datasheet
2Mb / 23P
   42V, 300mA, Ultra-Small, High-Efficiency Synchronous Step-Down DC-DC Converters
Rev 1; 2/17
MAX15462A MAXIM-MAX15462A Datasheet
735Kb / 9P
   42V adjustable, 0.5A DC power supply
Rev 0; 3/15
MAX15462AATA MAXIM-MAX15462AATA Datasheet
2Mb / 23P
   42V, 300mA, Ultra-Small, High-Efficiency Synchronous Step-Down DC-DC Converters
Rev 1; 2/17
MAX15462AEVKIT MAXIM-MAX15462AEVKIT Datasheet
735Kb / 9P
   42V adjustable, 0.5A DC power supply
Rev 0; 3/15
MAX15462AEVKIT# MAXIM-MAX15462AEVKIT# Datasheet
735Kb / 9P
   42V adjustable, 0.5A DC power supply
Rev 0; 3/15
More results

Similar Description - MAX1546ETL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX321AXK MAXIM-LMX321AXK Datasheet
91Kb / 5P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 26, 2002
MAX1818EUAT MAXIM-MAX1818EUAT Datasheet
96Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A November 12, 2002
MAX4007EUT MAXIM-MAX4007EUT Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 28, 2003
MAX6713ZEXS MAXIM-MAX6713ZEXS Datasheet
58Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A December 17, 2001
MAX9018AEKA MAXIM-MAX9018AEKA Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A September 22, 2003
MAX1951ESA MAXIM-MAX1951ESA Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 14, 2003
MAX8546EUB MAXIM-MAX8546EUB Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A August 9, 2003
MAX6101EUR MAXIM-MAX6101EUR Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 14, 2003
MAX6900ETT MAXIM-MAX6900ETT Datasheet
47Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 13, 2003
MAX3801UGG MAXIM-MAX3801UGG Datasheet
68Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com