Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2216-S120-P1F2-S011 Datasheet(PDF) 8 Page - ETAL Group

Part # 2216-S120-P1F2-S011
Description  Protection of AC and DC control circuits in industrial automation applications and buildings, e.g. in the chemical industry, power plants, steel industry and machine construction
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

2216-S120-P1F2-S011 Datasheet(HTML) 8 Page - ETAL Group

  2216-S120-P1F2-S011 Datasheet HTML 1Page - ETAL Group 2216-S120-P1F2-S011 Datasheet HTML 2Page - ETAL Group 2216-S120-P1F2-S011 Datasheet HTML 3Page - ETAL Group 2216-S120-P1F2-S011 Datasheet HTML 4Page - ETAL Group 2216-S120-P1F2-S011 Datasheet HTML 5Page - ETAL Group 2216-S120-P1F2-S011 Datasheet HTML 6Page - ETAL Group 2216-S120-P1F2-S011 Datasheet HTML 7Page - ETAL Group 2216-S120-P1F2-S011 Datasheet HTML 8Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.e-t-a.de
8
2216-S... - Accessories - socket 80/81plus
1646
1
Accessories
Accessories for Socket 80plus and Socket 81plus
part number
packing qty
busbar, for cross-bridging in the bridge shaft, red, 2 poles *
Y 310 624 01
50
busbar, for cross-bridging in the bridge shaft, red, 4 poles *
Y 310 625 01
50
busbar, for cross-bridging in the bridge shaft, red, 10 poles *
Y 308 823 11
10
busbar, for cross-bridging in the bridge shaft, blue, 2 poles *
Y 310 624 02
50
busbar, for cross-bridging in the bridge shaft, blue, 4 poles *
Y 310 625 02
50
busbar, for cross-bridging in the bridge shaft, blue, 10 poles *
Y 308 823 12
10
busbar, for cross-bridging in the bridge shaft, grey, 2 poles *
Y 310 624 03
50
busbar, for cross-bridging in the bridge shaft, grey, 10 poles *
Y 308 823 13
10
coding star, red, with 4 coding pins each
Y 310 626 01
50
label
X 222 977 50
50
* Max. bridge current: 32 A
When using two busbars/jumpers (in both bridge shafts of terminal 1), the max. current capacity is 41 A.
Caution:
When using busbars/jumpers for bridging the aux. contacts (11(a), 12(b) and 14(c)), the max. bridge current is 4 A
busbar/jumper, 10 poles
coding star
label
Coding table
Breaker-socket-
coding for the circuit
protector with the
highest current
rating
Breaker-socket-
coding for the circuit
protector with the
lowest current rating
Coding example:
Avoid hazardous oversize current ratings
Your benefit:
Coded circuit breakers can no longer be inserted into
slots with a lower current rating coding.
1: With PIN / 0: No PIN
decreasing
current rating
Coding table
Example
Breaker
1
1
1
10 A
Socket
0
0
0
Breaker
1
1
0
8 A
Socket
0
0
1
Breaker
1
0
1
6 A
Socket
0
1
0
Breaker
1
0
0
4 A
Socket
0
1
1
Breaker
0
1
1
3 A
Socket
1
0
0
Breaker
0
1
0
2 A
Socket
1
0
1
Breaker
0
0
1
1 A
Socket
1
1
0
Breaker
0
0
0
0.5 A
Socket
1
1
1
Coding of circuit breakers and sockets
Sockets: Insert coding pins in accordance with
coding table into receptacles of the sockets.
Circuit breakers: Remove coding pins in
accordance with coding table by means of screw
driver.
0 1 1
1 0 0


Similar Part No. - 2216-S120-P1F2-S011

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2216-S1-A-X TEC-2216-S1-A-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
2216-S1-B-X TEC-2216-S1-B-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
2216-S1-C-X TEC-2216-S1-C-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
2216-S1-D-X TEC-2216-S1-D-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
2216-S1-E-X TEC-2216-S1-E-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
More results

Similar Description - 2216-S120-P1F2-S011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
   Largest variety of colors materials and sizes in the industry
logo
Endress+Hauser Group Se...
CPA871 EH-CPA871 Datasheet
792Kb / 24P
   Flexible retractable process assembly for water, wastewater, chemical industry and heavy industry
2022-09-02
logo
Omron Electronics LLC
E3X-NA11 OMRON-E3X-NA11 Datasheet
2Mb / 20P
   The Highest Level of Power and Precision in the Industry with ?쏥IGA RAY??Giga Power Lighting Element
logo
Endress+Hauser Group Se...
CPS341D EH-CPS341D Datasheet
530Kb / 12P
   pH sensor for use in the pharmaceutical industry and food production
2022-11-21
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
ALPS ELECTRIC CO.,LTD.
UGMZ2AA ALPS-UGMZ2AA Datasheet
1Mb / 1P
   Easy-to-Use Built-in Antenna Type Leading the Industry in Compactness and Low Power
logo
ETAL Group
1180-01 ETAL-1180-01 Datasheet
278Kb / 4P
   Protection of loads in power distribution systems in control cabinets and process control
logo
Endress+Hauser Group Se...
CPS61E EH-CPS61E Datasheet
508Kb / 12P
   pH sensor for bioreactors in life sciences and for the food industry
2021-10-08
logo
Advanced Crystal Techno...
ACT_HC49_U_STANDARD ACT-ACT_HC49_U_STANDARD Datasheet
501Kb / 4P
   family is available in industry standard package and specifications
20-11-2012
logo
International Rectifier
CHL8203 IRF-CHL8203 Datasheet
273Kb / 2P
   Digital Multi-Phase Buck Controller Easiest layout and fewest pins in the industry
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com