Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

437-K60-1-06-SI2-FA Datasheet(PDF) 2 Page - ETAL Group

Part # 437-K60-1-06-SI2-FA
Description  Battery and cable protection for all types of vehicles (including rail vehicles and boats), battery powered systems
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

437-K60-1-06-SI2-FA Datasheet(HTML) 2 Page - ETAL Group

  437-K60-1-06-SI2-FA Datasheet HTML 1Page - ETAL Group 437-K60-1-06-SI2-FA Datasheet HTML 2Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.e-t-a.de
High Performance Thermal-Magnetic Circuit Breaker 437-...
1646
2
1
Dimensions
437-K12-5-Si-…-FA
437-K60-1-…-FA
26°
35
167.5
141
45
M3.5 - 9 depth
tightening torque max. 0.8 Nm
92
13
0
I
180
M5
14
9
57
61.5
26°
M10x25
tightening torque max. 10 Nm
blade terminals (QC .250)
DIN 46244-A6.3-0.8-Bz
2 terminals for remote
disconnection
2 terminals for Si1 (N/C)
2 terminals for 2Si2 (2 N/O)
1.38
1.77
5.55
0
I
13
26°
location pin for symmetrical
rail DIN EN 50022-35x7.5
26°
M10x25
tightening torque max. 10 Nm
location pin for G rail
DIN EN 50035-G32
(not shown)
4 terminals for 2Si2 (2 N/O)
92
6.59
.512
3.62
7.09
2.24
2.42
.354
.551
.512
3.62
4
.157
blade terminals (QC .250)
DIN 46244-A6.3-0.8-Bz
2 terminals for remote
disconnection
2 terminals for Si1 (N/C)
… times rated current
12
46 8 10
20
40
10000
1000
100
10
1
0.1
0.01
0.001
60 80100
12
46 8 10
20
40
… times rated current
10000
1000
100
10
1
0.1
0.01
0.001
60 80100
Curve 06 (fast trip)
DC
Curve 07 (delayed trip)
DC
Typical time/current characteristics at +23 °C/+73.4 °F
180
M5
14
9
57
61.5
1
2
7.09
.551
.354
2.24
2.42
0I
M3.5x10
tightening torque
max. 0.55 Nm
4
35
11.5
92
13
26°
26°
N/C or FA
N/O
.453
1.38
.512
3.62
.157
437-K12-…-BC-FA..
M10x25
tightening torque
max. 10 Nm
This is a metric design and millimeter dimensions take precedence ( mm )
inch
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications
without notice is reserved.Product markings may not be exactly as the ordering codes.
Errors and omissions excepted.
Internal connection diagram
battery +
load
battery +
load
FA
recommended
link for FA coil
protection pre-wired
at the factory
2
23
24
12
1
I >
11 13
13
13
14
14 14
Si
Si2
2Si2
FA
23
24
12
1
2
I >
11 13
13
13
14
14 14
Si
Si2
2Si2
I
N
≤ 120 A
I
N > 120 A


Similar Part No. - 437-K60-1-06-SI2-FA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
437 LITTELFUSE-437 Datasheet
184Kb / 4P
   Surface Mount Fuses
logo
Chicago Miniature Lamp,...
4370 CML-4370 Datasheet
24Kb / 1P
   Panel Mount Lenses for T-1 3/4 (5mm) LEDs
logo
Schurter Inc.
4370 SCHURTER-4370 Datasheet
297Kb / 2P
   Power Supply Cord with Shako Power (Mains) Plug, Straight
logo
Visual Communications C...
4370 VCC-4370 Datasheet
84Kb / 1P
   Panel Mount Lenses for T-1 3/4 (5mm) LEDs
logo
Ulti-Mate Connector Inc
437021351 ULTI-MATE-437021351 Datasheet
65Kb / 1P
   MICRO-D WIRED STRIP CONNECTOR, PLUG, SIZE 02 W/ GUIDE PIN HOLE SR02P1-26E5-12.0-HT
12-19-14
More results

Similar Description - 437-K60-1-06-SI2-FA

ManufacturerPart #DatasheetDescription
logo
ETAL Group
E-1073 ETAL-E-1073 Datasheet
268Kb / 6P
   Battery and cable protection for all types of vehicle (including electric), battery powered systems.
413-K14 ETAL-413-K14 Datasheet
209Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land, sea and air; defence equipment; battery powered machines
482-G ETAL-482-G Datasheet
261Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land, sea and air, battery powered machines, process control
129-L11-H-KF ETAL-129-L11-H-KF Datasheet
129Kb / 2P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1170-21 ETAL-1170-21 Datasheet
218Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1610-21 ETAL-1610-21 Datasheet
259Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
4120-G ETAL-4120-G Datasheet
268Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land sea and air
446-K ETAL-446-K Datasheet
174Kb / 2P
   Heavy duty vehicles, battery systems, process control
logo
AVX Corporation
FHC16I2637 AVX-FHC16I2637 Datasheet
390Kb / 7P
   Hybrid Vehicles and Electric Vehicles Capacitors
logo
ETAL Group
201 ETAL-201 Datasheet
258Kb / 4P
   Process control systems, instrumentation, rail vehicles
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com