Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4120-G213-J1M1 Datasheet(PDF) 3 Page - ETAL Group

Part # 4120-G213-J1M1
Description  Extra low voltage wiring systems on all types of vehicles for land sea and air
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

4120-G213-J1M1 Datasheet(HTML) 3 Page - ETAL Group

  4120-G213-J1M1 Datasheet HTML 1Page - ETAL Group 4120-G213-J1M1 Datasheet HTML 2Page - ETAL Group 4120-G213-J1M1 Datasheet HTML 3Page - ETAL Group 4120-G213-J1M1 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
High Performance Thermal Circuit Breaker 4120-...
www.e-t-a.de
1646
3
1
High Performance Thermal Circuit Breaker 4120-...
… times rated current
12
46 810
20
40
10000
1000
100
10
1
0.1
0.01
0.001
6080100
+125 °C
+257 °F
+23 °C
+73.4 °F
-55 °C
-67 °F
Typical time/current characteristics
Internal connection diagram
2
line 1
2
line 1
4
3
2
line 1
5
3
with auxiliary contact
EN 2995-004
with polarized auxiliary contact
EN 2995-005
2
line 1
12
11
with auxiliary contact
VG 95345 T06
This is a metric design and millimeter dimensions take precedence ( mm )
inch
Mounting holes
mounting holes S0
mounting holes S1 or S5
ø3.2+0.15
ø12.5+0.2
.492+.008
min. 25 *
* min. 25 mm / .984 in. when fitted with splash cover
min .984 *
min. 20
min .787
ø3.5+0.1
.138±.004
thickness 1.5 - 3 mm
.059 - .118 in.
ø12.5+0.2
.492+.008
min. 25 *
min .984 *
min. 20
min .787
ø3+0.1
.118±.004
thickness:
1.5 - 3 mm
.059 - .118 in.
.126+.006
4120-G2...
ø3.2+0.15
.126+.006
4120-G1...
thickness 1.5 - 3 mm
.059 - .118 in.
thickness:
1.5 - 3 mm
.059 - .118 in.
Other terminal designs
a
45°
8.5
Terminal design -J3
Terminal design -J2
Terminal distances to:
MS 14 105 (a, b)
MS 14 153 (a, b)
MS 22 073 (a)
MS 22 074 (a)
MS 25 244 (a)
MS 25 373 (a, b)
45°
a
45°
10.5
Terminal distances to:
MS 26 574 (a, b)
.413
(18 mm/.709 in.)
(15 mm/.591 in.)
.335
13
6.3
Terminal design -P1
.512
.248


Similar Part No. - 4120-G213-J1M1

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4120-1110-06-B 3M-4120-1110-06-B Datasheet
213Kb / 3P
   Mini D Ribbon (MDR) Cable Assembly
4120-1110-10-B 3M-4120-1110-10-B Datasheet
213Kb / 3P
   Mini D Ribbon (MDR) Cable Assembly
4120-1110-30-B 3M-4120-1110-30-B Datasheet
213Kb / 3P
   Mini D Ribbon (MDR) Cable Assembly
More results

Similar Description - 4120-G213-J1M1

ManufacturerPart #DatasheetDescription
logo
ETAL Group
482-G ETAL-482-G Datasheet
261Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land, sea and air, battery powered machines, process control
413-K14 ETAL-413-K14 Datasheet
209Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land, sea and air; defence equipment; battery powered machines
129-L11-H-KF ETAL-129-L11-H-KF Datasheet
129Kb / 2P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1170-21 ETAL-1170-21 Datasheet
218Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1610-21 ETAL-1610-21 Datasheet
259Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
452-K34 ETAL-452-K34 Datasheet
165Kb / 2P
   Extra low voltage wiring systems on all types of vehicle for land, sea and air; defence equipment; battery powered machines.
2-5200-H ETAL-2-5200-H Datasheet
188Kb / 2P
   Extra low voltage wiring systems and components
437-K12 ETAL-437-K12 Datasheet
206Kb / 2P
   Battery and cable protection for all types of vehicles (including rail vehicles and boats), battery powered systems
3200-5A ETAL-3200-5A Datasheet
210Kb / 4P
   Control equipment, extra-low voltage wiring systems and components
157-P10-KF-10A ETAL-157-P10-KF-10A Datasheet
233Kb / 4P
   Motors, transformers, solenoids, extra low voltage wiring systems
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com