Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS-0011 Datasheet(PDF) 2 Page - All Sensors Corporation

Part # DS-0011
Description  Enhanced Digital Output Sensors: Extended temperature range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DS-0011 Datasheet(HTML) 2 Page - All Sensors Corporation

  DS-0011 Datasheet HTML 1Page - All Sensors Corporation DS-0011 Datasheet HTML 2Page - All Sensors Corporation DS-0011 Datasheet HTML 3Page - All Sensors Corporation DS-0011 Datasheet HTML 4Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Barometer Digital Output Pressure Sensors
Absolute Maximum Ratings
Operating Voltage
Compensated Temperature
Operating Temperature
Storage Temperature
Humidity Limits
+4.75Vdcto+5.25Vdc
-40°C to +125° C
-40 to +125° C
-40 to 150° C
0 to 95% RH
(non condensing)
Environmental Specifications
Supply Voltage (Vcc)
Voltage on Any Pin with Respect to Gnd
LeadTemperature (soldering 2-4 sec.)
7Vdc
-0.6 to Vcc+0.6V
250°C
Nominal
--
8
8
1.0
--
Minimum
12
--
--
--
--
Parameter (1)
Resolution
Conversion Speed
Supply Current
Overall Accuracy (5)
Long Term Drift (one year)
Maximum
--
16
12
2.5
2.0
Units
Bit
mS
mA
mBar
mBar
General Performance Characteristics
Standard Pressure Ranges
Operating Pressure
600to1100
20 to 32
600to1100
20 to 32
Proof Pressure
60 PSI
60 PSI
Burst Pressure
120 PSI
120 PSI
120 PSI
120 PSI
Part Number
BARO-DO-MIL
BARO-INHG-DO-MIL
BARO-DO-MIL-PCB
BARO-INHG-DO-MIL-PCB
Digital Span (4)
3
3
3
3
Units
mBar
inches Hg
mBar
inches Hg
Specification Notes
NOTE
1: UNLESS OTHERWISE SPECIFIED, ALL PARAMETERS ARE MEASURED AT 5.0 VOLT SUPPLY, POSITIVE PRESSURE APPLIED TO PORT B.
NOTE
2: THE DIGITAL OUTPUT IS A 16 BIT SIGNED BINARY OUTPUT IN A TWOS COMPLIMENT FORMAT. THE APPLIED PRESSURE IS COMPUTED USING THE PRESSURE
CONVERSION TABLE (BELOW). THE MODE COLUMN IDENTIFIES THE RESOLUTION OPERATING MODE OF THE DEVICE (A = STANDARD RESOLUTION, B =
HIGH RESOLUTION). FSO AND UNITS ARE SHOWN FOR EACH MODEL.
NOTE
3: SHIFT IS WITHIN THE FIRST HOUR OF EXCITATION APPLIED TO THE DEVICE.
NOTE
4: DIGITAL SPAN IS DEPENDENT ON THE RESOLUTION OPERATING MODE. REFER TO THE DIGITAL SPAN TABLE (BELOW) TO IDENTIFY THE DIGITAL SPAN OF THE
SPECIFIC MODEL
. IN THE EVENT OF AN OVER-PRESSURE OR UNDER-PRESSURE CONDITION, THE DIGITAL OUTPUT WILL ONE COUNT HIGHER OR ONE COUNT
LOWER
(RESPECTIVELY) TO THE LISTED DIGITAL SPAN TO INDICATE THE CONDITION.
NOTE
5: OVERALL ACCURACY INCLUDES THE COMBINED EFFECTS OF OFFSET AND SPAN SHIFTS OVER TEMPERATURE, LINEARITY, HYSTERESIS, AND OFFSET AND SPAN
CALIBRATION
.
Pressure Conversion Table
10,000
Pout = Digital Output x
FSO x Units
32,767
Pout = Digital Output x
FSO x Units
Pressure Output Equation
Mode
S
H
Digital Span Table
-10,399 to 10,399
-399 to 10,399
Mode S (Standard)
Mode H (High Res)
-32,767 to 32,766
-999 to 32,766
Span
1
2
5,054 to 10,399
17,501 to 32,766
3
60 PSI
60 PSI
Bit 0 : Part not compensated
Bit 1 : Tdex Overflow
Bit 2 : Tdex Over-range
Bit 3 : Pdex Overflow
Bit 4 : Pdex Over-range
Bit 5 : PWL Overflow
Bit 6 : Scaling Overflow
Bit 7 : High resolution overflow
Bit 8 : Pressure Output Limited to Specified Value
Bit 9 through Bit 15 : Reserved
Error Code Table (Asynchronous mode)


Similar Part No. - DS-0011

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DS-001 ADAM-TECH-DS-001 Datasheet
154Kb / 1P
   DIN & MINI DIN PLUGS DP, DS, MDP & MDS SERIES
logo
All Sensors Corporation
DS-0010 ASC-DS-0010 Datasheet
199Kb / 5P
   Enhanced Digital Output Sensors: Industrial temperature range
DS-0012 ASC-DS-0012 Datasheet
71Kb / 5P
   Enhanced Digital Output Sensors
More results

Similar Description - DS-0011

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0010 ASC-DS-0010 Datasheet
199Kb / 5P
   Enhanced Digital Output Sensors: Industrial temperature range
DS-0012 ASC-DS-0012 Datasheet
71Kb / 5P
   Enhanced Digital Output Sensors
logo
Vicor Corporation
110V VICOR-110V Datasheet
611Kb / 14P
   Extended temperature range
logo
Tadiran Batteries GmbH
SL-561 TADIRN-SL-561 Datasheet
296Kb / 1P
   Extended temperature range
SL-550 TADIRN-SL-550 Datasheet
290Kb / 1P
   Extended temperature range
SL-560 TADIRN-SL-560 Datasheet
299Kb / 1P
   Extended temperature range
TLH-2450 TADIRN-TLH-2450 Datasheet
359Kb / 1P
   Extended temperature range
logo
List of Unclassifed Man...
USTIEXT ETC2-USTIEXT Datasheet
182Kb / 3P
   Universal Sensors and Transducer Interface with Extended Temperature Range
logo
Bothhand USA, LP.
S5771-LF BOTHHAND-S5771-LF Datasheet
561Kb / 1P
   Extended and standard temperature range models.
logo
Turck, Inc.
BI10-EG30-Y1X TURCK-BI10-EG30-Y1X Datasheet
395Kb / 4P
   Inductive sensor With extended temperature range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com