Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8340-F430-K4K1 Datasheet(PDF) 1 Page - ETAL Group

Part # 8340-F430-K4K1
Description  Control equipment, communications systems, transportation, power supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8340-F430-K4K1 Datasheet(HTML) 1 Page - ETAL Group

  8340-F430-K4K1 Datasheet HTML 1Page - ETAL Group 8340-F430-K4K1 Datasheet HTML 2Page - ETAL Group 8340-F430-K4K1 Datasheet HTML 3Page - ETAL Group 8340-F430-K4K1 Datasheet HTML 4Page - ETAL Group 8340-F430-K4K1 Datasheet HTML 5Page - ETAL Group 8340-F430-K4K1 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8340-F...
www.e-t-a.de
1646
1
1
Description
Typical application
Technical data
Single and multipole magnetic circuit breakers with trip-free
mechanism and toggle actuation. A choice of fast magnetic only or
hydraulically delayed switching characteristics (S-type MO or HM
CBE to EN 60934) ensures suitability for a wide range of applications.
Industry standard dimensions and panel mounting. Options include
auxiliary changeover contacts. Low temperature sensitivity at rated
load.
Approved to CBE standard EN 60934 (IEC 60934).
Control equipment, communications systems, transportation, power
supplies.
8340-F...
1-pole
2-pole
For further details please see chapter: Technical Information
Voltage rating
3 AC 415 V; AC 240 V, 50/60 Hz; DC 80 V
(higher DC ratings to special order)
Current ratings
0.02...50 A DC
0.02...30 A AC
Auxiliary circuit
6 A, AC 240 V;
3 A, DC 28 V
1 A, DC 65 V;
0.5 A, DC 80 V
Typical life
3 AC 415 V, AC 240 V:
0.02...30 A
6,000 operations at 1 x IN, inductive
10,000 operations at 1 x IN, resistive
DC 80 V: 0.02...25 A
6,000 operations at 1 x IN, inductive
0.02...30 A
10,000 operations at 1 x IN, resistive
40 + 50 A
6,000 operations at 1 x IN, resistive
Ambient temperature
-40...+85 °C (-40...+185 °F)
Insulation co-ordination
rated impulse
pollution
(IEC 60664 and 60664A)
withstand voltage
degree
2.5 kV
2
reinforced insulation in operating area
Dielectric strength
(IEC 60664 and 60664A)
operating area
test voltage AC 3,000 V
Line to Load
test voltage AC 1,500 V
pole to pole (2- and 3-pole)
test voltage AC 1,500 V
main to auxiliary circuit
test voltage AC 3,000 V
switching to trip circuit
test voltage AC 1,500 V
(version -X)
Insulation resistance
> 100 MΩ (DC 500 V)
Interrupting capacity
6 x IN at AC;
IEC 60934 - test sequence E 4 x IN at DC
Interrupting capacity
IN
0.02...20 A
25...30 A
(UL 1077)
AC:
1-pole
AC 250 V/3,500A AC 250 V/3,500A
2-pole
AC 250 V/3,500A AC 250 V/5,000A
3-pole
3AC 250V/3,500A 3AC250V/5,000A
DC:
1-pole
0.02...50 A
DC 80 V/3,500 A
2-pole
0.02...30 A
DC 80 V/3500 A
Degree of protection
operating area IP40
(IEC 60529/DIN 40050)
terminal area IP00
Vibration
with toggle down:
10 g (57-2000Hz) ± 0.76 mm (10-57 Hz)
at 0.9 x IN
directions 1, 2, 3, 4, 5:
10 g (57-2000 Hz) at 1 x IN.
Shock
100 g (11 ms) at 1 x IN, directions 1,2,3,4,5
100 g (11 ms) at 0.8 x IN, direction 6.
Corrosion
96 hours at 5 % salt mist,
to IEC 60068-2-11, test Ka
Humidity
240 hours at 95 % RH
to IEC 60068-2-78, test Cab
Mass
approx. 65 g per pole
Standard current ratings and typical internal resistance values
Current
rating (A)
Internal resistance values (Ω) per pole
F1
F2
K1, M1, T1 K2, M2, T2
0,02
1 493
953
2 669
2 457
0,05
276
152
452
376
0,1
58
37
100
94
0,25
8,2
6,0
15,5
14,7
0,5
2,3
1,47
3,9
3,2
0,75
0,98
0,63
1,65
1,56
1
0,58
0,35
0,95
0,90
2
0,145
0,096
0,26
0,20
2,5
0,096
0,061
0,15
0,15
3
0,065
0,048
0,10
0,10
5
0,025
< 0,02
0,042
0,040
6
< 0,02
< 0,02
0,029
0,028
8
< 0,02
< 0,02
< 0,02
< 0,02
10
< 0,02
< 0,02
< 0,02
< 0,02
12
< 0,02
< 0,02
< 0,02
< 0,02
15
< 0,02
< 0,02
< 0,02
< 0,02
16
< 0,02
< 0,02
< 0,02
< 0,02
20
< 0,02
< 0,02
< 0,02
< 0,02
25
< 0,02
< 0,02
< 0,02
< 0,02
30
< 0,02
< 0,02
< 0,02
< 0,02
40
< 0,01
-
< 0,01
-
50
< 0,01
-
< 0,01
-


Similar Part No. - 8340-F430-K4K1

ManufacturerPart #DatasheetDescription
logo
ETAL Group
8340-G ETAL-8340-G Datasheet
320Kb / 6P
   Magnetic and Hydraulic-Magnetic Circuit Breaker
8340-G210-K4E1 ETAL-8340-G210-K4E1 Datasheet
320Kb / 6P
   Magnetic and Hydraulic-Magnetic Circuit Breaker
8340-G210-K4E2 ETAL-8340-G210-K4E2 Datasheet
320Kb / 6P
   Magnetic and Hydraulic-Magnetic Circuit Breaker
8340-G210-K4F4 ETAL-8340-G210-K4F4 Datasheet
320Kb / 6P
   Magnetic and Hydraulic-Magnetic Circuit Breaker
8340-G210-K4F5 ETAL-8340-G210-K4F5 Datasheet
320Kb / 6P
   Magnetic and Hydraulic-Magnetic Circuit Breaker
More results

Similar Description - 8340-F430-K4K1

ManufacturerPart #DatasheetDescription
logo
ETAL Group
2215-G1 ETAL-2215-G1 Datasheet
207Kb / 4P
   Control equipment, communications systems, instrumentation
8340-T ETAL-8340-T Datasheet
409Kb / 6P
   Power supplies, control equipment, communication systems, EDP systems
3500-P10 ETAL-3500-P10 Datasheet
154Kb / 2P
   Control systems, instrumentation, medical equipment, machine tools, robotics, communications systems
3600-P10 ETAL-3600-P10 Datasheet
310Kb / 4P
   Process control systems, instrumentation, communications systems,
8335-F ETAL-8335-F Datasheet
441Kb / 6P
   Communications systems, power supplies, switchgear and controlgear industrial process measurement and control
logo
ITT Industries
PCB-ZD ITT-PCB-ZD Datasheet
62Kb / 1P
   D Subminiature Aerospace Communication Systems Information Systems Medical Test Equipment Transportation
PCB-DM ITT-PCB-DM Datasheet
64Kb / 1P
   D Subminiature Aerospace Communication Systems Information Systems Medical Test Equipment Transportation
logo
ATMEL Corporation
ATDVK90CAN1 ATMEL-ATDVK90CAN1 Datasheet
1Mb / 6P
   Automotive and Transportation Systems
logo
PCTEL, Inc.
BMLPVDB700-2500 PCTEL-BMLPVDB700-2500 Datasheet
689Kb / 2P
   ANTENNA SOLUTIONS FOR INTELLIGENT TRANSPORTATION SYSTEMS
July 2021
logo
Toshiba Semiconductor
TLP3103 TOSHIBA-TLP3103 Datasheet
318Kb / 7P
   Measurement Equipment FA (Factory Automation) Power Line Control Security Systems
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com