Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4230-T110-K0BU-5A Datasheet(PDF) 9 Page - ETAL Group

Part # 4230-T110-K0BU-5A
Description  Protection of cables, motors, generators and transformers, thyristors and silicon rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

4230-T110-K0BU-5A Datasheet(HTML) 9 Page - ETAL Group

Back Button 4230-T110-K0BU-5A Datasheet HTML 4Page - ETAL Group 4230-T110-K0BU-5A Datasheet HTML 5Page - ETAL Group 4230-T110-K0BU-5A Datasheet HTML 6Page - ETAL Group 4230-T110-K0BU-5A Datasheet HTML 7Page - ETAL Group 4230-T110-K0BU-5A Datasheet HTML 8Page - ETAL Group 4230-T110-K0BU-5A Datasheet HTML 9Page - ETAL Group 4230-T110-K0BU-5A Datasheet HTML 10Page - ETAL Group 4230-T110-K0BU-5A Datasheet HTML 11Page - ETAL Group 4230-T110-K0BU-5A Datasheet HTML 12Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.e-t-a.de
9
Accessories - Busbars for 4230-T...
1638
1
Accessories - Busbars for 4230-T...
Busbars UL 489, cannot be cut to length
17.6
5
5x17.6 = 88
99
15.5
1.5
max. 1.5
74.2
48.5
16.1
48.2
16
13
7
3.6
Number of poles
Number of
modules
part no.
1-pole
6
X4230-BU106P16A
1-pole
12
X4230-BU112P16A
1-pole
18
X4230-BU118P16A
2-pole
6
X4230-BU206P16A
2-pole
12
X4230-BU212P16A
2-pole
18
X4230-BU218P16A
3-pole
6
X4230-BU306P16A
3-pole
12
X4230-BU312P16A
3-pole
18
X4230-BU318P16A
Busbars for the connection of circuit breakers
type 4230-..U.. to
UL489. Depending on busbar type suitable for up to 18 poles.
Busbar cross section:
16 mm²
Max. busbar current Is:
115 A
Short circuit strength Icc:
10 kA
Max. operating voltage:
480 V AC/DC
Degree of protection:
IP20
Step size:
17.6 mm
Accessories for busbars UL489 that cannot be cut to length:
supply terminal
part no. X4230-FTU35
Cross-section
2.5-35 mm² (2–14 AWG),
Tightening torque:
5.5 Nm (50 lbf.in)
Ampacity:
max. 115 A
Accessories for busbars UL489 that cannot be cut to length:
Terminal block
part no. X4230-FBU50
Cross-section
1.5–50 mm² (1–14 AWG),
solid/stranded
1.5-35 mm² (2–14 AWG),
finely stranded with wire
end ferrule:
Tightening torque:
supply: 3.5 Nm (35 lbf.in)
output (track side):
2.5 Nm (22 lbf.in)
Ampacity:
max. 115 A
Protection against brush contact
part no. X4230-TC1
Approvals
Approval
authority
Standard
Types
UL
UL 489
X4230-BU...
UL
UL 508
X4230-BR…


Similar Part No. - 4230-T110-K0BU-5A

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
4230-00 PEREGRINE-4230-00 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
4230-21 PEREGRINE-4230-21 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
4230-22 PEREGRINE-4230-22 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
4230-51 PEREGRINE-4230-51 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
4230-52 PEREGRINE-4230-52 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
More results

Similar Description - 4230-T110-K0BU-5A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
410-K ETAL-410-K Datasheet
318Kb / 4P
   Motors, generators, transformers, thyristors and silicon rectifiers
logo
List of Unclassifed Man...
GV2P07 ETC-GV2P07 Datasheet
1Mb / 50P
   Accurate and reliable control of motors
logo
ETAL Group
1140-E211-P1M1 ETAL-1140-E211-P1M1 Datasheet
292Kb / 2P
   Motors, transformers, solenoids, hand-held machines and appliances
logo
STMicroelectronics
TN1173 STMICROELECTRONICS-TN1173 Datasheet
336Kb / 23P
   Packing information for IPAD?? protection, rectifiers, thyristors and AC Switches
November 2016 Rev 4
logo
ETAL Group
2-6400 ETAL-2-6400 Datasheet
212Kb / 4P
   Motors, transformers, solenoids, controls for oil and gas boilers
logo
PHOENIX CONTACT
1424661 PHOENIX-1424661 Datasheet
89Kb / 4P
   Reliable and quick connection of electric cables
1424649 PHOENIX-1424649 Datasheet
87Kb / 4P
   Reliable and quick connection of electric cables
logo
XFMRS Inc.
ISO9001-CERT XFMRS-ISO9001-CERT Datasheet
676Kb / 6P
   Design and manufacture of chokes, inductors, transformers and connectors
logo
ETRI
9601-36 ETRI-9601-36 Datasheet
82Kb / 1P
   PLUGS AND CABLES
logo
New Jersey Semi-Conduct...
2N5164 NJSEMI-2N5164 Datasheet
198Kb / 2P
   THYRISTORS SILICON CONTROLLED RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com