Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8340-G230-R1E1 Datasheet(PDF) 4 Page - ETAL Group

Part # 8340-G230-R1E1
Description  Magnetic and Hydraulic-Magnetic Circuit Breaker
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8340-G230-R1E1 Datasheet(HTML) 4 Page - ETAL Group

  8340-G230-R1E1 Datasheet HTML 1Page - ETAL Group 8340-G230-R1E1 Datasheet HTML 2Page - ETAL Group 8340-G230-R1E1 Datasheet HTML 3Page - ETAL Group 8340-G230-R1E1 Datasheet HTML 4Page - ETAL Group 8340-G230-R1E1 Datasheet HTML 5Page - ETAL Group 8340-G230-R1E1 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8340-G2...
www.e-t-a.de
1646
4
1
Typical time/current characteristics
… times rated current
0,1
0,01
0,001
10000
1000
12
46
812
100
10
1
3
05
79
10
11
Curve H1 for DC (medium delay)
… times rated current
0,1
0,01
0,001
10000
1000
12
46
812
100
10
1
3
05
79
10
11
10000
1000
12
46
812
… times rated current
100
10
1
0,1
0,01
0,001
3
05
79
10
11
Curve F4 for DC, magnetic (instantaneous)
(IN >20 A, 50% ON period, 60 min.) at +23 °C / +73.4 °F
Curve F5 for AC 50/60 Hz (instantaneous)
(IN > 20 A, 50 % ED/60 min.)
Curve E1 for DC (short delay)
… times rated current
0,1
0,01
0,001
10000
1000
12
46
812
100
10
1
3
05
79
10
11
Curve E2 (short delay) for AC 50/60 Hz
… times rated current
0,1
0,01
0,001
10000
1000
12
46
812
100
10
1
3
05
79
10
11
Curve H2 (medium delay) for AC 50/60 Hz
… times rated current
0,1
0,01
0,001
10000
1000
12
46
812
100
10
1
3
05
79
10
11
10000
1000
12
46
812
… times rated current
100
10
1
0,1
0,01
0,001
3
05
79
10
11
Curve R1 for DC (long delay)
… times rated current
0,1
0,01
0,001
10000
1000
12
46
812
100
10
1
3
05
79
10
11
Curve R2 (long delay) for AC 50/60 Hz


Similar Part No. - 8340-G230-R1E1

ManufacturerPart #DatasheetDescription
logo
ETAL Group
8340-F ETAL-8340-F Datasheet
463Kb / 6P
   Control equipment, communications systems, transportation, power supplies
8340-F110-K4F1 ETAL-8340-F110-K4F1 Datasheet
463Kb / 6P
   Control equipment, communications systems, transportation, power supplies
8340-F110-K4F2 ETAL-8340-F110-K4F2 Datasheet
463Kb / 6P
   Control equipment, communications systems, transportation, power supplies
8340-F110-K4K1 ETAL-8340-F110-K4K1 Datasheet
463Kb / 6P
   Control equipment, communications systems, transportation, power supplies
8340-F110-K4K2 ETAL-8340-F110-K4K2 Datasheet
463Kb / 6P
   Control equipment, communications systems, transportation, power supplies
More results

Similar Description - 8340-G230-R1E1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8340-T110-K1M1-ALH126-10A ETC-8340-T110-K1M1-ALH126-10A Datasheet
410Kb / 6P
   Magnetic and Hydraulic-Magnetic Circuit Breaker 8340-T...
logo
Littelfuse
AM2-X0-14-101-X01-C LITTELFUSE-AM2-X0-14-101-X01-C Datasheet
2Mb / 27P
   Hydraulic-Magnetic Circuit Breaker
logo
Tyco Electronics
W67-X2Q12-20 MACOM-W67-X2Q12-20 Datasheet
146Kb / 6P
   Magnetic Hydraulic Circuit Breakers
logo
List of Unclassifed Man...
IEG6-36902-2-V ETC2-IEG6-36902-2-V Datasheet
2Mb / 24P
   Hydraulic Magnetic Circuit Protectors
LELK1-30299-176-V ETC2-LELK1-30299-176-V Datasheet
2Mb / 28P
   Hydraulic Magnetic Circuit Protectors
logo
Sensata Technologies, I...
IAG SENSATA-IAG Datasheet
2Mb / 24P
   Hydraulic Magnetic Circuit Protectors
logo
Tyco Electronics
2-1393253-5 MACOM-2-1393253-5 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-7 MACOM-2-1393254-7 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-8 MACOM-2-1393253-8 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
W68-X2Q110-15 MACOM-W68-X2Q110-15 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com