Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1659-G22-01-P13-10A Datasheet(PDF) 1 Page - ETAL Group

Part # 1659-G22-01-P13-10A
Description  Power tools, Industrial equipment, Medical equipment, Power generators, Motors, Battery chargers, UPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

1659-G22-01-P13-10A Datasheet(HTML) 1 Page - ETAL Group

  1659-G22-01-P13-10A Datasheet HTML 1Page - ETAL Group 1659-G22-01-P13-10A Datasheet HTML 2Page - ETAL Group 1659-G22-01-P13-10A Datasheet HTML 3Page - ETAL Group 1659-G22-01-P13-10A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Thermal Overcurrent Circuit Breaker 1659-...
www.e-t-a.de
050215
1
1
Description
Typical applications
Ordering information
Technical data
Single pole thermal reset circuit breaker in a miniaturised design
intended for thread neck mounting. Easy and quick reset after
tripping due to overcurrent. Trip-free mechanism and automatic
disconnection in the event of an overcurrent, even with a blocked
actuator button. R-Type TO CBE to EN60934. Very cost effective
design to meet international requirements.
l
Manual reset, trip free mechanism
l
Extremely small and lightweight
Power tools, Industrial equipment, Medical equipment, Power generators,
Motors, Battery chargers, UPS.
1659-...
Standard current ratings and typical resistance
Type No.
1659 single pole thermal circuit breaker, black body
Threadneck design
G11 M11x1,0 (Plastic), white push-to-reset button
G12 M11x1,0 (Plastic), black push-to-reset button
G21 3/8“-24 UNF (Plastic), white push-to-reset button
G22 3/8“-24 UNF (Plastic), black push-to-reset button
Hardware
00 no hardware
01 one integrated knurled nut (plastic),
Y 310 777 01 for M11, Y 310 778 01 for 3/8“, bulk
Terminals
P10 blade terminals A6.3-0,8 (QC .250)
P13 blade terminals A6.3-0,8 (QC .250), 90°
S83 bent screw terminals 8-32 UNC
Current ratings
5/6/7/8/10/12/15/20/25/30 A
1659-G21 -01 - P10 -5 A
Ordering example
Approvals
Current
rating (A)
Typical
Resistance (Ω)
Current
rating (A)
Typical
Resistance (Ω)
5 A
0.225
12 A
0.125
6 A
0.175
15 A
0.050
7 A
0.175
20 A
0.040
8 A
0.175
25 A
0.030
10 A
0.125
30 A
0.020
Voltage rating
AC 250 V, DC 32 V
Current ratings
5...30 A
Typical life
500 operations at 1.5 x In resistive
AC 125 V
Behaviour at rated
switching capacity
(EN 60934;
test sequence D)
operat. IN
UN
40
5...25 A AC 250 V
6 x In ind.
40
5...30 A AC 250 V
6 x In resis.
40
5...30 A DC 32 V
4 x In ind.
Ambient temperatur
-10 °C to +60 °C (+14...+140° F)
Insulation co-ordination
(IEC 60664)
2,5 kV/2 reinforced insulation in
operating area
Dielectric strength
operating area
test voltage AC 3,000 V
Insulation resistance
> 500 MΩ
Interrupting capacity (Icn) IN
UN
5...30 A
AC 250 V
6 x In
5...30 A
DC 32 V
6 x In
Interrupting capacity
(UL 1077)
IN
UN
INC
5...30 A
AC 250 V 1000 A, C, 1
5...30 A
AC 250 V 400 A, U, 3
5...30 A
DC 50 V
300 A, C, 1
Degree of protection
(IEC 60529)
operating area IP40
terminal area IP00
Vibration
57 Hz acceleration 30m/s2 (3 g)
in X.Y.Z. direction (2 timesl/min.)
Shock
300m/s2 (30 g) in X.Y.Z. direction
Mass
approx. 22 g
Authority
Standard
Voltage rating
Current ratings
UL
UL 1077
(E67320)
AC 250 V
DC 50 V
5 A...30 A
5 A...30 A
TÜV SÜD
EN 60934
IEC 60934
AC 250 V
DC 32 V
5 A...30 A
5 A...30 A
UL
UL 1500
AC 250 V
DC 50 V
5 A...30 A
5 A...30 A


Similar Part No. - 1659-G22-01-P13-10A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1659 ETC2-1659 Datasheet
493Kb / 1P
   Space saving design for high density packaging
logo
Schurter Inc.
1659 SCHURTER-1659 Datasheet
272Kb / 4P
   IEC Appliance Inlet C22, for very hot conditions, Screw-on or Snap-in Mounting, Front Side
1659 SCHURTER-1659 Datasheet
278Kb / 3P
   IEC Connector C21, for very hot conditions 155, Rewireable, Angled
1659 SCHURTER-1659 Datasheet
287Kb / 3P
   IEC Connector C21, for very hot conditions 155째C, Rewireable, Angled
1659 SCHURTER-1659 Datasheet
288Kb / 3P
   IEC Connector C21, for very hot conditions 155째C, Rewireable, Angled
10.12.2021
More results

Similar Description - 1659-G22-01-P13-10A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
1657-G21 ETAL-1657-G21 Datasheet
131Kb / 4P
   Power tools, Industrial equipment, Medical equipment, Power generators, Motors, Battery chargers, UPS
1658-G21 ETAL-1658-G21 Datasheet
267Kb / 4P
   Battery chargers, consumer products, power supplies, motors
3300-IG2 ETAL-3300-IG2 Datasheet
229Kb / 4P
   Control systems, instrumentation, medical equipment, machine tools, robotics
logo
Amphenol Corporation
S6046C AMPHENOL-S6046C Datasheet
264Kb / 3P
   Medical equipment
logo
Hirose Electric
PX10-AF6WP HIROSE-PX10-AF6WP_06 Datasheet
432Kb / 8P
   Power Supply Connectors For Industrial Equipment
PX HIROSE-PX_18 Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
PX10-AF6WP HIROSE-PX10-AF6WP Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
logo
Guangdong Youtai Semico...
AQXX-02HTG UMW-AQXX-02HTG Datasheet
844Kb / 7P
   Industrial Equipment
logo
Vitec Power
SHDA100 Vitec-SHDA100 Datasheet
385Kb / 2P
   100W Desktop Power Supply for Medical Equipment
SHDA100-SERIES Vitec-SHDA100-SERIES Datasheet
374Kb / 2P
   100W Desktop Power Supply for Medical Equipment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com