Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS-0097 Datasheet(PDF) 3 Page - All Sensors Corporation

Part # DS-0097
Description  MiniatureAmplifiedPressureSensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DS-0097 Datasheet(HTML) 3 Page - All Sensors Corporation

  DS-0097 Datasheet HTML 1Page - All Sensors Corporation DS-0097 Datasheet HTML 2Page - All Sensors Corporation DS-0097 Datasheet HTML 3Page - All Sensors Corporation DS-0097 Datasheet HTML 4Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
All Sensors
DS-0097 Rev A
Parameter, note 1
Operating Range, pressure
Output Voltage, @5 cmH2O
Output Voltage @ zero pressure
Output Voltage @-0.2 cmH2O
Offset Temperature Shift (5°C-50°C), note 2
Offset Warm-up Shift, note 3
Offset Position Sensitivity (±1g)
Offset Long Term Drift (one year)
Linearity, hysteresis error, note 4
Span Shift (5°C-50°C), note 2
Minimum
-0.2
4.40
0.30
0.13
Nominal
4.5
0.35
0.18
±15
±15
±20
0.05
Maximum
5
4.6
0.40
0.23
±1.0
±0.25
±1.0
Units
cmH2O
volt
volt
volt
%span
mvolt
mvolt
mvolt
%fs
%span
Parameter, note 1
Operating Range, pressure
Output Voltage, @20 cmH2O
Output Voltage @ zero pressure
Output Voltage @-0.2 cmH2O
Offset Temperature Shift (5°C-50°C), note 2
Offset Warm-up Shift, note 3
Offset Position Sensitivity (±1g)
Offset Long Term Drift (one year)
Linearity, hysteresis error, note 4
Span Shift (5°C-50°C), note 2
Minimum
-0.2
4.40
0.30
0.25
Nominal
4.5
0.35
0.30
±10
±10
±10
0.05
Maximum
20
4.6
0.40
0.35
±1.0
±0.25
±1.0
Units
cmH2O
volt
volt
volt
%span
mvolt
mvolt
mvolt
%fs
%span
Parameter, note 1
Operating Range, pressure
Output Voltage, @120 cmH2O
Output Voltage @ zero pressure
Output Voltage @-10 cmH2O
Offset Temperature Shift (5°C-50°C), note 2
Offset Warm-up Shift, note 3
Offset Position Sensitivity (±1g)
Offset Long Term Drift (one year)
Linearity, hysteresis error, note 4
Span Shift (5°C-50°C), note 2
Minimum
-10
4.40
0.30
0.23
Nominal
4.5
0.35
0.28
±15
±15
±20
0.05
Maximum
120
4.6
0.40
0.33
±1.0
±0.25
±1.0
Units
cmH2O
volt
volt
volt
%span
mvolt
mvolt
mvolt
%fs
%span
Performance Characteristics for 5 cmH2O-D1-4V-MINI
Performance Characteristics for 20 cmH2O-D1-4V-MINI
Performance Characteristics for 120 cmH2O-D1-4V-MINI


Similar Part No. - DS-0097

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0090 ASC-DS-0090 Datasheet
98Kb / 4P
   Millivolt Output Prime Pressure Sensors
DS-0091 ASC-DS-0091 Datasheet
122Kb / 4P
   Millivolt Output Pressure Sensors
DS-0094 ASC-DS-0094 Datasheet
46Kb / 4P
   Millivolt Output Pressure Sensors
DS-0095 ASC-DS-0095 Datasheet
234Kb / 5P
   Millivolt Output Pressure Sensors
DS-00951 ASC-DS-00951 Datasheet
234Kb / 5P
   Millivolt Output Pressure Sensors
More results

Similar Description - DS-0097

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
120CMH2O-D1-4V-MINI ASC-120CMH2O-D1-4V-MINI Datasheet
103Kb / 4P
   MiniatureAmplifiedPressureSensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com