Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3295 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3295
Description  PLASTIC ENCAPSULATED DEVICES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3295 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX3295 Datasheet HTML 1Page - Maxim Integrated Products MAX3295 Datasheet HTML 2Page - Maxim Integrated Products MAX3295 Datasheet HTML 3Page - Maxim Integrated Products MAX3295 Datasheet HTML 4Page - Maxim Integrated Products MAX3295 Datasheet HTML 5Page - Maxim Integrated Products MAX3295 Datasheet HTML 6Page - Maxim Integrated Products MAX3295 Datasheet HTML 7Page - Maxim Integrated Products MAX3295 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Attachment #1
TABLE II. Pin combination to be tested. 1/ 2/
1/ Table II is restated in narrative form in 3.4 below.
2/ No connects are not to be tested.
3/ Repeat pin combination I for each named Power supply and for ground
(e.g., where VPS1 is VDD, VCC, VSS, VBB, GND, +VS, -VS, VREF, etc).
3.4
Pin combinations to be tested.
a.
Each pin individually connected to terminal A with respect to the device ground pin(s) connected
to terminal B. All pins except the one being tested and the ground pin(s) shall be open.
b.
Each pin individually connected to terminal A with respect to each different set of a combination
of all named power supply pins (e.g., VSS1, or VSS2 or VSS3 or VCC1, or VCC2) connected to
terminal B. All pins except the one being tested and the power supply pin or set of pins shall be
open.
c.
Each input and each output individually connected to terminal A with respect to a combination of
all the other input and output pins connected to terminal B. All pins except the input or output pin
being tested and the combination of all the other input and output pins shall be open.
Terminal A
(Each pin individually
connected to terminal A
with the other floating)
Terminal B
(The common combination
of all like-named pins
connected to terminal B)
1.
All pins except VPS1 3/
All VPS1 pins
2.
All input and output pins
All other input-output pins
Mil Std 883D
Method 3015.7
Notice 8
REGULATED
HIGH VOLTAGE
SUPPLY
TERMINAL D
DUT
SOCKET
TERMINAL C
TERMINAL B
TERMINAL A
CURRENT
PROBE
(NOTE 6)
R = 1.5k
C = 100pf
SHORT
R2
S2
S1
R1
C1


Similar Part No. - MAX3295

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3295 MAXIM-MAX3295 Datasheet
316Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 1; 2/03
MAX3295AUT MAXIM-MAX3295AUT Datasheet
295Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Rev 3; 3/11
MAX3295AUT+T MAXIM-MAX3295AUT+T Datasheet
295Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Rev 3; 3/11
MAX3295AUT+T MAXIM-MAX3295AUT+T Datasheet
1Mb / 11P
   20Mbps, 3.3V, SOT23 RS-485/RS-422 Transmitters
Rev 4; 12/14
MAX3295AUT+T MAXIM-MAX3295AUT+T Datasheet
1Mb / 12P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 5; 4/19
More results

Similar Description - MAX3295

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX321AXK MAXIM-LMX321AXK Datasheet
91Kb / 5P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 26, 2002
MAX1818EUAT MAXIM-MAX1818EUAT Datasheet
96Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A November 12, 2002
MAX4007EUT MAXIM-MAX4007EUT Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 28, 2003
MAX6713ZEXS MAXIM-MAX6713ZEXS Datasheet
58Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A December 17, 2001
MAX9018AEKA MAXIM-MAX9018AEKA Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A September 22, 2003
MAX1546ETL MAXIM-MAX1546ETL Datasheet
123Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 8, 2003
MAX1951ESA MAXIM-MAX1951ESA Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 14, 2003
MAX8546EUB MAXIM-MAX8546EUB Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A August 9, 2003
MAX6101EUR MAXIM-MAX6101EUR Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 14, 2003
MAX6900ETT MAXIM-MAX6900ETT Datasheet
47Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 13, 2003
MAX3801UGG MAXIM-MAX3801UGG Datasheet
68Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com