Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8538 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MAX8538
Description  PLASTIC ENCAPSULATED DEVICES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MAX8538 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MAX8538 Datasheet HTML 1Page - List of Unclassifed Manufacturers MAX8538 Datasheet HTML 2Page - List of Unclassifed Manufacturers MAX8538 Datasheet HTML 3Page - List of Unclassifed Manufacturers MAX8538 Datasheet HTML 4Page - List of Unclassifed Manufacturers MAX8538 Datasheet HTML 5Page - List of Unclassifed Manufacturers MAX8538 Datasheet HTML 6Page - List of Unclassifed Manufacturers MAX8538 Datasheet HTML 7Page - List of Unclassifed Manufacturers MAX8538 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Conclusion
The MAX8538 successfully meets the quality and reliability standards required of all Maxim products. In addition,
Maxim’s continuous reliability monitoring program ensures that all outgoing product will continue to meet Maxim’s quality
and reliability standards.
Table of Contents
I. ........Device Description
V. ........Quality Assurance Information
II. ........Manufacturing Information
VI. .......Reliability Evaluation
III. .......Packaging Information
IV. .......Die Information
.....Attachments
I. Device Description
A. General
The MAX8538 is configured as a dual out-of-phase controller for point-of-load supplies. Each buck controller can
source or sink up to 25A of current, while the termination reference can supply up to 15mA output.
The MAX8538 uses constant-frequency voltage-mode architecture with operating frequencies of 200kHz to 1.4MHz.
An internal high- bandwidth (25MHz) operational amplifier is used as an error amplifier to regulate the output voltage.
This allows fast transient response, reducing the number of output capacitors. An all-N-FET design optimizes
efficiency and cost. The MAX8538 has a 1% accurate reference.
The controller uses a high-side current-sense architecture for current limiting. ILIM pins allow the setting of an
adjustable, lossless current limit for different combinations of load current and RDSON. Alternately, more accurate
overcurrent limit is achieved by using a sense resistor in series with the high-side FET. Overvoltage protection is
achieved by latching off the high-side MOSFET and latching on the low-side MOSFET when the output voltage
exceeds 17% of its set output. Independent enable, power-good, and soft-start features enhance flexibility.
B. Absolute Maximum Ratings
Item
Rating
V+ to GND
-0.3V to +25V
AVL, VL to GND
-0.3V to +6V
PGND to GND
-0.3V to +0.3V
FB_, EN_, POK_ to GND
-0.3V to +6V
REFIN, VTTR, FREQ, SS_, COMP_ to GND
.-0.3V to (AVL + 0.3V)
BST_, ILIM_ to GND
-0.3V to +30V
DH1 to LX1
-0.3V to (BST1 + 0.3V)
DH2 to LX2
-0.3V to (BST2 + 0.3V)
LX_ to BST_
-6V to +0.3V
LX_ to GND
-2V to +25V
DL_ to PGND
-0.3V to (VL + 0.3V)
Operating Temperature Range
-40°C to +85°C
Junction Temperature
+150°C
Storage Temperature Range
-65°C to +150°C
Lead Temperature (soldering, 10s)
+300°C
Continuous Power Dissipation (TA = +70°C)
28-Pin QSOP
860mW
Derates above +70°C
28-Pin QSOP
10.8mW/°C


Similar Part No. - MAX8538

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8538EEI MAXIM-MAX8538EEI Datasheet
414Kb / 23P
   Dual-Synchronous Buck Controllers for Point-of-Load, Tracking, and DDR Memory Power Supplies
Rev 0; 1/04
More results

Similar Description - MAX8538

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX321AXK MAXIM-LMX321AXK Datasheet
91Kb / 5P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 26, 2002
MAX1818EUAT MAXIM-MAX1818EUAT Datasheet
96Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A November 12, 2002
MAX4007EUT MAXIM-MAX4007EUT Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 28, 2003
MAX6713ZEXS MAXIM-MAX6713ZEXS Datasheet
58Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A December 17, 2001
MAX9018AEKA MAXIM-MAX9018AEKA Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A September 22, 2003
MAX1546ETL MAXIM-MAX1546ETL Datasheet
123Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 8, 2003
MAX1951ESA MAXIM-MAX1951ESA Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 14, 2003
MAX8546EUB MAXIM-MAX8546EUB Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A August 9, 2003
MAX6101EUR MAXIM-MAX6101EUR Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 14, 2003
MAX6900ETT MAXIM-MAX6900ETT Datasheet
47Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 13, 2003
MAX3801UGG MAXIM-MAX3801UGG Datasheet
68Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com