Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8561ETA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8561ETA
Description  PLASTIC ENCAPSULATED DEVICES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8561ETA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8561ETA Datasheet HTML 1Page - Maxim Integrated Products MAX8561ETA Datasheet HTML 2Page - Maxim Integrated Products MAX8561ETA Datasheet HTML 3Page - Maxim Integrated Products MAX8561ETA Datasheet HTML 4Page - Maxim Integrated Products MAX8561ETA Datasheet HTML 5Page - Maxim Integrated Products MAX8561ETA Datasheet HTML 6Page - Maxim Integrated Products MAX8561ETA Datasheet HTML 7Page - Maxim Integrated Products MAX8561ETA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Table 1
Reliability Evaluation Test Results
MAX8561ETA
TEST ITEM
TEST CONDITION
FAILURE
SAMPLE
NUMBER OF
IDENTIFICATION
PACKAGE
SIZE
FAILURES
Static Life Test (Note 1)
Ta = 135
°C
DC Parameters
48
0
Biased
& functionality
Time = 192 hrs.
Moisture Testing (Note 2)
Pressure Pot
Ta = 121
°C
DC Parameters
QFN
77
0
P = 15 psi.
& functionality
RH= 100%
Time = 168hrs.
85/85
Ta = 85
°C
DC Parameters
77
0
RH = 85%
& functionality
Biased
Time = 1000hrs.
Mechanical Stress (Note 2)
Temperature
-65
°C/150°C
DC Parameters
77
0
Cycle
1000 Cycles
& functionality
Method 1010
Note 1: Life Test Data may represent plastic DIP qualification lots.
Note 2: Generic Package/Process data


Similar Part No. - MAX8561ETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8561ETA+T MAXIM-MAX8561ETA+T Datasheet
819Kb / 12P
   4MHz, 500mA Synchronous Step-Down DC-DC Converters in Thin SOT and TDFN
2005
MAX8561ETA-T MAXIM-MAX8561ETA-T Datasheet
819Kb / 12P
   4MHz, 500mA Synchronous Step-Down DC-DC Converters in Thin SOT and TDFN
2005
More results

Similar Description - MAX8561ETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX321AXK MAXIM-LMX321AXK Datasheet
91Kb / 5P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 26, 2002
MAX1818EUAT MAXIM-MAX1818EUAT Datasheet
96Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A November 12, 2002
MAX4007EUT MAXIM-MAX4007EUT Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 28, 2003
MAX6713ZEXS MAXIM-MAX6713ZEXS Datasheet
58Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A December 17, 2001
MAX9018AEKA MAXIM-MAX9018AEKA Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A September 22, 2003
MAX1546ETL MAXIM-MAX1546ETL Datasheet
123Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 8, 2003
MAX1951ESA MAXIM-MAX1951ESA Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 14, 2003
MAX8546EUB MAXIM-MAX8546EUB Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A August 9, 2003
MAX6101EUR MAXIM-MAX6101EUR Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 14, 2003
MAX6900ETT MAXIM-MAX6900ETT Datasheet
47Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 13, 2003
MAX3801UGG MAXIM-MAX3801UGG Datasheet
68Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com