Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-455888-7 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 2-455888-7
Description  Ocean side-feed applicators are available with either a mechanical feed, air feed, or servo feed system
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2-455888-7 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  2-455888-7 Datasheet HTML 1Page - TE Connectivity Ltd 2-455888-7 Datasheet HTML 2Page - TE Connectivity Ltd 2-455888-7 Datasheet HTML 3Page - TE Connectivity Ltd 2-455888-7 Datasheet HTML 4Page - TE Connectivity Ltd 2-455888-7 Datasheet HTML 5Page - TE Connectivity Ltd 2-455888-7 Datasheet HTML 6Page - TE Connectivity Ltd 2-455888-7 Datasheet HTML 7Page - TE Connectivity Ltd 2-455888-7 Datasheet HTML 8Page - TE Connectivity Ltd 2-455888-7 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
408-10390
Rev M1
3 of 18
The Ocean applicator can be used in various machines, provided the machine has the proper stroke length and
all the necessary equipment.
There are two basic applicator design styles, Atlantic and Pacific, to meet many of the terminator and
leadmaker configurations worldwide (see Figure 4).
Though the applicator ram and base plate interfaces are different, most of the Ocean applicator features and
adjustments are the same.
The terminal strip must be fed into the applicator, with the wire barrels facing up and first into the applicator,
between the strip guide plates. It will pass the stock drag, and the lead terminal will be positioned over the anvil
(for pre-feed applicators) or one terminal length from the anvil (for post-feed applicators). The feed pawl will
feed one terminal during each cycle of the machine. The ram post (also referred to as the ram mounting post)
will engage the post adapter of the machine ram and the machine ram will actuate the applicator.
The ram post interface is located just below the wire crimp disc, which is designed with a spring-loaded
adjustment mechanism for precise crimp height adjustment increments of 0.01 mm [.0004 in.] and a total
adjustment range of 1.50 mm [.059 in.]. By rotating the wire crimp disc, the ram interface raises and lowers
relative to the applicator housing. The indicator notch of the ram points to the numbers on the outer diameter of
the wire crimp disc, indicating a relative crimp height. For proper crimp height, the number on the wire crimp
disc must correspond to the number on the applicator identification tag and log sheet.
The wire crimper is held in a pre-set position by the ram and the crimper bolt. The insulation crimper and the
front shear depressor are also held by the crimper bolt. The insulation crimper is free to move up and down so
that the insulation crimp height can be adjusted via the insulation crimp dial by pulling the spring-loaded dial out
slightly and rotating to a different number.
The slug blade, which cuts the connection tab from the strip between the lead and second terminals, is also
attached to the bottom of the ram. The spring-loaded terminal hold-down, located on the ram, holds the
terminal in place during the crimping and slugging process.
The applicator mounting surface is the base plate. The anvil, strip guide plate, and applicator housing are
mounted on the base plate. The strip guides, stock drag, front and rear shear plates, and strip hold-down plate
are all mounted on the strip guide plate. The shear plates are spaced to allow the slug blade to pass between
them, removing the connecting tab between the terminals.
(Atlantic)
(Pacific)
Figure 4
Bosses
Machine Ram
for Ram Post
Adapter
Ram Post
Wire Crimp
Disc
Applicator
Ram
Terminal
Hold-Down
Insulation Crimper
Wire Crimper
Machine Ram
for Ram Post
Adapter
Ram Clamp
Applicator
Ram
Insulation
Crimp Dial
Crimper Bolt
Insulation Crimper
Terminal
Hold-Down
Basic Applicator Design Styles


Similar Part No. - 2-455888-7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2-455888-7 TEC-2-455888-7 Datasheet
3Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
2-455888-7 TEC-2-455888-7 Datasheet
4Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
2-455888-7 TEC-2-455888-7 Datasheet
3Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
2-455888-7 TEC-2-455888-7 Datasheet
4Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
2-455888-7 TEC-2-455888-7 Datasheet
880Kb / 19P
   Ocean Side-Feed Applicators
More results

Similar Description - 2-455888-7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-10389 TEC-408-10389 Datasheet
880Kb / 19P
   Ocean Side-Feed Applicators
logo
Molex Electronics Ltd.
0638013501 MOLEX11-0638013501 Datasheet
33Kb / 1P
   Applicator Air Feed Assembly
638812000 MOLEX-638812000 Datasheet
211Kb / 7P
   Mechanical Feed Metal Strip Applicator
09-30-05
638325100 MOLEX-638325100 Datasheet
166Kb / 5P
   Mechanical Feed-Front Metal Strip
01-19-06
63881-0800 MOLEX-63881-0800 Datasheet
479Kb / 7P
   Mechanical Feed Metal Strip Applicator
05-16-12
63881-5700 MOLEX-63881-5700 Datasheet
279Kb / 7P
   Mechanical Feed Metal Strip Applicator
04-13-09
638810100 MOLEX-638810100 Datasheet
197Kb / 6P
   Mechanical Feed Metal Strip Applicator
09-30-05
638812200 MOLEX-638812200 Datasheet
195Kb / 6P
   Mechanical Feed Metal Strip Applicator
09-30-05
638325200 MOLEX-638325200 Datasheet
303Kb / 5P
   Mechanical Feed Metal Strip Applicator
07-24-17
638810200 MOLEX-638810200 Datasheet
210Kb / 7P
   Mechanical Feed Metal Strip Applicator
09-30-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com