Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9700BEBC-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9700BEBC-T
Description  1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9700BEBC-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9700BEBC-T Datasheet HTML 1Page - Maxim Integrated Products MAX9700BEBC-T Datasheet HTML 2Page - Maxim Integrated Products MAX9700BEBC-T Datasheet HTML 3Page - Maxim Integrated Products MAX9700BEBC-T Datasheet HTML 4Page - Maxim Integrated Products MAX9700BEBC-T Datasheet HTML 5Page - Maxim Integrated Products MAX9700BEBC-T Datasheet HTML 6Page - Maxim Integrated Products MAX9700BEBC-T Datasheet HTML 7Page - Maxim Integrated Products MAX9700BEBC-T Datasheet HTML 8Page - Maxim Integrated Products MAX9700BEBC-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
100
0
0.5
1.0
1.5
2.0
10
1
0.1
0.01
0.001
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER (W)
VDD = 5V
RL = 8
f = 1kHz
f = 10kHz
f = 100Hz
100
0
0.2
0.4
0.6
0.8
1.0
10
1
0.1
0.01
0.001
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER (W)
VDD = 5V
RL = 16
f = 10kHz
f = 1kHz
f = 100Hz
100
0
0.5
1.0
1.5
2.0
10
1
0.1
0.01
0.001
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT VOLTAGE
OUTPUT POWER (W)
2.5
3.0
3.5
f = 10kHz
f = 1kHz
f = 100Hz
VDD = 5V
RL = 4
100
0
0.1
0.2
0.3
0.4
0.5
10
1
0.1
0.01
0.001
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER (W)
VDD = 2.5V
RL = 8
VCM = 1.25V
NO INPUT CAPACITORS
DIFFERENTIAL
INPUT
SINGLE ENDED
100
0
0.5
1.0
1.5
2.0
10
1
0.1
0.01
0.001
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER (W)
VDD = 5V
f = 1kHz
RL = 8
FFM
(SYNC FLOATING)
SSM
FFM
(SYNC = GND)
100
0
0.5
1.0
1.5
2.0
10
1
0.1
0.01
0.001
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER (W)
VDD = 5V
f = 1kHz
RL = 8
fSYNC = 800kHz
fSYNC = 2MHz
fSYNC = 1.4MHz
1.2W, Low-EMI, Filterless,
Class D Audio Amplifier
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = 3.3V, SYNC = GND (SSM), TA = +25°C, unless otherwise noted.)
0.001
10
100k
10k
100
1k
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY
1
0.1
0.01
FREQUENCY (Hz)
VDD = +5V
RL = 8
POUT = 300mW
POUT = 125mW
0.001
10
100k
10k
100
1k
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY
1
0.1
0.01
FREQUENCY (Hz)
VDD = +3.3V
RL = 8
POUT = 300mW
POUT = 125mW
0.001
10
100k
10k
100
1k
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY
1
0.1
0.01
FREQUENCY (Hz)
VDD = +3.3V
RL = 8
POUT = 125mW
SSM MODE
FFM MODE


Similar Part No. - MAX9700BEBC-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9700BEBC-T MAXIM-MAX9700BEBC-T Datasheet
340Kb / 20P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 2; 10/08
More results

Similar Description - MAX9700BEBC-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9700 MAXIM-MAX9700_V01 Datasheet
2Mb / 17P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
MAX9746 MAXIM-MAX9746 Datasheet
343Kb / 16P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 5/06
MAX9700 MAXIM-MAX9700_08 Datasheet
340Kb / 20P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 2; 10/08
logo
Texas Instruments
LM48413 TI1-LM48413_14 Datasheet
782Kb / 23P
[Old version datasheet]   Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9712 MAXIM-MAX9712 Datasheet
536Kb / 18P
   500mW, Low EMI, Filterless, Class D Audio Amplifier
Rev 1; 1/04
MAX9705 MAXIM-MAX9705_09 Datasheet
477Kb / 18P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
MAX9715 MAXIM-MAX9715_V01 Datasheet
343Kb / 13P
   2.8W, Low-EMI, Stereo, Filterless Class D Audio Amplifier
19-3589; Rev 2; 7/08
logo
List of Unclassifed Man...
NS4150 ETC1-NS4150 Datasheet
1Mb / 15P
   Low EMI,Filterless,3W Mono Class D Audio Amplifier
NS4148 ETC1-NS4148 Datasheet
1Mb / 16P
   Low EMI,Filterless,3W Mono Class D Audio Amplifier
logo
Maxim Integrated Produc...
MAX9705 MAXIM-MAX9705 Datasheet
2Mb / 20P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com