Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3120-F314T-N7T1 Datasheet(PDF) 10 Page - ETAL Group

Part # 3120-F314T-N7T1
Description  Medical and laboratory equipment, apparatus and machine construction, professional tools, household and garden appliances, offices machines, audio equipment, machine tools
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

3120-F314T-N7T1 Datasheet(HTML) 10 Page - ETAL Group

Back Button 3120-F314T-N7T1 Datasheet HTML 6Page - ETAL Group 3120-F314T-N7T1 Datasheet HTML 7Page - ETAL Group 3120-F314T-N7T1 Datasheet HTML 8Page - ETAL Group 3120-F314T-N7T1 Datasheet HTML 9Page - ETAL Group 3120-F314T-N7T1 Datasheet HTML 10Page - ETAL Group 3120-F314T-N7T1 Datasheet HTML 11Page - ETAL Group 3120-F314T-N7T1 Datasheet HTML 12Page - ETAL Group 3120-F314T-N7T1 Datasheet HTML 13Page - ETAL Group 3120-F314T-N7T1 Datasheet HTML 14Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
www.e-t-a.de
10
Thermal Circuit Breaker 3120-F...
1616
1
X3120-B
X3120-A
Description - Appliance inlet module X3120-A/-B
Typical applications
The appliance inlet module X3120 with circuit breaker type 3120-F5/
-F7/-F8 combines up to four functions within a single component:
A C14/C20 appliance inlet, a rocker-actuated or push button switch
and resettable overcurrent protection and a filter. Screw-type mount-
ing from the front or from the rear.
Electrical medical apparatus, laboratory equipment, professional
audio equipment and office machines.
Order numbering code
Approvals
Type No.
X3120 Appliance inlet module for circuit breaker type 3120
Module
A appliance inlet C14 (with filter)
B appliance inlet C20 (without filter)
Mounting
04
screw-type mounting
Filter
00 without filter
01 general performance IEC inlet filter
03 general performance IEC inlet filter, medical version
06 high performance IEC inlet filter, medical version
Filter current rating
00 without filter
01 1 A
03 3 A
06 6 A
08 8 A
10 10 A
12 12 A
15 15 A
Version
01
not wired; mounting position 3120:
OFF position to connector
11
wired; mounting position 3120:
OFF position to connector
Assembly status
M module supplied with circuit breaker
3120 and filter (module A) fitted
X3120- B 04 00 00 01
M
ordering example
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications with-
out notice is reserved. Product markings may not be exactly as the ordering codes. Errors
and omissions excepted.
X3120-A – C14 inlet
Authority Standard
Voltage ratings
Max. current
ENEC
IEC/EN
60320-1
AC 240 V
10 A
UL/CSA
UL 498
AC 250 V
15 A
CQC
CCC
AC 250 V
10 A
Approvals X3120-A – filter
Design coresponding to UL 1283, CSA 22.2 No. 8 1986,
IEC/EN 60939
X3120-B – C20 inlet
Authority Standard
Voltage ratings
Max. current
ENEC
IEC/EN
60320-1
AC 240 V
16 A
UL/CSA
UL 498
AC 240 V
20 A
Selection current rating of the filter
Current rating
circuit breaker
Minimum current rating of the filter
0,1...1 A
1 A
1,2...3 A
3 A
3,5...6 A
6 A
7...8A
8 A
9...10 A
10 A
12 A
12 A
14...15 A
15 A
Circuit breaker type 3120 with thermal release protects the
filter in case of overloads.
For the protection of the filter in the event of higher overcurrents we
recommend circuit breaker type 3120 with thermal-magnetic release
(3120...M1...).
Further technical information upon request.


Similar Part No. - 3120-F314T-N7T1

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
3120-LTE-1 MOXA-3120-LTE-1 Datasheet
751Kb / 5P
   Industrial LTE Cat. 1 cellular gateways
More results

Similar Description - 3120-F314T-N7T1

ManufacturerPart #DatasheetDescription
logo
ETAL Group
3131-A ETAL-3131-A Datasheet
469Kb / 6P
   Motor protection, transformer protection, household appliances and office equipment, electrical tools, mobile homes, watercraft, construction vehicles, medical equipment
3300-IG2 ETAL-3300-IG2 Datasheet
229Kb / 4P
   Control systems, instrumentation, medical equipment, machine tools, robotics
logo
Hirose Electric
H.FL-DFS111A HIROSE-H.FL-DFS111A Datasheet
253Kb / 24P
   Others, machine tools and jigs
logo
DB Lectro Inc
NT90T DBLECTRO-NT90T_05 Datasheet
1Mb / 5P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-A HUAXINAN-NT90TP-A Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
NT90TP-B HUAXINAN-NT90TP-B Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
List of Unclassifed Man...
NT90 ETC2-NT90 Datasheet
572Kb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
logo
DB Lectro Inc
NT90 DBLECTRO-NT90_07 Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-C HUAXINAN-NT90TP-C Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
DB Lectro Inc
NT90TP DBLECTRO-NT90TP_07 Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com