Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1210C106K8NALTU Datasheet(PDF) 6 Page - Kemet Corporation

Part # C1210C106K8NALTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C106K8NALTU Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C1210C106K8NALTU Datasheet HTML 2Page - Kemet Corporation C1210C106K8NALTU Datasheet HTML 3Page - Kemet Corporation C1210C106K8NALTU Datasheet HTML 4Page - Kemet Corporation C1210C106K8NALTU Datasheet HTML 5Page - Kemet Corporation C1210C106K8NALTU Datasheet HTML 6Page - Kemet Corporation C1210C106K8NALTU Datasheet HTML 7Page - Kemet Corporation C1210C106K8NALTU Datasheet HTML 8Page - Kemet Corporation C1210C106K8NALTU Datasheet HTML 9Page - Kemet Corporation C1210C106K8NALTU Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1008_X8L_150C_SMD • 2/29/2016
6
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Temperature 150°C, X8L Dielectric, 10 – 50 VDC (Commercial & Automotive Grade)
Insulation Resistance Limit Table (X8L Dielectric)
EIA Case Size
1,000 Megohm
Microfarads or 100 GΩ
500 Megohm
Microfarads or 10 GΩ
0201
N/A
ALL
0402
< .012 µF
≥ .012 µF
0603
< .047 µF
≥ .047 µF
0805
< 0.15 µF
≥ 0.15 µF
1206
< 0.47 µF
≥ 0.47 µF
1210
< 0.39 µF
≥ 0.39 µF
1808
ALL
N/A
1812
< 2.2 µF
≥ 2.2 µF
1825
ALL
N/A
2220
< 10 µF
≥ 10 µF
2225
ALL
N/A


Similar Part No. - C1210C106K8NALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C106K8NAL KEMET-C1210C106K8NAL Datasheet
461Kb / 4P
   Surface Mount Ceramic Chip Capacitors X8L Dielectric
More results

Similar Description - C1210C106K8NALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com