Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

520-K-1-C3-SI-15A Datasheet(PDF) 1 Page - ETAL Group

Part # 520-K-1-C3-SI-15A
Description  Motors, generators, transformers, thyristors and silicon rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

520-K-1-C3-SI-15A Datasheet(HTML) 1 Page - ETAL Group

  520-K-1-C3-SI-15A Datasheet HTML 1Page - ETAL Group 520-K-1-C3-SI-15A Datasheet HTML 2Page - ETAL Group 520-K-1-C3-SI-15A Datasheet HTML 3Page - ETAL Group 520-K-1-C3-SI-15A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Performance Thermal-Magnetic Circuit Breakers 410/520/530-...
www.e-t-a.de
1646
1
1
Description
Typical applications
Interrupting capacity to IEC 60947/EN 60947
Approvals
Technical data
Single, double and three pole high performance thermal-magnetic
circuit breakers with tease-free, trip-free, snap action mechanism and
toggle actuation (S-type TM CBE to EN 60 934; also to EN 60 947).
Designed for rail, panel or surface mounting. Available with a choice
of characteristic curves and optional auxiliary contacts.
Motors, generators, transformers, thyristors and silicon rectifiers.
410-...
530-...
Voltage rating
AC 240 V; 3 AC 415 V; 3 AC 500 V
DC 110 V
Current rating range
curves 01, 02, 04, 05:
10...125 A (EN 60947)
curves B3, C3, 01:
7...100 A (EN 60898)
Auxiliary circuit
6 A, AC 240 V or DC 28 V
1 A, DC 110 V
Typical life
10,000 operations at 1 x IN
20,000 operations mechanical
Ambient temperature
-40...+60 °C (-40...+140 °F)
Insulation co-ordination
rated impulse
pollution
(IEC 60664 and 60664A)
withstand voltage
degree
6 kV
3
Dielectric strength
(IEC 60664 and 60664A)
test voltage
operating area
AC 3,300 V
pole/pole
AC 3,300 V
main circuit/aux.circuit
AC 2,200 V
aux. circuit 11-12/13-14
AC 1,000 V
Insulation resistance
> 100 MΩ (DC 500 V)
Degree ef protection
operating area IP40
(IEC 60529/DIN 40050)
terminal area IP00
Vibration
curves 02, 04, 05, B3, C3:
4 g (60-500 Hz), ± 0.30 mm (10-60 Hz)
curve 01:
3 g (60-500 Hz), ± 0.23 mm (10-60 Hz)
to IEC 60068-2-6, test Fc
10 frequency cycles/axis
Shock
curves 02, 04, 05, B3, C3:
50 g (11 ms) directions 1, 2, 3, 4, 5
30 g in direction 6
curve 01:
30 g (11 ms) in directions 1, 2, 3, 4, 5
20 g in direction 6
to IEC 60068-27, test Ea
Corrosion
96 hours at 5 % salt mist,
to IEC 60068-2-11, test Ka
Humidity
240 hours at 95 % RH
to IEC 60068-2-3, test Ca
Mass
410 (1-pole): approx. 290 g
520 (2-pole): approx. 580 g
530 (3-pole): approx. 870 g
Standard current ratings and typical internal resistance values
AC voltage
Number
of poles
Voltage
rating
Interrupting
capacity IN
Power
factor
Interrupting
capacity IN
Power factor
IN 12...125 A
IN 7 + 10 A
1
AC 240 V
5,000 A
cosϕ = 0.7
3,500 A
cosϕ = 0.8
2
AC 240 V
8,000 A
cosϕ = 0.7
6,000 A
cosϕ = 0.7
3
3 AC 415 V
5,000 A
cosϕ = 0.7
3,000 A
cosϕ = 0.85
DC voltage
Number
of poles
Voltage
rating
Interrupting
capacity IN
Time
constant
Interrupting
capacity IN
Time con-
stant
IN 12...125 A
IN 7 + 10 A
1
DC 110 V
3,000 A
13 ms
3,000 A
L/R = 5 ms
1
DC 110 V
5,000 A
5 ms
2
DC 110 V
5,000 A
13 ms
3,000 A
L/R = 5 ms
2
DC 110 V
10,000 A
≈ 0 ms
Curves 01, 02, 04, 05:
Curves B3, C3:
Current
rating (A)
Internal resistance
(Ω) per pole
Current
rating (A)
Internal resistance
(Ω) per pole
10
0.033
7
0.033
16
0.015
10
0.015
20
0.010
12
0.015
25
0.0062
16
0.010
32
0.0039
20
0.0062
40
0.0031
25
0.0039
50
0.0022
32
0.0031
63
≤ 0.002
40
0.0022
80
≤ 0.002
50
≤ 0.002
90
≤ 0.002
63
≤ 0.002
100
≤ 0.002
80
≤ 0.002
125
≤ 0.002
100
≤ 0.002
Authority
Standard
Rated voltage Current ratings
UL
UL 1077
C22.2 No 235
AC 277 V
7...125 A (type 520)


Similar Part No. - 520-K-1-C3-SI-15A

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
520-301-04 MARL-520-301-04 Datasheet
314Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.1mm Mounting
520-301-04 MARL-520-301-04 Datasheet
423Kb / 5P
   횠6.1mm mounting Robust stainless steel housing
520-301-04 MARL-520-301-04 Datasheet
277Kb / 2P
   PANEL INDICATOR LED
520-301-04-15 MARL-520-301-04-15 Datasheet
314Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.1mm Mounting
520-301-04 MARL-520-301-04_14 Datasheet
277Kb / 2P
   PANEL INDICATOR LED
More results

Similar Description - 520-K-1-C3-SI-15A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
4230-T1 ETAL-4230-T1 Datasheet
1Mb / 12P
   Protection of cables, motors, generators and transformers, thyristors and silicon rectifiers
logo
New Jersey Semi-Conduct...
2N5164 NJSEMI-2N5164 Datasheet
198Kb / 2P
   THYRISTORS SILICON CONTROLLED RECTIFIERS
MCR264-4 NJSEMI-MCR264-4 Datasheet
98Kb / 2P
   Thyristors Silicon Controlled Rectifiers
logo
Motorola, Inc
S6200 MOTOROLA-S6200 Datasheet
78Kb / 2P
   THYRISTORS SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
2N6504 NJSEMI-2N6504 Datasheet
204Kb / 2P
   THYRISTORS SILICON CONTROLLED RECTIFIERS
logo
Motorola, Inc
MCR218 MOTOROLA-MCR218 Datasheet
83Kb / 4P
   Thyristors(Silicon Controlled Rectifiers)
logo
New Jersey Semi-Conduct...
MCR218 NJSEMI-MCR218 Datasheet
102Kb / 2P
   Thyristors Silicon-Controlled Rectifiers
MCR1718-5 NJSEMI-MCR1718-5 Datasheet
138Kb / 2P
   THYRISTORS SILICON CONTROLLED RECTIFIERS
MCR265-2 NJSEMI-MCR265-2 Datasheet
94Kb / 2P
   Thyristors Silicon Controlled Rectifiers
logo
ETAL Group
1140-E211-P1M1 ETAL-1140-E211-P1M1 Datasheet
292Kb / 2P
   Motors, transformers, solenoids, hand-held machines and appliances
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com