Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8345-C22B-U0 Datasheet(PDF) 2 Page - ETAL Group

Part # 8345-C22B-U0
Description  In the business fields Communication and Transport: power supplies, switchgear, instrumentation and process control engineering
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8345-C22B-U0 Datasheet(HTML) 2 Page - ETAL Group

  8345-C22B-U0 Datasheet HTML 1Page - ETAL Group 8345-C22B-U0 Datasheet HTML 2Page - ETAL Group 8345-C22B-U0 Datasheet HTML 3Page - ETAL Group 8345-C22B-U0 Datasheet HTML 4Page - ETAL Group 8345-C22B-U0 Datasheet HTML 5Page - ETAL Group 8345-C22B-U0 Datasheet HTML 6Page - ETAL Group 8345-C22B-U0 Datasheet HTML 7Page - ETAL Group 8345-C22B-U0 Datasheet HTML 8Page - ETAL Group 8345-C22B-U0 Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-...
www.e-t-a.de
1651
2
1
Ordering information for EN 60934 and UL 1077
Type No.
8345
Mounting
B flange mounting, with rectangular aperture with mounting nut 6-32UNC
C flange mounting, with rectangular aperture with mounting nut M3
F flange mounting, with round aperture with mounting nut M3
Configuration
0 without barrier
1 with small barrier
2 with large barrier (requested for multipole AC applications)
Number of poles
1 single pole protected
2 two pole protected
3 three pole protected
4 four pole protected
Actuator configuration
A
all poles with standard toggle
B
reduced number of standard toggles
Z
without actuator
Terminal design
P blade terminals ≤ 35 A
R round connectors 6 mm
U stud terminals M6 ≤ 125 A
V stud terminals 1/4-20UNC-3A ≤ 125 A
W laminated round terminals ≤ 125 A
Terminal hardware
0 without
3 with washer and nut
Characteristic curve *)
Characteristic curve, instantaneous:
F1 DC
F2 AC 60/50 Hz
Short delay:
K1 DC
K2 AC
Medium delay:
M1 DC
M2 AC 60/50 Hz
Long delay:
T1 DC
T2 AC 60/50 Hz
Version
D standard
Colour configuration
B1 black actuator
Marking
front plate
actuator base
B1 without
ON-OFF
B2 I
N
ON-OFF
Rated voltage
B AC or ≤ 80 V DC
Current ratings
0.05...125 A
higher current ratings
upon request
8345 - C 0 1 A - U 3 M1 - D B1 B1 B - 60 A ordering example
Remote trip coil available to special order.
*) Other characteristic curves upon request (e.g. pulse delayed, for high
inrush currents or capacitive loads)
Type number
X8345
Module
S auxiliary contact module
Auxiliary contacts
01 in all poles
02 in pole 1 only
Auxiliary contact version
K auxiliary contacts (symmetrical terminals)
Auxiliary contact function
W1 1 changeover
Terminal design
02 microswitch with blade terminals
DIN 46244-A2.8-0.5
M mounted to base unit
X8345 - S 01 K W1 02 M ordering example
Ordering information for auxiliary contact module
Note:
Move actuator of multipole devices slowly and smoothly into
ON position to ensure reliable latch-on behaviour of all poles.
Approvals
Authority Standard
Rated voltage Current ratings
VDE
IEC / EN
60934
AC 240/415 V
AC 240 V
DC 80 V
0.016 A…80 A
0.016 A…80 A
0.02 A…125 A
UL
UL 1077
C22.2 No
235
AC 277/480 V
AC 277 V
DC 80 V
0.02 A…70 A
0.02 A…70 A
0.02 A…125 A
UL
UL 489
C22.2
No 5
AC 120/240 V
AC 240 V
AC 120 V
DC 80 V
0.05 A…80 A (2 pole)
0.05 A…20 A (1 pole)
0.05 A…80 A (1 pole)
0.05 A…125 A (1+2 pole)
CSA
CQC
GB
17701
AC 240/415 V
AC 240 V
DC 80 V
DC 110 V
0.02 A…80 A (3 pole)
0.02 A…80 A (1 + 2 pole)
0.02 A…125 A (1 + 2 pole)
0.05 A…125 A (1 + 2 pole)


Similar Part No. - 8345-C22B-U0

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
8345-1032-SS RAF-8345-1032-SS Datasheet
102Kb / 1P
   OVAL INTERNAL THREAD HANDLE
More results

Similar Description - 8345-C22B-U0

ManufacturerPart #DatasheetDescription
logo
ETAL Group
8330-F ETAL-8330-F Datasheet
326Kb / 6P
   Power supplies, process control, switchgear and controlgear
8335-F ETAL-8335-F Datasheet
441Kb / 6P
   Communications systems, power supplies, switchgear and controlgear industrial process measurement and control
logo
General Cable Technolog...
C1676A GENERAL-C1676A Datasheet
58Kb / 1P
   COMMUNICATION AND CONTROL CABLE
C0562A GENERAL-C0562A Datasheet
60Kb / 1P
   COMMUNICATION AND CONTROL CABLE
C0552A GENERAL-C0552A Datasheet
60Kb / 1P
   COMMUNICATION AND CONTROL CABLE
C3115 GENERAL-C3115 Datasheet
58Kb / 1P
   COMMUNICATION AND CONTROL CABLE
logo
List of Unclassifed Man...
8690 ETC2-8690 Datasheet
101Kb / 3P
   Audio, Control and Instrumentation Cable
logo
ETAL Group
1180-01 ETAL-1180-01 Datasheet
278Kb / 4P
   Protection of loads in power distribution systems in control cabinets and process control
3600-P10 ETAL-3600-P10 Datasheet
310Kb / 4P
   Process control systems, instrumentation, communications systems,
201 ETAL-201 Datasheet
258Kb / 4P
   Process control systems, instrumentation, rail vehicles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com