Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3120-F551R-G7T1 Datasheet(PDF) 1 Page - ETAL Group

Part # 3120-F551R-G7T1
Description  Medical and laboratory equipment, apparatus and machine construction, professional tools, household and garden appliances, offices machines, audio equipment, machine tools
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

3120-F551R-G7T1 Datasheet(HTML) 1 Page - ETAL Group

  3120-F551R-G7T1 Datasheet HTML 1Page - ETAL Group 3120-F551R-G7T1 Datasheet HTML 2Page - ETAL Group 3120-F551R-G7T1 Datasheet HTML 3Page - ETAL Group 3120-F551R-G7T1 Datasheet HTML 4Page - ETAL Group 3120-F551R-G7T1 Datasheet HTML 5Page - ETAL Group 3120-F551R-G7T1 Datasheet HTML 6Page - ETAL Group 3120-F551R-G7T1 Datasheet HTML 7Page - ETAL Group 3120-F551R-G7T1 Datasheet HTML 8Page - ETAL Group 3120-F551R-G7T1 Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.e-t-a.de
1
Thermal Circuit Breaker 3120-F...
1616
1
Description
Typical applications
Technical data
The 3120 circuit breaker/switch combination is an ON/OFF switch
with integral overcurrent protection (S-type TO CBE to EN/IEC
60934). The trip element is a bimetal. Type 3120 is ideally suited for
overload protection of motors, pumps, transformers and cables.
Product characteristics:
l
rocker or push button actuation
l
single pole and double pole versions
l
reliable switching behaviour (positively trip-free)
l
convenient snap-in mounting
l
international approvals
Options and add-on modules:
l
illumination
l
water splash protection
l
auxiliary contacts
l
under voltage trip
l
remote trip
l
magnetic trip (see thermal-magnetic circuit breakers)
l
push-in terminals
l
appliance inlet module
Medical and laboratory equipment, apparatus and machine
construction, professional tools, household and garden appliances,
offices machines, audio equipment, machine tools
Current ratings and internal resistance values
Current consumption of illumination
Current rating
(A)
Internal
resistance
per pole (Ω)
Current rating
(A)
Internal
resistance
per pole (Ω)
0.1
94
4
0.0435
0.2
24
4.5
0.0435
0.3
12
5
0.0325
0.4
5.30
6
0.0215
0.5
4.20
7
0.0165
0.6
2.90
8
0.0165
0.8
1.50
10
< 0.02
1
0.9
12
< 0.02
1.2
0.80
14
< 0.02
1.5
0.45
15
< 0.02
2
0.27
16
< 0.02
2.5
0.0785
18
< 0.02
3
0.0595
20
< 0.02
3.5
0.0565
Operating voltage
Current consumption
Y
R
G
DC 12 V
5.2 mA
2 mA
1.4 mA
DC 24 V
4.5 mA
2.2 mA
1.6 mA
DC 48 V
4.5 mA
2 mA
1.6 mA
AC 115 V
2.8 mA
1.1 mA
1 mA
AC 230 V
2.2 mA
0.9 mA
0.9 mA
For details please see Technical information
Rated voltage
AC 240 V, DC 50 V
Current rating range
0.1...20 A
(up to 30A upon request for single pole
units)
Typical life 1-pole
AC 240 V:
0.1...20 A 30,000 operations at 1 x IN, inductive
DC 50 V:
0.1...4 A
30,000 operations at 1 x IN, inductive
4.5...16 A 30,000 operations at 1 x IN, resistive
DC 28 V:
0.1...20 A 30,000 operations at 1 x IN, inductive
Typical life 2-pole
AC 240 V:
0.1...16 A 50,000 operations at 1 x IN, inductive
17...20 A
30,000 operations at 1 x IN, inductive
DC 50 V:
0.1...16 A 50,000 operations at 1 x IN, inductive
17...20 A
50,000 operations at 1 x IN, inductive
Ambient temperature
-30 … 60 °C
Insulation coordination
(IEC 60664)
2.5 kV /2 reinforced insulation at
operating area
Dielectric strength
Operating area
pole to pole (2-pole)
test voltage AC 3,000 V
test voltage AC 1,500 V
Insulation resistance
> 100 MΩ (DC 500 V)
Interrupting capacity Icn
0.1...2 A
10 x IN
2.5...20 A
1-pole 150 A
2-pole 250 A
Interrupting capacity (UL 1077)
IN
UN
Inc
1-pole, 2- pole
0.1...20 A
AC 250 V
5000 A, C, 1
1-pole, 2- pole
0.1...20 A
DC 50 V
1000 A, C, 1
Degree of protection
(IEC 60529)
operating area IP40
terminal area IP00
with water splash cover IP54 or IP66
Vibration
8 g (57-500 Hz), ± 0.61 mm (10-57 Hz)
test to IEC 60068-2-6, test Fc
10 frequency cycles/axis
Shock
30 g (11 ms)
test to IEC 60068-2-27, test Ea
Corrosion
96 hours at 5 % salt mist,
test to IEC 60068-2-11, test Ka
Humidity
240 hrs in 95 % RH
test to IEC 60068-2-78,
test Cab
Mass
approx. 33 g (2-pole)
approx. 27 g (1-pole)
approx. 42 g (2-pole with PT terminals)


Similar Part No. - 3120-F551R-G7T1

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
3120-LTE-1 MOXA-3120-LTE-1 Datasheet
751Kb / 5P
   Industrial LTE Cat. 1 cellular gateways
More results

Similar Description - 3120-F551R-G7T1

ManufacturerPart #DatasheetDescription
logo
ETAL Group
3131-A ETAL-3131-A Datasheet
469Kb / 6P
   Motor protection, transformer protection, household appliances and office equipment, electrical tools, mobile homes, watercraft, construction vehicles, medical equipment
3300-IG2 ETAL-3300-IG2 Datasheet
229Kb / 4P
   Control systems, instrumentation, medical equipment, machine tools, robotics
logo
Hirose Electric
H.FL-DFS111A HIROSE-H.FL-DFS111A Datasheet
253Kb / 24P
   Others, machine tools and jigs
logo
DB Lectro Inc
NT90T DBLECTRO-NT90T_05 Datasheet
1Mb / 5P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-A HUAXINAN-NT90TP-A Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
NT90TP-B HUAXINAN-NT90TP-B Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
List of Unclassifed Man...
NT90 ETC2-NT90 Datasheet
572Kb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
logo
DB Lectro Inc
NT90 DBLECTRO-NT90_07 Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-C HUAXINAN-NT90TP-C Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
DB Lectro Inc
NT90TP DBLECTRO-NT90TP_07 Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com