Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8330-QGP-PB Datasheet(PDF) 3 Page - ETAL Group

Part # 8330-QGP-PB
Description  Power supplies, process control, switchgear and controlgear
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8330-QGP-PB Datasheet(HTML) 3 Page - ETAL Group

  8330-QGP-PB Datasheet HTML 1Page - ETAL Group 8330-QGP-PB Datasheet HTML 2Page - ETAL Group 8330-QGP-PB Datasheet HTML 3Page - ETAL Group 8330-QGP-PB Datasheet HTML 4Page - ETAL Group 8330-QGP-PB Datasheet HTML 5Page - ETAL Group 8330-QGP-PB Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8330-...
www.e-t-a.de
2013/14
4 - 3
4
ø12.70+0.25
.500 dia+.010
1.765±.030
blade terminals 6.3 mm/.0248 in
single pole
Paddle actuator
threadneck mounting
Baton actuator
threadneck mounting
17.27
.680
±0.508
±.020
flat
44.83
12.7
35.43±0.508
.500
1.395±.020
1.765±.030
ON
OFF
11.94
.470
1/2-32 THD
LOAD
LINE
15.88
.625
ø3.18+0.25
panel cut-out
with locking ring
.125 dia+.010
ø12.70+0.25
.500 dia+.010
without locking ring
double
44.83±0.76
12.7
9.40±0.38
.500
.370±.015
ON
OFF
11.94
.470
1/2-32 THD
LOAD
LINE
33.12±0.508
1.304±.020
flat
39.24±0.508
1.545±.020
±0.76
terminal
area
2
29
.079
1.14
line 1
B Series trip, single pole
with auxiliary contacts
A Switch only with
auxiliary contacts
2
I >
C
NC NO
line 1
2
C
NC NO
line 1
with illumination
2
I >
load
ø1.47
.058 dia
P Blade terminal
(Q.C.)
9.40
.370
J Screw terminal 8-32
with upturned lugs
10.41
.410
X Screw terminal 8-32
10.41
.410
W Push-in stud terminal
2.54
.100
25.4
19.05
.750
1.00
9.97
.392
Auxiliary switch terminals:
ø1.52
.060 dia
J Double solder turret type
K Round quick-connect type
Internal connection diagrams
Terminal configurations + design
Dimensions – threadneck mounted version
Installation drawing


Similar Part No. - 8330-QGP-PB

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8330 FILTRAN-8330 Datasheet
140Kb / 1P
   RJ-45 Connector with 100 Base-TX Magnetics
logo
List of Unclassifed Man...
8330 ETC2-8330 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8330 ETC2-8330 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
8330 ETC2-8330 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
logo
API Technologies Corp
8330 APITECH-8330 Datasheet
665Kb / 1P
   Connector with 100 Base-TX Magnetics
More results

Similar Description - 8330-QGP-PB

ManufacturerPart #DatasheetDescription
logo
ETAL Group
8335-F ETAL-8335-F Datasheet
441Kb / 6P
   Communications systems, power supplies, switchgear and controlgear industrial process measurement and control
8345-B ETAL-8345-B Datasheet
674Kb / 10P
   In the business fields Communication and Transport: power supplies, switchgear, instrumentation and process control engineering
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
Holt Integrated Circuit...
HI-4853 HOLTIC-HI-4853 Datasheet
1Mb / 14P
   Process Control and Factory Automation
logo
Pepperl+Fuchs Inc.
DA6-IU-2K-C PF-DA6-IU-2K-C Datasheet
739Kb / 3P
   Process control and indication equipment
DA6-IU-2K-V PF-DA6-IU-2K-V Datasheet
739Kb / 3P
   Process control and indication equipment
logo
Vicor Corporation
V24C28T100BG VICOR-V24C28T100BG Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V28C5T50BL VICOR-V28C5T50BL Datasheet
769Kb / 11P
   Industrial and process control, distributed power, medical, ATE, communications,
V24C12H100B VICOR-V24C12H100B Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
logo
Bel Fuse Inc.
LDT481 BEL-LDT481 Datasheet
660Kb / 4P
   Process Control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com