Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8335-F930-K6T1 Datasheet(PDF) 4 Page - ETAL Group

Part # 8335-F930-K6T1
Description  Communications systems, power supplies, switchgear and controlgear industrial process measurement and control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8335-F930-K6T1 Datasheet(HTML) 4 Page - ETAL Group

  8335-F930-K6T1 Datasheet HTML 1Page - ETAL Group 8335-F930-K6T1 Datasheet HTML 2Page - ETAL Group 8335-F930-K6T1 Datasheet HTML 3Page - ETAL Group 8335-F930-K6T1 Datasheet HTML 4Page - ETAL Group 8335-F930-K6T1 Datasheet HTML 5Page - ETAL Group 8335-F930-K6T1 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8335-...
www.e-t-a.de
2014/15
4 - 4
4
Internal connection diagrams
Shock directions / Mounting attitudes
5
6
4
3
2
1
Terminal design / Dimensions
9.6
I
2:1
I - screw terminals, straight for busbar connection
38.7
I
Q - screw terminal
Line = I, Load = K
Load
Line
I
K
I
2:1
K
2:1
P - blade terminals
38.7
1.52
blade terminal A 6.3 - 0.8
(QC .250) DIN 46244
1.52
.378
I4 screw terminals with metric thread, M5 (busbar connection)
I5 screw terminals with 8-32UNC (busbar connection)
I6 screw terminals with 10-32UNC (busbar connection)
tightening torque max. 1.2 Nm
K - screw terminals
38.7
1.52
K4 screw terminals with metric thread, M5
K5 screw terminals with 8-32UNC
K6 screw terminals with 10-32UNC
tightening torque max. 1.2 Nm
9.6
.378
Auxiliary contact version (K)
in pole one only
auxiliary contact
module
(change over)
auxiliary contact terminal
blad terminal A 2.8 - 0.5
11.85
.443
7.5
.283
7.5
.354
K
2:1
This is a metric design and millimeter dimensions take precedence ( mm )
inch
29
1.14
42
1.65
8
.315
2
.079
42
1.65
29
1.14
operating area
(reinforced insulation)
8
.315
terminal
area
mounting
area
4
.157
Only front mounting on a vertical even surface ensures trip valuea as indicated
blow out area
(minuaturable on request
I-/K-terminals
P-terminals
blow out
outlet CBE
multipole
1-pole protected
hydraulic-magnetically
line
load
I >
C
NO
NC
unit 2
unit 1
C
NO
NC
line
load
load
line
I >
I >
C
NO
NC
Installation drawing


Similar Part No. - 8335-F930-K6T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8335 ETC2-8335 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8335 ETC2-8335 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
8335 ETC2-8335 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
logo
Belden Inc.
8335 BELDEN-8335 Datasheet
157Kb / 2P
   RS232, Low Cap, #24-5pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8335.060100 BELDEN-8335.060100 Datasheet
157Kb / 2P
   RS232, Low Cap, #24-5pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
More results

Similar Description - 8335-F930-K6T1

ManufacturerPart #DatasheetDescription
logo
ETAL Group
8330-F ETAL-8330-F Datasheet
326Kb / 6P
   Power supplies, process control, switchgear and controlgear
logo
Vicor Corporation
V24C28T100BG VICOR-V24C28T100BG Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V28C5T50BL VICOR-V28C5T50BL Datasheet
769Kb / 11P
   Industrial and process control, distributed power, medical, ATE, communications,
V24C12H100B VICOR-V24C12H100B Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
logo
ETAL Group
3600-P10 ETAL-3600-P10 Datasheet
310Kb / 4P
   Process control systems, instrumentation, communications systems,
8345-B ETAL-8345-B Datasheet
674Kb / 10P
   In the business fields Communication and Transport: power supplies, switchgear, instrumentation and process control engineering
8340-F ETAL-8340-F Datasheet
463Kb / 6P
   Control equipment, communications systems, transportation, power supplies
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
List of Unclassifed Man...
B59701A70A62 ETC2-B59701A70A62 Datasheet
95Kb / 2P
   Measurement and Control
B59701A90A62 ETC2-B59701A90A62 Datasheet
95Kb / 2P
   Measurement and Control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com