Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1808C104B2GACTU Datasheet(PDF) 6 Page - Kemet Corporation

Part # C1808C104B2GACTU
Description  C0G Dielectric, 10 - 250 VDC (Commercial Grade)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1808C104B2GACTU Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C1808C104B2GACTU Datasheet HTML 2Page - Kemet Corporation C1808C104B2GACTU Datasheet HTML 3Page - Kemet Corporation C1808C104B2GACTU Datasheet HTML 4Page - Kemet Corporation C1808C104B2GACTU Datasheet HTML 5Page - Kemet Corporation C1808C104B2GACTU Datasheet HTML 6Page - Kemet Corporation C1808C104B2GACTU Datasheet HTML 7Page - Kemet Corporation C1808C104B2GACTU Datasheet HTML 8Page - Kemet Corporation C1808C104B2GACTU Datasheet HTML 9Page - Kemet Corporation C1808C104B2GACTU Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1003_C0G • 3/30/2016
6
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – C0G Dielectric, 10 – 250 VDC (Commercial Grade)
Table 1A – Capacitance Range/Selection Waterfall (0201 – 1206 Case Sizes) cont'd
*Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91).
xx¹ Available only in D, J, K,M tolerance
xx² Available only in J, K, M tolerance.
These products are protected under US Patents 7,172,985 & 7,670,981, other patents pending, and any foreign counterparts.
Cap
Cap
Code
Case Size/
Series
C0201C
C0402C
C0603C
C0805C
C1206C
Voltage Code
8 4 3 8 4 3 5 1 2 A 8 4 3 5 1 2 A 8 4 3 5 1 2 A 8 4 3 5 1 2 A
Rated Voltage (VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
110–180pF*
111–181*
F G J K M
BB BB BB BB BB BB BB CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
200–270pF*
201–271*
F G J K M
BB BB BB BB BB BB BB CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
300 pF
301
F G J K M
BB BB BB BB BB BD BD CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
330 pF
331
F G J K M
BB BB BB BB BB BD BD CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
360 pF
361
F G J K M
BB BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
390 pF
391
F G J K M
BB BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
430 pF
431
F G J K M
BB BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
470pF
471
F G J K M
BB BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DP DP EB EB EB EB EB EB EB
510 pF
511
F G J K M
BB BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
560 pF
561
F G J K M
BB BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
620 pF
621
F G J K M
BB BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
680 pF
681
F G J K M
BB BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
750pF
751
F G J K M
BB BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
820 pF
821
F G J K M
BB BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
910 pF
911
F G J K M
BB BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DP DP DP EB EB EB EB EB EB EB
1,000 pF
102
F G J K M
BB BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DP DP DP EB EB EB EB EB EB EB
1,100 pF
112
F G J K M
BB BB BB BB
CF CF CF CF CF CH CH DN DN DN DN DN DN DN EB EB EB EB EB EB EB
1,200 pF
122
F G J K M
BB BB BB BB
CF CF CF CF CF CH CH DN DN DN DN DN DN DN EB EB EB EB EB EB EB
1,300 pF
132
F G J K M
BB BB BB BB
CF CF CF CF CF CH CH DP DP DP DP DP DN DN EB EB EB EB EC EC EC
1,500 pF
152
F G J K M
BB BB BB BB
CF CF CF CF CF CH CH DP DP DP DP DP DN DN EB EB EB EB ED EC EC
1,600 pF
162
F G J K M
BB BB BB
CF CF CF CF CF CH CH DP DP DP DP DP DN DN EB EB EB EB ED ED ED
1,800 pF
182
F G J K M
BB BB BB
CF CF CF CF CF CH CH DP DP DP DP DP DN DN EB EB EB EB ED ED ED
2,000 pF
202
F G J K M
BB BB BB
CF CF CF CF CF CH CH DN DN DN DN DN DN DN EB EB EB EB ED ED ED
2,200 pF
222
F G J K M
BB BB BB
CF CF CF CF CF CH CH DN DN DN DN DN DN DN EB EB EB EB EE EE EE
2,400 pF
242
F G J K M
CF CF CF CF CF
DN DN DN DN DN DN DN EB EB EB EB EC EC EC
2,700pF
272
F G J K M
CF CF CF CF CF
DN DN DN DN DN DN DN EB EB EB EB EC EC EC
3,000 pF
302
F G J K M
CF CF CF CF CF
DP DP DP DP DN DN DN EC EC EC EC EC EB EB
3,300 pF
332
F G J K M
CF CF CF CF CF
DP DP DP DP DN DN DN EC EC EC EC EE EB EB
3,600 pF
362
F G J K M
CF CF CF CF CF
DP DP DP DP DN DP DP EC EC EC EC EE EB EB
3,900 pF
392
F G J K M
CF CF CF CF CF
DE DE DE DE DN DP DP EC EC EC EC EF EB EB
4,300 pF
432
F G J K M
CF CF CF CF CF
DE DE DE DE DN DP DP EC EC EC EC EC EB EB
4,700pF
472
F G J K M
CF CF CF CF CF
DE DE DE DE DN DP DP EC EC EC EC EC EB EB
5,100 pF
512
F G J K M
CF CF CF CF
DE DE DE DE DN DP DP ED ED ED ED ED EB EB
5,600 pF
562
F G J K M
CF CF CF CF
DN DN DN DN DN DP DP ED ED ED ED ED EB EB
6,200 pF
622
F G J K M
CF CF CF CF
DN DN DN DN DN DG DG EB EB EB EB EB EB EB
6,800 pF
682
F G J K M
CF CF CF CF
DN DN DN DN DN DG DG EB EB EB EB EB EB EB
7,500pF
752
F G J K M
CF CF CF
DN DN DN DN DN DG DG EB EB EB EB EB EB EB
8,200 pF
822
F G J K M
CF CF CF
DN DN DN DN DN DG DG EC EC EC EC EB EC EC
9,100 pF
912
F G J K M
CF CF CF
DN DN DN DN DN
EC EC EC EC EB EC EC
10,000 pF
103
F G J K M
CF CF CF
DN DN DN DN DP
ED ED ED ED EB EC EC
12,000 pF
123
F G J K M
CF CF CF
DN DN DN DN DE
EB EB EB EB EB ED ED
15,000 pF
153
F G J K M
CF CF CF
DN DN DN DP DG
EB EB EB EB EB EF EF
18,000 pF
183
F G J K M
DN DN DN DP
EB EB EB EB EB EH EH
22,000 pF
223
F G J K M
DP DP DP DF
EB EB EB EB EC EH EH
27,000pF
273
F G J K M
DF DF DF
EB EB EB EB EE
33,000 pF
333
F G J K M
DG DG DG
EB EB EB EB EE
39,000 pF
393
F G J K M
DG DG DG
EC EC EC EE EH
47,000pF
473
F G J K M
DG DG DG
EC EC EC EE EH
56,000 pF
563
F G J K M
ED ED ED EF
68,000 pF
683
F G J K M
EF EF EF EH
82,000 pF
823
F G J K M
EH EH EH EH
0.10 µF
104
F G J K M
EH EH EH
Cap
Cap
Code
Rated Voltage (VDC)
Voltage Code
8 4 3 8 4 3 5 1 2 A 8 4 3 5 1 2 A 8 4 3 5 1 2 A 8 4 3 5 1 2 A
Case Size/Series C0201C
C0402C
C0603C
C0805C
C1206C


Similar Part No. - C1808C104B2GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1808C104B2GACTU KEMET-C1808C104B2GACTU Datasheet
1Mb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results

Similar Description - C1808C104B2GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C104J3GACAUTO_017 KEMET-C1206C104J3GACAUTO_017 Datasheet
1Mb / 18P
   C0G Dielectric, 10 - 250 VDC (Automotive Grade)
C1206C104J3GALTU KEMET-C1206C104J3GALTU Datasheet
1Mb / 20P
   Commercial ?쏬??Series, SnPb Termination, C0G Dielectric 10 ??250 VDC (Commercial Grade)
C0603C330J2GACTU KEMET-C0603C330J2GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C330J5GACTU KEMET-C0805C330J5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0603C101J1GAC KEMET-C0603C101J1GAC Datasheet
797Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
CBR02C330F9GAC KEMET-CBR02C330F9GAC Datasheet
1Mb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C473K3GACTU KEMET-C0805C473K3GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C519K5GACTU KEMET-C0805C519K5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0402C101J5GACTU KEMET-C0402C101J5GACTU Datasheet
795Kb / 18P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com