Electronic Components Datasheet Search |
|
MT5C1008CW-35 Datasheet(PDF) 3 Page - Austin Semiconductor |
|
MT5C1008CW-35 Datasheet(HTML) 3 Page - Austin Semiconductor |
3 / 17 page SRAM SRAM SRAM SRAM SRAM MT5C1008 Austin Semiconductor, Inc. MT5C1008 Rev. 6.5 7/02 Austin Semiconductor, Inc. reserves the right to change products or specifications without notice. 3 ABSOLUTEMAXIMUMRATINGS* Supply Voltage Range (Vcc)...............................-.5V to +6.0V Storage Temperature ....................................-65 °C to +150°C Short Circuit Output Current (per I/O)….......................20mA Voltage on any Pin Relative to Vss................-.5V to Vcc+1 V Max Junction Temperature**.......................................+150 °C Power Dissipation .....................................................................1 W *Stresses at or greater than those listed under "Absolute Maxi- mum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods will affect reliability. Refer to page 17 of this datasheet for a technical note on this subject. ** Junction temperature depends upon package type, cycle time, loading, ambient temperature and airflow, and humidity. ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS (-55oC < T C < 125 oC & -45oC to +85oC; V CC = 5.0V +10%) DESCRIPTION CONDITIONS SYM MAX UNITS NOTES Input Capacitance (A0-A16) CI 12 pF 4 Output Capacitance CO 14 pF 4 Input Capacitance (CE\, WE\, OE\) CI 20 pF 4 TA = 25 oC, f = 1MHz VCC = 5V CAPACITANCE SYM -12 -15 -20 -25 -35 -45 UNITS NOTES ICCSP 250 180 150 140 135 125 mA 3 ICCLP * 250 180 140 130 125 115 mA Power Supply Current: Standby ISBT 25 25 25 25 25 25 mA ISBC 10 10 10 10 10 10 mA PARAMETER Power Supply Current: Operating CE\ < VIL; OE\, WE\, and CE2>VIH VCC = MAX, f = MAX = 1/tRC (MIN) Output Open *L version only CE\ > VCC -0.2V; VCC = MAX VIL < VSS -0.2V VIH > VCC -0.2V; F = 0 Hz CE\=VIH, CE2=VIL; Other Inputs at <VIL, >VIH, VCC = MAX f = 0 Hz MAX CONDITIONS DESCRIPTION CONDITIONS SYM MIN MAX UNITS NOTES Input High (Logic 1) Voltage VIH 2.2 VCC+0.5 V1 Input Low (Logic 0) Voltage VIL -0.5 0.8 V 1, 2 Input Leakage Current 0V<VIN<VCC ILI -10 10 µA Output Leakage Current Output(s) disabled 0V<VOUT<VCC ILO -10 10 µA Output High Voltage IOH=-4.0mA VOH 2.4 V 1 Output Low Voltage IOL=8.0mA VOL 0.4 V 1 |
Similar Part No. - MT5C1008CW-35 |
|
Similar Description - MT5C1008CW-35 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |