Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33385DH Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC33385DH
Description  Automotive Quad Low Side Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33385DH Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MC33385DH Datasheet HTML 3Page - Motorola, Inc MC33385DH Datasheet HTML 4Page - Motorola, Inc MC33385DH Datasheet HTML 5Page - Motorola, Inc MC33385DH Datasheet HTML 6Page - Motorola, Inc MC33385DH Datasheet HTML 7Page - Motorola, Inc MC33385DH Datasheet HTML 8Page - Motorola, Inc MC33385DH Datasheet HTML 9Page - Motorola, Inc MC33385DH Datasheet HTML 10Page - Motorola, Inc MC33385DH Datasheet HTML 11Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MC33385
MOTOROLA
8
MC33385
This device is dedicated to automotive applications such as engine managements systems, automatic gear box... It
interfaces between the microcontroller and the actuors of the system.
The loads can be only resistive or resistive and inductive such as injectors, EGR valves...etc... Following is an example of
application schematic, see figure below.
Figure7- Typical Application
PINS FUNCTION DESCRIPTION
Pin No.
Function
Description
1
GND2
Ground 2
2
OUT2
Output Channel 2
3
NC
4
NON2
Input Control Signal for Channel 2
5
SDI
Serial Data Input
6
CLK
Clock Line for Serial Interface
7
NCS
Chip Select for Serial Interface
8
NON4
Input Control Signal for Channel 4
9
OUT4
Output Channel 4
10
GND4
Ground 4
11
GND3
Ground 3
12
OUT3
Output Channel 3
13
NON3
Input Control Signal for Channel 3
14
Vcc
5V Power Supply
15
NRES
Reset Input
16
SDO
Data Output of Serial Interface
17
NON1
Input Control Signal Channel 1
18
NC
19
OUT1
Output Channel 1
20
GND1
Ground 1
Case
Connected to the PCB Ground for Thermal Purposes
MC33385
Loads
NCS
Voltage
CLK
SDI
SDO
NRES
NON1
NON2
NON3
NON4
MCU
GND1
GND2
GND3
GND4
Regulator
Vcc
OUT1
OUT2
OUT3
OUT4
47nF..150nF
VBat
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33385DH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33385DH FREESCALE-MC33385DH Datasheet
406Kb / 18P
   Quad Low-side Driver
MC33385DHR2 FREESCALE-MC33385DHR2 Datasheet
406Kb / 18P
   Quad Low-side Driver
More results

Similar Description - MC33385DH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
   Automotive octal low side driver or quad low side plus quad high side driver
April 2016 Rev 6
L9338 STMICROELECTRONICS-L9338 Datasheet
57Kb / 8P
   QUAD LOW SIDE DRIVER
L9348 STMICROELECTRONICS-L9348 Datasheet
220Kb / 13P
   QUAD LOW SIDE DRIVER
L93PI STMICROELECTRONICS-L93PI Datasheet
56Kb / 8P
   QUAD LOW SIDE DRIVER
L9339-TR STMICROELECTRONICS-L9339-TR Datasheet
180Kb / 14P
   Quad low side driver
L9333 STMICROELECTRONICS-L9333 Datasheet
93Kb / 13P
   QUAD LOW SIDE DRIVER
L9339 STMICROELECTRONICS-L9339 Datasheet
65Kb / 9P
   QUAD LOW SIDE DRIVER
L9339 STMICROELECTRONICS-L9339_08 Datasheet
164Kb / 14P
   Quad low side driver
L9333 STMICROELECTRONICS-L9333_01 Datasheet
260Kb / 13P
   QUAD LOW SIDE DRIVER
L9362 STMICROELECTRONICS-L9362 Datasheet
174Kb / 17P
   QUAD LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com