Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9163BBCZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9163BBCZ
Description  DAC update rate up to 12 GSPS
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 4Page - Analog Devices AD9163BBCZ Datasheet HTML 5Page - Analog Devices AD9163BBCZ Datasheet HTML 6Page - Analog Devices AD9163BBCZ Datasheet HTML 7Page - Analog Devices AD9163BBCZ Datasheet HTML 8Page - Analog Devices AD9163BBCZ Datasheet HTML 9Page - Analog Devices AD9163BBCZ Datasheet HTML 10Page - Analog Devices AD9163BBCZ Datasheet HTML 11Page - Analog Devices AD9163BBCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 124 page
background image
Data Sheet
AD9163
Rev. 0 | Page 7 of 123
DIGITAL INPUT DATA TIMING SPECIFICATIONS
VDD25_DAC = 2.5 V, VDD12A = VDD12_CLK = 1.2 V, VNEG_N1P2 = −1.2 V, DVDD = 1.2 V, IOVDD = 2.5 V, VDD_1P2 =
DVDD_1P2 = PLL_LDO_VDD12 = 1.2 V, SYNC_VDD_3P3 = 3.3 V, IOUTFS = 40 mA, TA = −40°C to +85°C, unless otherwise noted.
Table 7.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LATENCY1
Interface
1
PCLK2 cycle
Interpolation
See Table 32
Power-Up Time
From DAC output off to enabled
10
ns
DETERMINISTIC LATENCY
Fixed
12
PCLK2 cycles
Variable
2
PCLK2 cycles
SYSREF± to LOCAL MULTIFRAME
CLOCKS (LMFC) DELAY
4
DAC clock cycles
1
Total latency (or pipeline delay) through the device is calculated as follows:
Total Latency = Interface Latency + Fixed Latency + Variable Latency + Pipeline Delay
See Table 32 for examples of the pipeline delay per block.
2
PCLK is the internal processing clock for the AD9163 and equals the lane rate ÷ 40.
JESD204B INTERFACE ELECTRICAL SPECIFICATIONS
VDD25_DAC = 2.5 V, VDD12A = VDD12_CLK = 1.2 V, VNEG_N1P2 = −1.2 V, DVDD = 1.2 V, IOVDD = 2.5 V, VDD_1P2 = DVDD_1P2 =
PLL_LDO_VDD12 = 1.2 V, SYNC_VDD_3P3 = 3.3 V, IOUTFS = 40 mA, TA = −40°C to +85°C, unless otherwise noted. VTT is the termination
voltage.
Table 8.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
JESD204B DATA INPUTS
Input Leakage Current
TA = 25°C
Logic High
Input level = 1.2 V ± 0.25 V,
VTT = 1.2 V
10
µA
Logic Low
Input level = 0 V
−4
µA
Unit Interval
UI
80
1333
ps
Common-Mode Voltage
VRCM
AC-coupled, VTT = VDD_1P21
−0.05
+1.85
V
Differential Voltage
R_VDIFF
110
1050
mV
VTT Source Impedance
ZTT
At dc
30
Differential Impedance
ZRDIFF
At dc
80
100
120
Differential Return Loss
RLRDIF
8
dB
Common-Mode Return Loss
RLRCM
6
dB
SYSREF± INPUT
Differential Impedance
169-ball CSP_BGA
121
DIFFERENTIAL OUTPUTS (SYNCOUT±)2
Driving 100 Ω differential load
Output Differential Voltage
VOD
350
420
450
mV
Output Offset Voltage
VOS
1.15
1.2
1.27
V
1
As measured on the input side of the ac coupling capacitor.
2
IEEE Standard 1596.3 LVDS compatible.


Similar Part No. - AD9163BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9163BBCZ AD-AD9163BBCZ Datasheet
2Mb / 126P
   RF DAC and Digital Upconverter
AD9163BBCZRL AD-AD9163BBCZRL Datasheet
2Mb / 126P
   RF DAC and Digital Upconverter
More results

Similar Description - AD9163BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9164 AD-AD9164 Datasheet
2Mb / 137P
   DAC update rate up to 12 GSPS
logo
Maxim Integrated Produc...
MAX19700EVKIT MAXIM-MAX19700EVKIT Datasheet
998Kb / 18P
   ADC/DAC Sampling Rate Up to 7.5Msps
Rev 0; 6/05
logo
Analog Devices
AD9177 AD-AD9177 Datasheet
132Kb / 5P
   Quad, 16-Bit, 12 GSPS RF DAC
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
   3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
logo
Texas Instruments
AFE7954 TI1-AFE7954 Datasheet
925Kb / 31P
[Old version datasheet]   AFE7954 Quad RF Sampling 12 GSPS Digital-to-Analog Converter (DAC)
JULY 2023
DAC12DL3200 TI-DAC12DL3200 Datasheet
6Mb / 124P
[Old version datasheet]   DAC12DL3200 up to 6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel 12-bit Digital-to-Analog Converter (DAC) with Low-Latency LVDS Interface
DAC12DL3200 TI-DAC12DL3200_V01 Datasheet
6Mb / 124P
[Old version datasheet]   DAC12DL3200 up to 6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel 12-bit Digital-to-Analog Converter (DAC) with Low-Latency LVDS Interface
NOVEMBER 2021
logo
Analog Devices
AD9081 AD-AD9081 Datasheet
122Kb / 3P
   MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
logo
Integrated Device Techn...
DAC1201D125 IDT-DAC1201D125 Datasheet
401Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1201D125 RENESAS-DAC1201D125 Datasheet
405Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com