Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33999 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC33999
Description  16-Output Switch with SPI and PWM Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33999 Datasheet(HTML) 5 Page - Motorola, Inc

  MC33999 Datasheet HTML 1Page - Motorola, Inc MC33999 Datasheet HTML 2Page - Motorola, Inc MC33999 Datasheet HTML 3Page - Motorola, Inc MC33999 Datasheet HTML 4Page - Motorola, Inc MC33999 Datasheet HTML 5Page - Motorola, Inc MC33999 Datasheet HTML 6Page - Motorola, Inc MC33999 Datasheet HTML 7Page - Motorola, Inc MC33999 Datasheet HTML 8Page - Motorola, Inc MC33999 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33999
5
STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions of 3.1 V
≤ SOPWR ≤ 5.5 V, 5.0 V ≤ VPWR ≤ 18 V, -40°C ≤ TC ≤ 125°C, unless otherwise
noted. Where applicable, typical values reflect the parameter’s approximate average value with VPWR =13V, TA =25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Supply Voltage Range
Fully Operational
VPWR(FO)
5.0
27
V
Supply Current
All Outputs ON, IOUT = 0.3 A
IPWR(ON)
–4.0
8.0
mA
Sleep State Supply Current at RST
≤ 0.2 SOPWR and/or SOPWR
0.5 V
IPWR(SS)
-10
1.0
10
µA
Overvoltage Shutdown
VOV
27.5
31.5
35
V
Overvoltage Shutdown Hysteresis
VOV (HYS)
0.8
1.4
2.3
V
VPWR Undervoltage Shutdown
VPWR(UV)
–3.2
3.5
V
SPI Interface Logic Supply Voltage
SOPWR
3.1
5.5
V
SPI Interface Logic Supply Current (RST Pin High)
ISOPWR(RSTH)
100
500
µA
SPI Interface Logic Supply Current (RST Pin Low)
ISOPWR(RSTL)
-10
10
µA
SPI Interface Logic Supply Undervoltage Lockout Threshold
SOPWR(UNVOL)
2.0
2.5
3.0
V
POWER OUTPUT
Drain-to-Source ON Resistance (IOUT = 0.35 A, VPWR = 13 V)
TJ = 125°C
TJ = 25°C
TJ = -40°C
RDS(ON)
0.75
0.55
0.45
1.2
1.2
1.2
Output Self-Limiting Current
Outputs Programmed ON
IOUT(lim)
0.9
1.2
2.5
A
Output Fault Detect Threshold (Note 11)
Outputs Programmed OFF
VOUTth(F)
2.5
3.0
3.5
V
Output OFF Open Load Detect Current (Note 12)
Outputs Programmed OFF (VPWR = 5.0 V)
Outputs Programmed OFF (VPWR = 13 V, 18 V)
IOCO(5)
IOCO(13,18)
25
30
50
50
100
100
µA
Output Clamp Voltage
2.0 mA
≤ IOUT ≤ 200 mA
VCL
45
50
55
V
Output Leakage Current
SOPWR ≤ 2.0 V
IOUT(lkg)
-10
2.0
10
µA
Overtemperature Shutdown (Outputs OFF) (Note 13)
TLIM
155
165
180
°C
Overtemperature Shutdown Hysteresis (Note 13)
TLIM(hys)
5.0
10
20
°C
Notes
11.
Output Fault Detect Thresholds with outputs programmed OFF. Output Fault Detect Thresholds are the same for output open and shorts.
12.
Output OFF Open Load Detect Current is the current required to flow through the load for the purpose of detecting the existence of an open
load condition when the specific output is commanded to be OFF.
13.
This parameter is guaranteed by design but is not production tested.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33999

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33999 FREESCALE-MC33999 Datasheet
578Kb / 21P
   16-Output Switch with SPI and PWM Control
MC33999EK/R2 FREESCALE-MC33999EK/R2 Datasheet
578Kb / 21P
   16-Output Switch with SPI and PWM Control
More results

Similar Description - MC33999

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33999 FREESCALE-MC33999 Datasheet
578Kb / 21P
   16-Output Switch with SPI and PWM Control
MCZ33999EK FREESCALE-MCZ33999EK Datasheet
708Kb / 21P
   16-Output Switch with SPI and PWM Control
MC33996 FREESCALE-MC33996 Datasheet
1Mb / 24P
   16 Output Switch with SPI Control
logo
Motorola, Inc
MC33996 MOTOROLA-MC33996 Datasheet
635Kb / 16P
   16-Output Switch with SPI Control
logo
Freescale Semiconductor...
33996 FREESCALE-33996 Datasheet
610Kb / 23P
   16-Output Switch with SPI Control
33882 FREESCALE-33882 Datasheet
688Kb / 27P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Freescale Semiconductor...
33882 FREESCALE-33882_11 Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
   Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
logo
Toshiba Semiconductor
TC62D723FNG TOSHIBA-TC62D723FNG Datasheet
734Kb / 44P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com