Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5040 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5040
Description  High power handling
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5040 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5040 Datasheet HTML 6Page - Analog Devices ADRF5040 Datasheet HTML 7Page - Analog Devices ADRF5040 Datasheet HTML 8Page - Analog Devices ADRF5040 Datasheet HTML 9Page - Analog Devices ADRF5040 Datasheet HTML 10Page - Analog Devices ADRF5040 Datasheet HTML 11Page - Analog Devices ADRF5040 Datasheet HTML 12Page - Analog Devices ADRF5040 Datasheet HTML 13Page - Analog Devices ADRF5040 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ADRF5040
Data Sheet
Rev. A | Page 10 of 14
INPUT POWER COMPRESSION AND INPUT THIRD-ORDER INTERCEPT
VDD = 3.3 V, VSS = −3.3 V, TCASE = 25°C, unless otherwise specified.
44
42
38
34
26
30
40
36
32
28
24
0
2
4
6
8
10
12
1
3
5
7
9
11
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 19. 0.1 dB Compression Point vs. Frequency over Temperature,
VDD = 3.3 V, VSS = −3.3 V
44
42
38
34
26
30
40
36
32
28
24
0
2
4
6
8
10
12
1
3
5
7
9
11
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 20. 1 dB Compression Point vs. Frequency over Temperature,
VDD = 3.3 V, VSS = −3.3 V
65
60
50
55
45
0
2
4
6
8
10
12
FREQUENCY (GHz)
TCASE = +85°C
TCASE = +25°C
TCASE = –40°C
Figure 21. Input Third-Order Intercept (IIP3) vs. Frequency over
Temperature, VDD = 3.3 V, VSS = −3.3 V
44
42
38
34
26
30
40
36
32
28
24
0
2
4
6
8
10
12
1
3
5
7
9
11
FREQUENCY (GHz)
3.6V
3.3V
3V
Figure 22. 0.1 dB Compression Point vs. Frequency over Voltage,
TCASE = 25°C
44
42
38
34
26
30
40
36
32
28
24
0
2
4
6
8
10
12
1
3
5
7
9
11
FREQUENCY (GHz)
3.6V
3.3V
3V
Figure 23. 1 dB Compression Point vs. Frequency over Voltage,
TCASE = 25°C
65
60
50
55
45
0
2
4
6
8
10
12
FREQUENCY (GHz)
3.6V
3.3V
3V
Figure 24. Input Third-Order Intercept (IIP3) vs. Frequency over Voltage,
TCASE = 25°C


Similar Part No. - ADRF5040

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
   Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
ADRF5042-EVALZ AD-ADRF5042-EVALZ Datasheet
562Kb / 12P
   Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
ADRF5042BCCZN AD-ADRF5042BCCZN Datasheet
562Kb / 12P
   Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
ADRF5042BCCZN-R7 AD-ADRF5042BCCZN-R7 Datasheet
562Kb / 12P
   Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
ADRF5043 AD-ADRF5043 Datasheet
487Kb / 12P
   Nonreflective, 9 kHz to 44 GHz Silicon SP4T Switch
More results

Similar Description - ADRF5040

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE80L2002 PASTERNACK-PE80L2002 Datasheet
460Kb / 7P
   High Power Handling
PE80L4000 PASTERNACK-PE80L4000 Datasheet
440Kb / 7P
   High Power Handling
logo
Torex Semiconductor
XB15A308 TOREX-XB15A308 Datasheet
136Kb / 2P
   High Power Handling
logo
Pasternack Enterprises,...
PE20S0014 PASTERNACK-PE20S0014 Datasheet
602Kb / 8P
   High Power Handling Capability
PE20S0006 PASTERNACK-PE20S0006 Datasheet
672Kb / 8P
   High Power Handling Capability
PE20S0007 PASTERNACK-PE20S0007 Datasheet
480Kb / 6P
   High Power Handling Capability
PE20S0008 PASTERNACK-PE20S0008 Datasheet
775Kb / 9P
   High Power Handling Capability
PE20S0010 PASTERNACK-PE20S0010 Datasheet
474Kb / 6P
   High Power Handling Capability
PE20S0011 PASTERNACK-PE20S0011 Datasheet
456Kb / 6P
   High Power Handling Capability
PE20S0009 PASTERNACK-PE20S0009 Datasheet
603Kb / 8P
   High Power Handling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com