Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2360CP-EVALZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2360CP-EVALZ
Description  High Efficiency Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2360CP-EVALZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2360CP-EVALZ Datasheet HTML 6Page - Analog Devices ADP2360CP-EVALZ Datasheet HTML 7Page - Analog Devices ADP2360CP-EVALZ Datasheet HTML 8Page - Analog Devices ADP2360CP-EVALZ Datasheet HTML 9Page - Analog Devices ADP2360CP-EVALZ Datasheet HTML 10Page - Analog Devices ADP2360CP-EVALZ Datasheet HTML 11Page - Analog Devices ADP2360CP-EVALZ Datasheet HTML 12Page - Analog Devices ADP2360CP-EVALZ Datasheet HTML 13Page - Analog Devices ADP2360CP-EVALZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet
ADP2360
Rev. 0 | Page 9 of 15
CH1 100mA Ω BW
CH3 5.0V BW
CH2 50.0mV Ω BW
CH4 10.0V BW
M 1.0ms 1MS/s
A CH3
10.5V
1000ns/pt
4
1
3
2
T
VIN
VSW
ISW
VOUT
Figure 15. Line Transient, VOUT = 3.3 V Fixed, RITH = 0 Ω, Load = 10 mA
Line Step 9 V to 12 V
CH1 100mA Ω BW
CH3 5.0V BW
M 10.0ms 1.0MS/s
A CH3
10.5V
1000ns/pt
CH2 50.0mV
B
W
CH4 10.0V BW
T
1
3
4
2
VIN
VSW
ISW
VOUT
Figure 16. Line Transient, VOUT = 3.3 V Fixed, RITH = 0 Ω, Load = 10 mA
Line Step 12 V to 9 V
CH1 100mA Ω BW
CH3 20.0V BW
M 4.0ms 2.5MS/s
A CH3
56.6V
400ns/pt
CH2 50.0mV
B
W
CH4 50.0V BW
T
1
3
4
2
VIN
VSW
ISW
VOUT
Figure 17. Line Transient, VOUT = 3.3 V Fixed, RITH = 0 Ω, Load = 10 mA
Line Step 12 V to 60 V
CH1 100mA Ω BW
CH3 20.0V BW
M 4.0ms 2.5MS/s
A CH3
20.0V
400ns/pt
CH2 50.0mV
B
W
CH4 50.0V BW
1
3
4
2
T
VIN
VSW
ISW
VOUT
Figure 18. Line Transient, VOUT = 3.3 V Fixed, RITH = 0 Ω, Load = 10 mA
Line Step 60 V to 12 V
1.0
0.8
0.6
0.4
0
0.2
–0.4
–0.2
–0.8
–0.6
–1.0
0
102030405060
VIN (V)
Figure 19. Line Regulation, VOUT = 3.3 V Fixed, RITH = 0 Ω, Load = 10 mA
4.0
0
0
0.01
0.02
0.04
0.03
0.06
0.05
0.07
LOAD (A)
OPEN
1.5MΩ
825kΩ
576kΩ
435kΩ
365kΩ
287kΩ
SHORT
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Figure 20. Load Current Capability, VOUT vs. Load for Various RITH Values, VIN =
9 V (VOUT Drops to 0 V when Current Limit Reached)


Similar Part No. - ADP2360CP-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2360 AD-ADP2360 Datasheet
2Mb / 75P
   Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
Rev. 0
More results

Similar Description - ADP2360CP-EVALZ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3541-2 LINER-LTC3541-2_15 Datasheet
380Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-3 LINER-LTC3541-3_15 Datasheet
423Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-1 LINER-LTC3541-1 Datasheet
378Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-3 LINER-LTC3541-3 Datasheet
400Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-2 LINER-LTC3541-2 Datasheet
336Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541 LINER-LTC3541 Datasheet
367Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541 LINER-LTC3541_15 Datasheet
391Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-1 LINER-LTC3541-1_15 Datasheet
401Kb / 20P
   High Efficiency Buck VLDO Regulator
logo
Micrel Semiconductor
MIC2203 MICREL-MIC2203 Datasheet
2Mb / 13P
   High Efficiency 1MHz Synchronous Buck Regulator
logo
Sipex Corporation
SP6655ER-L SIPEX-SP6655ER-L Datasheet
207Kb / 16P
   High Efficiency 400mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com