Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68328UM Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC68328UM
Description  Integrated Portable System Processor-DragonBall
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68328UM Datasheet(HTML) 3 Page - Motorola, Inc

  MC68328UM Datasheet HTML 1Page - Motorola, Inc MC68328UM Datasheet HTML 2Page - Motorola, Inc MC68328UM Datasheet HTML 3Page - Motorola, Inc MC68328UM Datasheet HTML 4Page - Motorola, Inc MC68328UM Datasheet HTML 5Page - Motorola, Inc MC68328UM Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MOTOROLA
MC68328 PRODUCT INFORMATION
3
• LCD Control Module
— Software Programmable Screen Size To Support Single (Non-Split) Monochrome/ STN Panels
— Capable Of Direct Driving Popular LCD Drivers/Modules From Motorola, Sharp, Hitachi, Toshiba etc.
— Support Up To 4 Grey Levels
— Utilize System Memory as Display Memory
• IEEE 1149.1 Boundary Scan Test Access Port (JTAG)
• Operation From DC To 16.67 MHz (Processor Clock)
• Operating Voltages of 3.3V
± 0.3V and 5V ± 0.5V
• Compact 144-Lead Thin Quad Flat Pack (TQFP) Package
SYSTEM INTEGRATION MODULE
The MC68328 system integration module (SIM28) consists of several functions that control the system start-
up, initialization, configuration, and the external bus with a minimum of external devices. The memory interface
allows the user to interface gluelessly with the popular SRAM, EPROM as well as PCMCIA 1.0 memory cards,
with the assistance of chip-select logic, wait states can be programmable. The hardware and software
watchdog timers help the user to do system protections. The interrupt controller accepts and resolves the
priority from internal modules and external generated interrupts and also handles the masking and wake-up
selection control for power control. The low-power logic can be used to control the CPU power dissipation by
altering the frequency or stopping it. The SIM28 is also capable of configuring the pin to allow the user to select
either dedicated I/O or parallel I/O. This feature helps to increase the number of available I/O ports by
reclaiming when the dedicated function is not in used
System Configuration
The MC68328 system configuration logic consists of a system control register (SCR) and which allows the user
to configure operation of the following major functions:
• System Status and Control Logic
• Register Double Mapping
• Bus Error Generation Control
• Protecting the module control registers from access by user programs
VCO/PLL Clock Synthesizer
The clock synthesizer can operate with either an external crystal or an external oscillator for reference, using
the internal phase-locked loop (PLL) and voltage-controlled oscillator (VCO), or an external clock can directly
drive the clock signal at the operating frequency.
Chip Select Logic
The MC68328 provides sixteen programmable general purpose chip-select signals. For a given chip-select
block, the user may choose whether the chip-select allows read-only, or both read and write accesses, whether
the chip-select should match only one function code value or all values, whether a DTACK is automatically
generated for this chip-select, and after how many wait states (from zero to six) the DTACK will be generated.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68328UM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68322 MOTOROLA-MC68322 Datasheet
263Kb / 12P
   Integrated Printer Processor
MC68322AD MOTOROLA-MC68322AD Datasheet
263Kb / 12P
   Integrated Printer Processor
MC68322UM MOTOROLA-MC68322UM Datasheet
263Kb / 12P
   Integrated Printer Processor
More results

Similar Description - MC68328UM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68EZ328 MOTOROLA-MC68EZ328 Datasheet
103Kb / 8P
   Integrated Portable System Processor
logo
Freescale Semiconductor...
MC9328MX1 FREESCALE-MC9328MX1 Datasheet
1Mb / 96P
   i.MX Integrated Portable System Processor
MC9328MXL FREESCALE-MC9328MXL Datasheet
1Mb / 84P
   i.MX Integrated Portable System Processor
logo
Motorola, Inc
MC68SZ328 MOTOROLA-MC68SZ328 Datasheet
300Kb / 12P
   Integrated Portable System Processor Product Brief
MC68VZ328P MOTOROLA-MC68VZ328P Datasheet
120Kb / 6P
   Integrated Portable System Processor Product Brief
logo
Freescale Semiconductor...
P1022DS-PA FREESCALE-P1022DS-PA Datasheet
337Kb / 2P
   Integrated media and communications processor development system
logo
Dallas Semiconductor
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
   Portable System Controller
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
   Portable System Controller
REV: 080905
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677 Datasheet
162Kb / 17P
   Portable System Controller
DS1670 DALLAS-DS1670 Datasheet
252Kb / 17P
   Portable System Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com