Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuCM363BCPZ256 Datasheet(PDF) 1 Page - Analog Devices

Part # ADuCM363BCPZ256
Description  At 50 SPS continuous conversion mode
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM363BCPZ256 Datasheet(HTML) 1 Page - Analog Devices

  ADuCM363BCPZ256 Datasheet HTML 1Page - Analog Devices ADuCM363BCPZ256 Datasheet HTML 2Page - Analog Devices ADuCM363BCPZ256 Datasheet HTML 3Page - Analog Devices ADuCM363BCPZ256 Datasheet HTML 4Page - Analog Devices ADuCM363BCPZ256 Datasheet HTML 5Page - Analog Devices ADuCM363BCPZ256 Datasheet HTML 6Page - Analog Devices ADuCM363BCPZ256 Datasheet HTML 7Page - Analog Devices ADuCM363BCPZ256 Datasheet HTML 8Page - Analog Devices ADuCM363BCPZ256 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low Power, Precision Analog Microcontroller
with Dual Sigma-Delta ADCs, ARM Cortex-M3
Data Sheet
ADuCM362/ADuCM363
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Pin compatible with the ADuCM360/ADuCM361
Analog input/output
Dual 24-bit ADCs (ADuCM362)
Single 24-bit ADC (ADuCM363)
Programmable ADC output rate (3.5 Hz to 3.906 kHz)
Simultaneous 50 Hz/60 Hz noise rejection
At 50 SPS continuous conversion mode
At 16.67 SPS single conversion mode
Flexible input mux for input channel selection to both ADCs
Two 24-bit multichannel ADCs (ADC0 and ADC1)
6 differential or 12 single-ended input channels
4 internal channels for monitoring DAC, temperature
sensor, IOVDD/4, and AVDD/4 (ADC1 only)
Programmable gain (1 to 128)
Gain of 1 with input buffer on/off supported
RMS noise: 52 nV at 3.53 Hz, 200 nV at 50 Hz
Programmable sensor excitation current sources
On-chip precision voltage reference
Two external reference options supported by both ADCs
Single 12-bit voltage output DAC
NPN mode for 4 mA to 20 mA loop applications
Microcontroller
ARM Cortex-M3 32-bit processor
Serial wire download and debug
Internal watch crystal for wake-up timer
16 MHz oscillator with 8-way programmable divider
Memory
Up to 256 kB Flash/EE memory, 24 kB SRAM
In-circuit debug/download via serial wire and UART
Power supply range: 1.8 V to 3.6 V (maximum)
Power consumption, MCU active mode
Core consumes 290 μA/MHz
Overall system current consumption of 1.0 mA with core
operating at 500 kHz (both ADCs on, input buffers off,
PGA gain of 4, one SPI port on, and all timers on)
Power consumption, power-down mode: 4 μA (wake-up
timer active)
On-chip peripherals
2× UART, I2C, and 2 × SPI serial input/output (I/O)
16-bit pulse-width modulation (PWM) controller
19-pin multifunction GPIO port
2 general-purpose timers
Wake-up timer/watchdog timer
Multichannel DMA and interrupt controller
DMA support for both SPI channels
Package and temperature range
48-lead, 7 mm × 7 mm LFCSP
Specified for −40°C to +125°C operation
Development tools
Low cost QuickStart Development System
Third-party compiler and emulator tool support
Multiple diagnostic functions that support SIL certification
APPLICATIONS
Industrial automation and process control
Intelligent precision sensing systems
4 mA to 20 mA loop-powered smart sensor systems
Medical devices, patient monitoring


Similar Part No. - ADuCM363BCPZ256

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM360 AD-ADUCM360 Datasheet
431Kb / 21P
   Low Power Precision Analog Microcontroller
Rev. Pr R
ADUCM360 AD-ADUCM360 Datasheet
375Kb / 7P
   Complete Closed-Loop Precision Analog Microcontroller Thermocouple
REV. A
ADUCM360 AD-ADUCM360 Datasheet
373Kb / 5P
   USB-Based Temperature Monitor Using the ADuCM360 Precision Analog Microcontroller
REV. 0
ADUCM360 AD-ADUCM360 Datasheet
407Kb / 8P
   Complete 4 mA to 20 mA Loop Powered Field Instrument with HART Interface
REV. A
ADuCM360 AD-ADuCM360 Datasheet
418Kb / 5P
   Devices Connected
More results

Similar Description - ADuCM363BCPZ256

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0880 FAIRCHILD-KA1M0880 Datasheet
139Kb / 8P
   SPS
KA1M0280R FAIRCHILD-KA1M0280R Datasheet
99Kb / 8P
   SPS
KA2S0880 FAIRCHILD-KA2S0880 Datasheet
139Kb / 8P
   SPS
KA2S0680 FAIRCHILD-KA2S0680 Datasheet
139Kb / 8P
   SPS
KA1H0380 FAIRCHILD-KA1H0380 Datasheet
97Kb / 8P
   SPS
KA1H0365R FAIRCHILD-KA1H0365R Datasheet
99Kb / 8P
   SPS
logo
Power Integrations, Inc...
PLC810PG POWERINT-PLC810PG Datasheet
1Mb / 26P
   Continuous Mode PFC & LLC Controller Continuous Mode PFC & LLC Controller
logo
TE Connectivity Ltd
EVC-250 TEC-EVC-250 Datasheet
299Kb / 3P
   Limiting continuous current 250A at 85째C
logo
Optoway Technology Inc
SPS-4102WG OPTOWAY-SPS-4102WG Datasheet
203Kb / 6P
   SPS-4102WG / SPS-4102BWG (RoHS Compliant)
logo
TE Connectivity Ltd
150 TEC-150 Datasheet
563Kb / 3P
   Limiting continuous current 130A at 85째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com