Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3120-F521R-PTQ1 Datasheet(PDF) 6 Page - ETAL Group

Part # 3120-F521R-PTQ1
Description  Medical and laboratory equipment, apparatus and machine construction, professional tools, household and garden appliances, offices machines, audio equipment, machine tools
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

3120-F521R-PTQ1 Datasheet(HTML) 6 Page - ETAL Group

Back Button 3120-F521R-PTQ1 Datasheet HTML 2Page - ETAL Group 3120-F521R-PTQ1 Datasheet HTML 3Page - ETAL Group 3120-F521R-PTQ1 Datasheet HTML 4Page - ETAL Group 3120-F521R-PTQ1 Datasheet HTML 5Page - ETAL Group 3120-F521R-PTQ1 Datasheet HTML 6Page - ETAL Group 3120-F521R-PTQ1 Datasheet HTML 7Page - ETAL Group 3120-F521R-PTQ1 Datasheet HTML 8Page - ETAL Group 3120-F521R-PTQ1 Datasheet HTML 9Page - ETAL Group 3120-F521R-PTQ1 Datasheet HTML 10Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.e-t-a.de
6
Thermal Circuit Breaker 3120-F...
1616
1
Dimensions
Cut-out dimensions
Cable cross sections PT terminals
15.5
15.5
25
44.2-0.2
flat head screw ISO1580 M3.5x5
tightening torque max. 0.8 Nm
blade terminals EN60934 - 6,3 x 0,8
10.7
21
3
3.5
41
12(i)
12(k)
11
48±0.2
LINE
34
44.8
12(i)12(k)
11
LINE
18.6
60
.984
.984
.610
.610
1.89±.008
1.74-.008
.421
.827
.827
.118
.138
.610
1.61
1.76
2.36
1.34
.732
.827
blade terminals
EN60934 - 6,3 x 0,8
10.7
21
.421
15.5
3
41
.118
.138
.610
1.61
3.5
Style F7.R
Style F7.T
flat head screw ISO1580 M3.5x5
tightening torque max. 0.8 Nm
12(i)12(k)
11
3120-F7.R-PT
12.65
0.49
0.49
12.65
5.5
0.22
21
15.5
25
42.5
1.67
48
1.89
Cut-out for mounting style -F3
with rocker and push button
Cut-out for mounting
style -F5/-F7
with rocker
min. 2.5
min .098
max. R2
max .079
50.5+0.3
max. R0.3
1.99+.012
max .012
- 0.4
-.016
- 0.2
-.008
±0.05
±.002
panel
thickness
1.2+0.4
.047+.016
1.6+0.8
.063+.031
2.4+1
.094+.039
Edges of working parts: ISO 13715
max. R1.5
max .059
min. 2
min .079
dimension
“A”
45
1.77+.008
- .002
+0,2
- 0.05
45
1.77
45
1.77
mm
inch
mm
inch
+1.1
- 0.05
+2.2
- 0.05
+.043
- .002
+.087
- .002
- 0.4
-.016
- 0.2
-.008
±0.05
±.002
1.75+.008
max. R0.3
44.5+0.2
max .012
50.5+0.5
Edges of working parts: ISO 13715
t: metal min. 2 mm (.079 in.)
plastic min. 3 mm (.118 in.)
60±0.15
R2
1.99+.020
.079
min. 2.5
min .098
max.R2
max .079
2.36+.006
50.5+0.3
max. R0.3
1.99+.012
max .012
3120-F3…
3120-F2…
- 0.4
-.016
- 0.2
-.008
±0.05
±.002
cable
cross section with direct
push-in wiring
rigid
1…4 mm2
(stripping length: 10 mm)
flexible with wire end ferrule
(with or without plastic sleeve)
0.5…2.5 mm2
cable
cross section when opening
the push-in terminals
rigid
0.5…4 mm2
(stripping length: 10 mm)
flexible without wire end ferrule
0.5…2.5 mm2
flexible with wire end ferrule
(with or without plastic sleeve)
0.5…2.5 mm2


Similar Part No. - 3120-F521R-PTQ1

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
3120-LTE-1 MOXA-3120-LTE-1 Datasheet
751Kb / 5P
   Industrial LTE Cat. 1 cellular gateways
More results

Similar Description - 3120-F521R-PTQ1

ManufacturerPart #DatasheetDescription
logo
ETAL Group
3131-A ETAL-3131-A Datasheet
469Kb / 6P
   Motor protection, transformer protection, household appliances and office equipment, electrical tools, mobile homes, watercraft, construction vehicles, medical equipment
3300-IG2 ETAL-3300-IG2 Datasheet
229Kb / 4P
   Control systems, instrumentation, medical equipment, machine tools, robotics
logo
Hirose Electric
H.FL-DFS111A HIROSE-H.FL-DFS111A Datasheet
253Kb / 24P
   Others, machine tools and jigs
logo
DB Lectro Inc
NT90T DBLECTRO-NT90T_05 Datasheet
1Mb / 5P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-A HUAXINAN-NT90TP-A Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
NT90TP-B HUAXINAN-NT90TP-B Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
List of Unclassifed Man...
NT90 ETC2-NT90 Datasheet
572Kb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
logo
DB Lectro Inc
NT90 DBLECTRO-NT90_07 Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-C HUAXINAN-NT90TP-C Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
DB Lectro Inc
NT90TP DBLECTRO-NT90TP_07 Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com