Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8335-F430-I5T2 Datasheet(PDF) 2 Page - ETAL Group

Part # 8335-F430-I5T2
Description  Communications systems, power supplies, switchgear and controlgear industrial process measurement and control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8335-F430-I5T2 Datasheet(HTML) 2 Page - ETAL Group

  8335-F430-I5T2 Datasheet HTML 1Page - ETAL Group 8335-F430-I5T2 Datasheet HTML 2Page - ETAL Group 8335-F430-I5T2 Datasheet HTML 3Page - ETAL Group 8335-F430-I5T2 Datasheet HTML 4Page - ETAL Group 8335-F430-I5T2 Datasheet HTML 5Page - ETAL Group 8335-F430-I5T2 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8335-...
www.e-t-a.de
2014/15
4 - 2
4
Type No.
8335
Mounting
F flange mounting
Configuration
1 with mounting nuts 6-32 UNC
4 with mounting nuts M3
9 snap-in frame
Number of poles
1 single pole protected
2 two pole protected
3 three pole protected
Panel hardware
0
without panel hardware
Terminal design (main contact)
K4 screw terminals with metric thread, M5
K5 screw terminals with 8-32UNC
K6 screw terminals with 10-32UNF
I4 screw terminals with metric thread, M5
(busbar connection)
I5 screw terminals with 8-32UNC
(busbar connection)
I6 screw terminals with 10-32UNF
(busbar connection)
P1 blade terminals DIN 46244-A6.3x0.8 IN ≤ 30 A
Characteristic curves
Characteristic curve K, short delay:
K1 DC
trip time at 2 x IN: 0.13-1.2 s
K2 AC 60/50 Hz trip time at 2 x IN: 0.13-1.3 s
Characteristic curve M, medium delay:
M1 DC
trip time at 2 x IN: 0.6-20 s
M2 AC 60/50 Hz trip time at 2 x IN: 2.2-20 s
Characteristic curve T, long delay:
T1
DC
trip time at 2 x IN: 9-60 s
T2
AC 60/50 Hz trip time at 2 x IN: 10-90 s
Actuator colour / design
A black, long toggle
B white, long toggle
K black, short toggle
L white, short toggle
W black, rocker (only 1-pole)
1 black – long toggle (reduced)
2 white – long toggle (reduced)
3 black – rocker (reduced)
Z black – actuator slot (only 1-pole)
Marking on actuator
8 I-O; ON-OFF, IN on actuator, vertical
P I-O; ON-OFF, IN horizontal (rocker only)
Auxiliary contacts
00 without auxiliary contacts
K2 auxiliary contacts, tin-plated
on one pole only
Auxiliary contact function
0 without
4 1 change over contact
Auxiliary contact
terminal design
0
without
2
blade terminal 2.8-0.5 mm
Approvals (optional)
0
standard (EN 60934/
UL 1077/CCC)
I
ignition protected
UL 1500
V
UL 1077
Current ratings
1...50 A DC
1...50 A AC
8335 - F 1 1 0 - P1 M1 - A 8 K2 4 2
I - 30 A ordering example
Ordering information (EN60934/UL 1077/CCC)
Type No.
8335
Mounting
F flange mounting
Configuration
1 with mounting nuts 6-32 UNC
4 with mounting nuts M3
9 snap-in frame
Number of poles
1 single pole protected
2 two pole protected
Panel hardware
0
without panel hardware
Terminal design (main contact)
K4 screw terminals with metric thread, M5
K5 screw terminals with 8-32UNC
K6 screw terminals with 10-32UNF
I4 screw terminals with metric thread, M5
(busbar connection)
I5 screw terminals with 8-32UNC
(busbar connection)
I6 screw terminals with 10-32UNF
(busbar connection)
P1 blade terminals DIN 46244-A6.3x0.8 IN ≤ 30 A
Characteristic curves
K1 short delay 100 - 125 %
M1 medium delay 100 - 125 %
T1
long delay 100 - 125 %
Actuator colour / design
A black, long toggle
B white, long toggle
K black, short toggle (only 1-pole)
L white, short toggle (only 1-pole)
W black, rocker (only 1-pole)
1 black – long toggle (reduced)
2 white – long toggle (reduced)
3 black – rocker (reduced)
Z black – actuator slot (only 1-pole)
Marking on actuator
8 I-O; ON-OFF, IN on actuator, vertical
P I-O; ON-OFF, IN horizontal (rocker only)
Auxiliary contacts
00
without auxiliary contacts
K2 symmetric
Auxiliary contact function
0 without
4 1 change over contact
Auxiliary contact
terminal design
0
without
2
blade terminal 2.8-0.5 mm
Approvals
U
UL 489A
Current ratings
1...50 A
8335 - F 4 1 0 - P1 M1 - A 8 K2 4 2
U -1 A ordering example
Ordering information (EN60934/UL 489A/CCC)


Similar Part No. - 8335-F430-I5T2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8335 ETC2-8335 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8335 ETC2-8335 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
8335 ETC2-8335 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
logo
Belden Inc.
8335 BELDEN-8335 Datasheet
157Kb / 2P
   RS232, Low Cap, #24-5pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8335.060100 BELDEN-8335.060100 Datasheet
157Kb / 2P
   RS232, Low Cap, #24-5pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
More results

Similar Description - 8335-F430-I5T2

ManufacturerPart #DatasheetDescription
logo
ETAL Group
8330-F ETAL-8330-F Datasheet
326Kb / 6P
   Power supplies, process control, switchgear and controlgear
logo
Vicor Corporation
V24C28T100BG VICOR-V24C28T100BG Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V28C5T50BL VICOR-V28C5T50BL Datasheet
769Kb / 11P
   Industrial and process control, distributed power, medical, ATE, communications,
V24C12H100B VICOR-V24C12H100B Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
logo
ETAL Group
3600-P10 ETAL-3600-P10 Datasheet
310Kb / 4P
   Process control systems, instrumentation, communications systems,
8345-B ETAL-8345-B Datasheet
674Kb / 10P
   In the business fields Communication and Transport: power supplies, switchgear, instrumentation and process control engineering
8340-F ETAL-8340-F Datasheet
463Kb / 6P
   Control equipment, communications systems, transportation, power supplies
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
List of Unclassifed Man...
B59701A70A62 ETC2-B59701A70A62 Datasheet
95Kb / 2P
   Measurement and Control
B59701A90A62 ETC2-B59701A90A62 Datasheet
95Kb / 2P
   Measurement and Control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com