Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8330-GSE-XB Datasheet(PDF) 1 Page - ETAL Group

Part # 8330-GSE-XB
Description  Power supplies, process control, switchgear and controlgear
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8330-GSE-XB Datasheet(HTML) 1 Page - ETAL Group

  8330-GSE-XB Datasheet HTML 1Page - ETAL Group 8330-GSE-XB Datasheet HTML 2Page - ETAL Group 8330-GSE-XB Datasheet HTML 3Page - ETAL Group 8330-GSE-XB Datasheet HTML 4Page - ETAL Group 8330-GSE-XB Datasheet HTML 5Page - ETAL Group 8330-GSE-XB Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8330-...
www.e-t-a.de
2013/14
4 - 1
4
1
Description
Typical applications
Technical data
Single and double pole magnetic and hydraulic-magnetic
circuit
breaker with trip-free mechanism and toggle, push or push/pull, or
rocker actuation. A choice of fast magnetic only or hydraulically
delayed switching characteristics (S type MO or HM CBE to EN 60934/
IEC 934) ensures suitability for a wide range of applications. Low tem-
perature sensitivity at rated load. Industry standard dimensions and
threadneck or snap in panel mounting.
Approved to CBE standard EN 60934 (IEC 60934).
Power supplies, process control, switchgear and controlgear.
8330-...
Voltage rating
AC 125/250 V (50/60 Hz);
DC 80 V
Current rating range
0.1...30 A
Auxiliary circuit
SPDT; 7 A AC 250 V; 7 A (Res) DC 28 V;
4 A (Ind.) DC 28 V; 0.25A DC 80 V
Typical life
10,000 operations at IN
Ambient temperature
-40...+85 °C (-40...+185 °F)
Insulation co-ordination
rated impulse
pollution
(IEC 60664 and 60664A)
withstand voltage
degree
2.5 kV
2
reinforced insulation in the operating area
Dielectric strength
AC 3750 V
Insulation resistance
> 100 MΩ (DC 500 V)
Degree of protection
operating area IP40;
(IEC 60529/DIN 40050)
terminal area IP00
Vibration
10 g (57-500 Hz) ± 0,76 mm (10-57Hz)
to IEC 60068-2-6, test C
10 frequency cycles/axis
per Method 204C, test Condition A.
Instantaneous curves tested at 80 % of
rated current.
Shock
100 g (6 ms) to IEC 60068-2-27, test Ea
per Method 213, Cond. I. Instantaneous
curves tested at 80 % of rated current.
Corrosion
96 hours at 5% salt mist,
to IEC 600-9-2-11, test Ka
Method 101, Condition A
Humidity
24 hours at 55% RH,
to IEC 60068-2-78, test Cab
Method 106D
Mass
approx. 30 g per pole
(depending on version)
Lists UL Recognized and CSA Certified configurations and performance
capabilities as a Component Supplementary Protector
voltage
current rating
interrupting capacity (A)
max
rating
frequency
phase
full
load
(A)
general
purpose
(A)
poles
brea-
king
UL /CSA
with
without
backup fuse
32
DC
0.02-15
15.1-25
1
1000
50
DC
0.02-7.5
1
1000
65
DC
0.02-15
15.1-25
2
1000
65
DC
0.02-15
15.1-30
1
1000
80
DC
0.02-15
15.1-30
1
600
125
50/60
1
0.02-15
15.1-30
1
1000
250
50/60
1
0.02-12
1
1000
250
50/60
1
0.02-15
15.1-30
2
1000
250
50/60
1
12.1-18
1
1000
Lists TÜV Certified configurations and performance capabilities as a
Component Supplementary Protector
voltage
current rating
interrupting capacity (A)
max
rating
frequency
phase
full
load
(A)
general
purpose
(A)
poles
brea-
king
TÜV
with
without
backup fuse
32
DC
0.02-15
15.1-25
1
3000
500
50
DC
0.02-7.5
1
3000
500
65
DC
0.02-15
15.1-25
2
3000
500
80
DC
0.10-15
15.1-25
1
600
125
50/60
1
0.02-15
15.1-25
1
3000
500
250
50/60
1
0.02-12
1
3000
500
250
50/60
1
0.02-15
15.1-25
2
3000
500
Lists UL 489A Listed and TÜV Certified configurations and performance
capabilities for use in Communications Equipment
voltage
current
rating
interrupting capacity (A)
max
rating
frequency
general
purpose
(A)
poles
breaking
with
without
backup fuse
UL 489A
TÜV
80
DC
0.02-30
1
600
65
DC
0.02-30
1
1000
80
DC
0.10-25
1
600
600
Interrupting capacity


Similar Part No. - 8330-GSE-XB

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8330 FILTRAN-8330 Datasheet
140Kb / 1P
   RJ-45 Connector with 100 Base-TX Magnetics
logo
List of Unclassifed Man...
8330 ETC2-8330 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8330 ETC2-8330 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
8330 ETC2-8330 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
logo
API Technologies Corp
8330 APITECH-8330 Datasheet
665Kb / 1P
   Connector with 100 Base-TX Magnetics
More results

Similar Description - 8330-GSE-XB

ManufacturerPart #DatasheetDescription
logo
ETAL Group
8335-F ETAL-8335-F Datasheet
441Kb / 6P
   Communications systems, power supplies, switchgear and controlgear industrial process measurement and control
8345-B ETAL-8345-B Datasheet
674Kb / 10P
   In the business fields Communication and Transport: power supplies, switchgear, instrumentation and process control engineering
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
Holt Integrated Circuit...
HI-4853 HOLTIC-HI-4853 Datasheet
1Mb / 14P
   Process Control and Factory Automation
logo
Pepperl+Fuchs Inc.
DA6-IU-2K-C PF-DA6-IU-2K-C Datasheet
739Kb / 3P
   Process control and indication equipment
DA6-IU-2K-V PF-DA6-IU-2K-V Datasheet
739Kb / 3P
   Process control and indication equipment
logo
Vicor Corporation
V24C28T100BG VICOR-V24C28T100BG Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V28C5T50BL VICOR-V28C5T50BL Datasheet
769Kb / 11P
   Industrial and process control, distributed power, medical, ATE, communications,
V24C12H100B VICOR-V24C12H100B Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
logo
Bel Fuse Inc.
LDT481 BEL-LDT481 Datasheet
660Kb / 4P
   Process Control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com