Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR101-6 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MCR101-6
Description  SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MCR101-6 Datasheet(HTML) 2 Page - Unisonic Technologies

  MCR101-6 Datasheet HTML 1Page - Unisonic Technologies MCR101-6 Datasheet HTML 2Page - Unisonic Technologies MCR101-6 Datasheet HTML 3Page - Unisonic Technologies MCR101-6 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTCMCR101
SCR
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R301-009,B
PARAMETER
SYMBOL
MAX
UNIT
Circuit Fusing Considerations
(t=8.3 ms)
I2t
0.415
A2s
Forward Peak Gate Power
(TA=25°C, Pulse Width ≤1.0µs)
PGM
0.1
W
Forward Average Gate Power
(TA=25°C, t=8.3ms)
PG(AV)
0.1
W
Peak Gate Current – Forward
(TA=25°C, Pulse Width≤1.0µs)
IGM
1
A
Peak Gate Voltage – Reverse
(TA=25°C, Pulse Width≤1.0µs)
VGRM
5
V
Operating Junction Temperature Range @ Rated VRRM and
VDRM
TJ
-40 to +110
°C
Storage Temperature Range
Tstg
-40 to +150
°C
Note: VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate
voltage; however, positive gate voltage shall not be applied concurrent with negative potential on the anode.
Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the
devices are exceeded.
ELECTRICAL CHARACTERISTICS (Tj=25°C, unless otherwise stated)
PARAMETER
TEST CONDITION
SYMBOL
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Peak Forward or Reverse Blocking
Current
Tc=25
°C
Tc=125
°C
VD=Rated VDRM and VRRM; RGK=1kΩ
IDRM, IRRM
10
100
µA
µA
ON CHARACTERISTICS
Peak Forward On-State Voltage
(Note1)
ITM=1A Peak @ TA=25°C
VTM
1.7
V
Gate Trigger Current (Continuous
dc)(note2)
VAK=7Vdc, RL=100Ω, TC=25°C
IGT
40
200
µA
Holding Current (note 3) Tc=25
°C
Tc=-40
°C
VAK=7Vdc, initiating current=20mA
IH
0.5
5
10
mA
Latch Current
Tc=25
°C
Tc=-40
°C
VAK=7V, Ig=200µA
IL
0.6
10
15
mA
Gate Trigger Current
(continuous dc) (Note 2) Tc=25
°C
Tc=-40
°C
VAK=7Vdc, RL=100Ω
VGT
0.62
0.8
1.2
V
DYNAMIC CHARACTERISTICS
Critical Rate of Rise of Off-State
Voltage
VD=Rated VDRM, Exponential
Waveform, RGK=1000Ω, TJ=110°C
dV/dt
20
35
V/
µs
Critical Rate of Rise of On-State
Current
IPK=20A; Pw=10µsec;
diG/dt=1A/
µsec, Igt=20mA
di/dt
50
A/
µs
Notes: 1. Indicates Pulse Test Width
≤1.0ms, duty cycle ≤1%
2. RGK=1000Ω included in measurement.
3. Does not include RGK in measurement.


Similar Part No. - MCR101-6

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MCR101-6-AA-T92-B UTC-MCR101-6-AA-T92-B Datasheet
105Kb / 5P
   FH LW SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR101-6-AB-T92-B UTC-MCR101-6-AB-T92-B Datasheet
105Kb / 5P
   FH LW SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR101-6-AC-T92-B UTC-MCR101-6-AC-T92-B Datasheet
105Kb / 5P
   FH LW SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR101-6-AD-T92-B UTC-MCR101-6-AD-T92-B Datasheet
105Kb / 5P
   FH LW SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR101-6-B-T92-B UTC-MCR101-6-B-T92-B Datasheet
105Kb / 5P
   FH LW SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
More results

Similar Description - MCR101-6

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MCK100 UTC-MCK100 Datasheet
173Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR100 UTC-MCR100_10 Datasheet
171Kb / 6P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR101 UTC-MCR101_10 Datasheet
183Kb / 5P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR100 UTC-MCR100 Datasheet
139Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
logo
ON Semiconductor
MCR716 ONSEMI-MCR716_05 Datasheet
60Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 5
MCR8S ONSEMI-MCR8S Datasheet
58Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
MCR72 ONSEMI-MCR72_05 Datasheet
64Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
NYC008-6JG ONSEMI-NYC008-6JG Datasheet
142Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
January, 2010 ??Rev. 0
logo
SEMTECH ELECTRONICS LTD...
MCR100 SEMTECH_ELEC-MCR100 Datasheet
249Kb / 3P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
logo
ON Semiconductor
MCR8DSM ONSEMI-MCR8DSM Datasheet
67Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
MCR703A ONSEMI-MCR703A Datasheet
66Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2007 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com