Electronic Components Datasheet Search |
|
C1808C226JARALTU Datasheet(PDF) 7 Page - Kemet Corporation |
|
C1808C226JARALTU Datasheet(HTML) 7 Page - Kemet Corporation |
7 / 23 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1018_X7R_SnPb_SMD • 2/29/2016 7 Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) Commercial “L” Series, SnPb Termination, X7R Dielectric, 6.3 – 250 VDC (Commercial Grade) Table 1B – Capacitance Range/Selection Waterfall (1210 – 2225 Case Sizes) cont'd *Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91) **Capacitance range Includes E12 decade values only. (i.e., 10, 12, 15, 18, 22, 27, 33, 39, 47, 56, 68 and 82) Table 2A – Chip Thickness/Tape & Reel Packaging Quantities Package quantity based on finished chip thickness specifications. 1 If ordering using the 2 mm Tape and Reel pitch option, the packaging quantity outlined in the table above will be doubled. This option is limited to EIA 0603 (1608 metric) case size devices. For more information regarding 2 mm pitch option see “Tape & Reel Packaging Information”. Cap Cap Code Case Size/ Series C1210C C1808C C1812C C1825C C2220C C2225C Voltage Code 9 8 4 3 5 1 2 A 5 1 2 3 5 1 2 A 5 1 2 A 3 5 1 2 A 5 1 2 A Rated Voltage (VDC) Capacitance Tolerance Product Availability and Chip Thickness Codes – See Table 2 for Chip Thickness Dimensions 10 µF 106 J K M FH¹ FH¹ FH¹ FS GK JF JO 12 µF 126 J K M 15 µF 156 J K M FM FM JO JO 18 µF 186 J K M 22 µF 226 J K M FS FS JO Cap Cap Code Rated Voltage (VDC) Voltage Code 9 8 4 3 5 1 2 A 5 1 2 3 5 1 2 A 5 1 2 A 3 5 1 2 A 5 1 2 A Case Size/ Series C1210C C1808C C1812C C1825C C2220C C2225C Thickness Code Case Size1 Thickness ± Range (mm) Paper Quantity1 Plastic Quantity 7" Reel 13" Reel 7" Reel 13" Reel BB 0402 0.50 ± 0.05 10,000 50,000 0 0 CF 0603 0.80 ± 0.07 4,000 15,000 0 0 DN 0805 0.78 ± 0.10 4,000 15,000 0 0 DP 0805 0.90 ± 0.10 4,000 15,000 0 0 DE 0805 1.00 ± 0.10 0 0 2,500 10,000 DG 0805 1.25 ± 0.15 0 0 2,500 10,000 DH 0805 1.25 ± 0.20 0 0 2,500 10,000 EB 1206 0.78 ± 0.10 4,000 10,000 4,000 10,000 EC 1206 0.90 ± 0.10 0 0 4,000 10,000 EN 1206 0.95 ± 0.10 0 0 4,000 10,000 ED 1206 1.00 ± 0.10 0 0 2,500 10,000 EE 1206 1.10 ± 0.10 0 0 2,500 10,000 EF 1206 1.20 ± 0.15 0 0 2,500 10,000 EM 1206 1.25 ± 0.15 0 0 2,500 10,000 EG 1206 1.60 ± 0.15 0 0 2,000 8,000 EH 1206 1.60 ± 0.20 0 0 2,000 8,000 FB 1210 0.78 ± 0.10 0 0 4,000 10,000 FC 1210 0.90 ± 0.10 0 0 4,000 10,000 FD 1210 0.95 ± 0.10 0 0 4,000 10,000 FE 1210 1.00 ± 0.10 0 0 2,500 10,000 FF 1210 1.10 ± 0.10 0 0 2,500 10,000 FG 1210 1.25 ± 0.15 0 0 2,500 10,000 FL 1210 1.40 ± 0.15 0 0 2,000 8,000 FH 1210 1.55 ± 0.15 0 0 2,000 8,000 Thickness Code Case Size1 Thickness ± Range (mm) 7" Reel 13" Reel 7" Reel 13" Reel Paper Quantity1 Plastic Quantity |
Similar Part No. - C1808C226JARALTU |
|
Similar Description - C1808C226JARALTU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |