Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC747LC3C Datasheet(PDF) 3 Page - Analog Devices

Part # HMC747LC3C
Description  RF ATE Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC747LC3C Datasheet(HTML) 3 Page - Analog Devices

  HMC747LC3C Datasheet HTML 1Page - Analog Devices HMC747LC3C Datasheet HTML 2Page - Analog Devices HMC747LC3C Datasheet HTML 3Page - Analog Devices HMC747LC3C Datasheet HTML 4Page - Analog Devices HMC747LC3C Datasheet HTML 5Page - Analog Devices HMC747LC3C Datasheet HTML 6Page - Analog Devices HMC747LC3C Datasheet HTML 7Page - Analog Devices HMC747LC3C Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
HMC747LC3C
v07.0514
14 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP
w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
[1] Vcc = 3.3 V
[2] Frequency = 13 GHz
Input Return Loss vs. Frequency
Output Return Loss vs. Frequency
Rise / Fall Time vs. VR [1][2]
15
17
19
21
23
25
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
tr
tf
VR (V)
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
10
12
14
CLK
DATA
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
10
12
14
FREQUENCY (GHz)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC747LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC747LC3C HITTITE-HMC747LC3C Datasheet
277Kb / 8P
   13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC747LC3C HITTITE-HMC747LC3C Datasheet
444Kb / 8P
   14 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC747LC3C HITTITE-HMC747LC3C_11 Datasheet
444Kb / 8P
   14 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
More results

Similar Description - HMC747LC3C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC842 AD-HMC842 Datasheet
961Kb / 11P
   RF ATE Applications
HMC851LC3C AD-HMC851LC3C Datasheet
1Mb / 10P
   RF ATE Applications
logo
YUXIANG Magnetc materia...
DR3X1.8 YUXIANG-DR3X1.8 Datasheet
118Kb / 5P
   IFI OSCIL ATE COLI
logo
Jiangsu High diode Semi...
HD2310 HDSEMI-HD2310 Datasheet
1Mb / 5P
   Plastic-Encapsu l ate MOSFET
HD2321 HDSEMI-HD2321 Datasheet
1Mb / 5P
   Plastic-Encapsu l ate MOSFET
logo
DB Lectro Inc
10D-1T DBLECTRO-10D-1T Datasheet
601Kb / 2P
   ideal for ATE and measurement instruments.
logo
Maxim Integrated Produc...
MAX9977 MAXIM-MAX9977 Datasheet
1Mb / 17P
   Quad, Low-Power, 1200Mbps ATE Driver
Rev 0; 7/05
logo
Pulse A Technitrol Comp...
C2073 PULSE-C2073 Datasheet
80Kb / 2P
   RF TRANSFORMER For Wideband RF Applications
CX2074 PULSE-CX2074 Datasheet
55Kb / 2P
   RF TRANSFORMER For Wideband RF Applications
logo
Jiangsu High diode Semi...
HD2305 HDSEMI-HD2305 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsu l ate MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com