Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP11 Datasheet(PDF) 4 Page - ETAL Group

Part # SMP11
Description  Wide range voltage input from AC 88 to 264 V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

SMP11 Datasheet(HTML) 4 Page - ETAL Group

  SMP11 Datasheet HTML 1Page - ETAL Group SMP11 Datasheet HTML 2Page - ETAL Group SMP11 Datasheet HTML 3Page - ETAL Group SMP11 Datasheet HTML 4Page - ETAL Group SMP11 Datasheet HTML 5Page - ETAL Group SMP11 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Switched mode power supply for DIN rail mounting type SMP11 DC24V/10A
www.e-t-a.de
1646
4
3
Typical output trip curve
Power out (%)
100
110
120
130
140
150
160
100
75
50
25
0
Continuous
For 3 sec
OCP
Derating curve
Current-voltage curve
Typical efficiency curve
100
75
0
-40
61
71
Temperature (°C)
Safe Operating Area
Power out (%)
95
90
85
80
75
70
50
75
100
230 Vac
115 Vac
current-voltage-curve ➞short circuit
current: 10 A / Div
voltage: - - - 10 V / Div
time 1 s / Div.
current: 10 A / Div
voltage: - - - 10 V / Div
time 20 ms / Div.


Similar Part No. - SMP11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMP11 VISHAY-SMP11 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
26-Jul-06
SMP11 VISHAY-SMP11 Datasheet
95Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 20-Oct-08
SMP11 VISHAY-SMP11 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 19-Apr-11
logo
Analog Devices
SMP11 AD-SMP11 Datasheet
527Kb / 5P
   Low Droop Rate/Accurate Sample and Hold
logo
STMicroelectronics
SMP1100SCMC STMICROELECTRONICS-SMP1100SCMC Datasheet
86Kb / 7P
   Trisil for telecommunication equipment protection
More results

Similar Description - SMP11

ManufacturerPart #DatasheetDescription
logo
ETAL Group
SMP21-L20-DC24V-20A ETAL-SMP21-L20-DC24V-20A Datasheet
425Kb / 6P
   Wide range voltage input from AC 90 to 264 V
SMP23-L20-DC24V-10A ETAL-SMP23-L20-DC24V-10A Datasheet
508Kb / 6P
   Wide range voltage input from AC 340 to 575 V
SMP2320-DC24V-20A ETAL-SMP2320-DC24V-20A Datasheet
468Kb / 6P
   Wide range voltage input from AC 340 to 575 V
logo
SL Power Electronics
GECA40 SLPOWER-GECA40 Datasheet
549Kb / 2P
   Wide-Range AC Input 90-264 VAC
GECA20 SLPOWER-GECA20 Datasheet
518Kb / 2P
   Wide-Range AC Input 90-264 VAC
logo
Bel Fuse Inc.
PET750-12-050 BEL-PET750-12-050 Datasheet
1Mb / 19P
   Wide Input Voltage Range 90-264 VAC
logo
FSP TECHNOLOGY INC.
FSP042-1K00 FSP-FSP042-1K00 Datasheet
152Kb / 1P
   Wide-range input 90-264 VAC
FSP060-1K20 FSP-FSP060-1K20 Datasheet
138Kb / 1P
   Wide-range input 90-264 VAC
FSP042-1K80 FSP-FSP042-1K80 Datasheet
152Kb / 1P
   Wide-range input 90-264 VAC
FSP060-1K30 FSP-FSP060-1K30 Datasheet
138Kb / 1P
   Wide-range input 90-264 VAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com