Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC942LP4E Datasheet(PDF) 5 Page - Analog Devices

Part # HMC942LP4E
Description  Test Instrumentation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC942LP4E Datasheet(HTML) 5 Page - Analog Devices

  HMC942LP4E Datasheet HTML 1Page - Analog Devices HMC942LP4E Datasheet HTML 2Page - Analog Devices HMC942LP4E Datasheet HTML 3Page - Analog Devices HMC942LP4E Datasheet HTML 4Page - Analog Devices HMC942LP4E Datasheet HTML 5Page - Analog Devices HMC942LP4E Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
5
5 - 5
pin Number
Function
Description
interface schematic
1, 3, 5, 6, 7,
12, 13, 14, 16,
18, 19, 24
GND
package bottom must also be connected
to rF/DC ground.
4
rFiN
this pin is DC coupled
and matched to 50 Ohms.
2, 8, 9, 10, 11,
17, 20, 21, 23
N/C
these pins are not connected internally; however,
all data shown herein was measured with these pins
connected to rF/ DC ground.
15
rFOut
this pin is AC coupled
and matched to 50 Ohms.
22
Vdd
supply voltage 4.5V ± 0.5V. external bypass
capacitors of 100 pF, 1,000 pF and 2.2 µF are
recommended.
Pin Description
Application Circuit
Component
Value
C1
100 pF
C2
1,000 pF
C3
4.7 µF
HMC942LP4E
v02.1210
SMT GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 25 - 31 GHz OUTPUT
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC942LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC942LP4E HITTITE-HMC942LP4E Datasheet
581Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 25 - 31 GHz OUTPUT
More results

Similar Description - HMC942LP4E

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC579 MICROSS-HMC579 Datasheet
863Kb / 9P
   Test Instrumentation
logo
Analog Devices
HMC579 AD-HMC579 Datasheet
298Kb / 6P
   Test Instrumentation
HMC1110 AD-HMC1110 Datasheet
429Kb / 8P
   Test Instrumentation
HMC659 AD-HMC659 Datasheet
682Kb / 8P
   Test Instrumentation
HMC448LC3B AD-HMC448LC3B Datasheet
340Kb / 6P
   Test Instrumentation
HMC561 AD-HMC561 Datasheet
391Kb / 6P
   Test Instrumentation
HMC464 AD-HMC464 Datasheet
344Kb / 6P
   Test Instrumentation
HMC606LC5 AD-HMC606LC5 Datasheet
407Kb / 6P
   Test Instrumentation
HMC369LP3 AD-HMC369LP3 Datasheet
353Kb / 6P
   Test Instrumentation
HMC144LH5 AD-HMC144LH5 Datasheet
548Kb / 8P
   Test Instrumentation
HMC575LP4 AD-HMC575LP4 Datasheet
314Kb / 6P
   Test Instrumentation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com