Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC992LP5E Datasheet(PDF) 5 Page - Analog Devices

Part # HMC992LP5E
Description  IF AUTOMATIC GAIN CONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC992LP5E Datasheet(HTML) 5 Page - Analog Devices

  HMC992LP5E Datasheet HTML 1Page - Analog Devices HMC992LP5E Datasheet HTML 2Page - Analog Devices HMC992LP5E Datasheet HTML 3Page - Analog Devices HMC992LP5E Datasheet HTML 4Page - Analog Devices HMC992LP5E Datasheet HTML 5Page - Analog Devices HMC992LP5E Datasheet HTML 6Page - Analog Devices HMC992LP5E Datasheet HTML 7Page - Analog Devices HMC992LP5E Datasheet HTML 8Page - Analog Devices HMC992LP5E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
5
HMC992LP5E
v03.1013
IF AUTOMATIC GAIN CONTROLLER
(IF-AGC), 50 - 800 MHz
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
+25C
+85C
-40C
VCTRL (V)
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
+25C
+85C
-40C
VCTRL (V)
Input Return Loss vs. VCTRL @ 300MHz[1]
Input Return Loss vs. VCTRL @ 300MHz[2]
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
+25C
+85C
-40C
VCTRL (V)
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
+25C
+85C
-40C
VCTRL (V)
Input Return Loss vs. VCTRL @ 500MHz[1]
Input Return Loss vs. VCTRL @ 500MHz[2]
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
+25C
+85C
-40C
VCTRL (V)
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
+25C
+85C
-40C
VCTRL (V)
Input Return Loss vs. VCTRL @ 800MHz[1]
Input Return Loss vs. VCTRL @ 800MHz[2]
[1] ATTN1 + AMP1 + AMP2, CT1=0V
[2] ATTN1 + ATTN2 + AMP1 + AMP2 , CT1=0V
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC992LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC992LP5E HITTITE-HMC992LP5E Datasheet
1Mb / 22P
   IF AUTOMATIC GAIN CONTROLLER (IF-AGC), 50 - 800 MHz
More results

Similar Description - HMC992LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC992LP5E HITTITE-HMC992LP5E Datasheet
1Mb / 22P
   IF AUTOMATIC GAIN CONTROLLER (IF-AGC), 50 - 800 MHz
HMC993LP5E HITTITE-HMC993LP5E_12 Datasheet
4Mb / 27P
   RF AUTOMATIC GAIN CONTROLLER
logo
Silicon Laboratories
SI4732-A10 SILABS-SI4732-A10 Datasheet
1Mb / 3P
   Automatic gain control
logo
Hittite Microwave Corpo...
HMC993LP5E HITTITE-HMC993LP5E Datasheet
3Mb / 27P
   RF AUTOMATIC GAIN CONTROLLER (RF-AGC), 700 - 3000 MHz
logo
Samsung semiconductor
S1T8507C SAMSUNG-S1T8507C Datasheet
93Kb / 6P
   Automatic gain control system
logo
API Technologies Corp
BXMF1038 APITECH-BXMF1038 Datasheet
501Kb / 1P
   Automatic Gain Controlled Amplifier
BXMF1037 APITECH-BXMF1037 Datasheet
503Kb / 1P
   Automatic Gain Controlled Amplifier
BXMF1042 APITECH-BXMF1042 Datasheet
571Kb / 2P
   Automatic Gain Controlled Amplifier
BXMF1041 APITECH-BXMF1041 Datasheet
507Kb / 1P
   Automatic Gain Controlled Amplifier
BXMF1040 APITECH-BXMF1040 Datasheet
506Kb / 1P
   Automatic Gain Controlled Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com