Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG-1071 Datasheet(PDF) 1 Page - Analog Devices

Part # UG-1071
Description  Access to all analog and digital pins
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-1071 Datasheet(HTML) 1 Page - Analog Devices

  UG-1071 Datasheet HTML 1Page - Analog Devices UG-1071 Datasheet HTML 2Page - Analog Devices UG-1071 Datasheet HTML 3Page - Analog Devices UG-1071 Datasheet HTML 4Page - Analog Devices UG-1071 Datasheet HTML 5Page - Analog Devices UG-1071 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ADuCM362/ADuCM363 Getting Started Guide
UG-1071
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
ADuCM362/ADuCM363 Development Systems Getting Started Tutorial
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. 0 | Page 1 of 6
FEATURES
ADuCM362/ADuCM363 evaluation board
2 power supply options: 5 V from a USB port connected to
the Segger J-Link OB emulator or 1.8 V to 3.6 V from an
external power supply
On-board resistance temperature detector (RTD) for
temperature measurements
Access to all analog and digital pins
Power and general-purpose LEDs
Reset and download push-buttons
8-pin connector to the Segger J-Link OB emulator
32.768 kHz external crystal
EVALUATION KIT CONTENTS
An evaluation board (EVAL-ADuCM362QSPZ or EVAL-
ADuCM363QSPZ) that facilitates performance evaluation
of the device with minimal external components
An Analog Devices, Inc., Segger J-Link OB emulator (USB-
SWD/UART-EMUZ)
1 USB cable
1 installation DVD
ONLINE RESOURCES
ADuCM362/ADuCM363 data sheet
ADuCM362/ADuCM363 Hardware Reference Manual
GENERAL DESCRIPTION
The ADuCM362/ADuCM363 development system allows
evaluation of ADuCM362 or ADuCM363 silicon. This quick
start guide introduces the support features and tools supplied
with the ADuCM362/ADuCM363 evaluation kit. In addition,
this guide describes how to connect the evaluation hardware.
The getting started guide works as a tutorial, providing instructions
on how to download third party evaluation software tools.
Instructions are also provided on how to load code examples
supplied with the software tools.
The ADuCM362 is a fully integrated, 4 kSPS, 24-bit data
acquisition system that incorporates dual, high performance
multichannel sigma-delta (Σ-Δ) analog-to-digital converters
(ADCs), a 32-bit ARM® Cortex®-M3 processor, and Flash/EE
memory on a single chip.
The ADuCM362 is designed for direct interfacing to external
precision sensors in both wired and battery-powered applications.
The ADuCM363 contains all the features of the ADuCM362
except for the ADC0, which is removed.
This guide gives users the ability to generate and download user
code for use in unique end system requirements.
Complete specifications for the ADuCM362/ADuCM363 are
provided in the ADuCM362/ADuCM363 data sheet and should
be consulted in conjunction with this user guide when using the
evaluation board.
EVAL-ADuCM362QSPZ/EVAL-ADuCM363QSPZ EVALUATION BOARD
Figure 1.


Similar Part No. - UG-1071

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-1006 AD-UG-1006 Datasheet
226Kb / 7P
   One J-Link Lite emulator
UG-101 AD-UG-101 Datasheet
631Kb / 21P
   Low Power, Low Noise and Distortion ail-to-Rail Output Amplifiers
Rev. E
UG-1042 AD-UG-1042 Datasheet
2Mb / 24P
   Fully featured evaluation board for 10-lead precision
UG-1047 AD-UG-1047 Datasheet
443Kb / 9P
   Evaluation Board for the ADA4571-2 Integrated AMR Angle Sensor and Signal Conditioner
Rev. 0
logo
DDK Ltd.
UG-1094/U DDK-UG-1094/U Datasheet
308Kb / 13P
   BNC Type Connectors
More results

Similar Description - UG-1071

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1211 TI1-MSC1211_16 Datasheet
1Mb / 109P
[Old version datasheet]   Percision Analog-to-Digital Converter and Digital-to-Analog Converters
logo
Analog Devices
EVAL-5CH6CHSOICEBZ AD-EVAL-5CH6CHSOICEBZ Datasheet
439Kb / 8P
   Access to all data channels
logo
List of Unclassifed Man...
NW701 ETC1-NW701 Datasheet
789Kb / 2P
   Digital to Analog Analog to Digital
logo
Texas Instruments
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
logo
STMicroelectronics
MEMS STMICROELECTRONICS-MEMS Datasheet
1Mb / 2P
   analog and digital
logo
Analog Devices
AD9106 AD-AD9106_17 Datasheet
1Mb / 58P
   Digital-to- Analog Converter and Waveform Generator
logo
Texas Instruments
MSC1211 TI-MSC1211 Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
logo
Burr-Brown (TI)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com