Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8345-C22A-W0 Datasheet(PDF) 7 Page - ETAL Group

Part # 8345-C22A-W0
Description  In the business fields Communication and Transport: power supplies, switchgear, instrumentation and process control engineering
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

8345-C22A-W0 Datasheet(HTML) 7 Page - ETAL Group

Back Button 8345-C22A-W0 Datasheet HTML 2Page - ETAL Group 8345-C22A-W0 Datasheet HTML 3Page - ETAL Group 8345-C22A-W0 Datasheet HTML 4Page - ETAL Group 8345-C22A-W0 Datasheet HTML 5Page - ETAL Group 8345-C22A-W0 Datasheet HTML 6Page - ETAL Group 8345-C22A-W0 Datasheet HTML 7Page - ETAL Group 8345-C22A-W0 Datasheet HTML 8Page - ETAL Group 8345-C22A-W0 Datasheet HTML 9Page - ETAL Group 8345-C22A-W0 Datasheet HTML 10Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-...
www.e-t-a.de
1651
7
1
Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-...
4
3
1
2
6
5
LO
AD
LIN
E
Shock directions
This is a metric design and millimeter dimensions take precedence ( mm )
inch
Toggle guard (only for mounting version B/C)
Y 307 381 01
64
37.3
16.7
ø4
52.4
2.52
1.47
.657
.157
2.06
Splash cover (IP65) for 1-, 2-, 3-pole (only for mounting version B/C)
number of
poles
mounting
version
actuator
configuration
X 222 444 01
1-pole
B
1
X 222 444 02
1-pole
C
1
X 222 444 11
2-pole
B
2
X 222 444 12
2-pole
C
2
X 222 444 21
3-pole
B
3
X 222 444 22
3-pole
C
3
ON
ON
35
ON
56.5
22.25
74
1.38
2.22
0.374
.876
2.91
panel thickness max. 3 mm
9,5
Accessories
LOAD
LINE
75
2 - Interphase barrier
(large)
100
1 - Interphase barrier
(small)
thickness 1mm / .039 in.
LOAD
LINE
2.95
3.94
Interphase barriers / Dimensions
Z without toggles, mounting version F
B reduced number of toggles per unit, mounting version B/C
A 1 toggle per pole, mounting version B/C
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
B reduced number of toggles per unit, mounting version F
A 1 toggle per pole, mounting version F
OFF
OFF
OFF
Z without toggles version B/C
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
Actuator configuration


Similar Part No. - 8345-C22A-W0

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
8345-1032-SS RAF-8345-1032-SS Datasheet
102Kb / 1P
   OVAL INTERNAL THREAD HANDLE
More results

Similar Description - 8345-C22A-W0

ManufacturerPart #DatasheetDescription
logo
ETAL Group
8330-F ETAL-8330-F Datasheet
326Kb / 6P
   Power supplies, process control, switchgear and controlgear
8335-F ETAL-8335-F Datasheet
441Kb / 6P
   Communications systems, power supplies, switchgear and controlgear industrial process measurement and control
logo
General Cable Technolog...
C1676A GENERAL-C1676A Datasheet
58Kb / 1P
   COMMUNICATION AND CONTROL CABLE
C0562A GENERAL-C0562A Datasheet
60Kb / 1P
   COMMUNICATION AND CONTROL CABLE
C0552A GENERAL-C0552A Datasheet
60Kb / 1P
   COMMUNICATION AND CONTROL CABLE
C3115 GENERAL-C3115 Datasheet
58Kb / 1P
   COMMUNICATION AND CONTROL CABLE
logo
List of Unclassifed Man...
8690 ETC2-8690 Datasheet
101Kb / 3P
   Audio, Control and Instrumentation Cable
logo
ETAL Group
1180-01 ETAL-1180-01 Datasheet
278Kb / 4P
   Protection of loads in power distribution systems in control cabinets and process control
3600-P10 ETAL-3600-P10 Datasheet
310Kb / 4P
   Process control systems, instrumentation, communications systems,
201 ETAL-201 Datasheet
258Kb / 4P
   Process control systems, instrumentation, rail vehicles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com