Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK1707SLF Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # MK1707SLF
Description  Low EMI Clock Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1707SLF Datasheet(HTML) 2 Page - Integrated Circuit Systems

  MK1707SLF Datasheet HTML 1Page - Integrated Circuit Systems MK1707SLF Datasheet HTML 2Page - Integrated Circuit Systems MK1707SLF Datasheet HTML 3Page - Integrated Circuit Systems MK1707SLF Datasheet HTML 4Page - Integrated Circuit Systems MK1707SLF Datasheet HTML 5Page - Integrated Circuit Systems MK1707SLF Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Low EMI Clock Generator
MDS 1707 G
2
Revision 032204
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
MK1707
Pin Assignment
Spread Direction and Percentage
Select Table
0 = connect to GND
M = unconnected (floating)
1 = connect directly to VDD
Pin Descriptions
ICLK
VDD
GND
S1
CLK
S0
LEE
SD
1
2
3
4
8
7
6
5
8 pin (150 mil) SOIC
SD
Pin 8
S1
Pin 7
S0
Pin 6
Spread
Direction
Spread
Percentage (%)
00
0Down
0.6
00
MDown
0.8
00
1Down
1.25
0M
0
Down Center
+0.5, -1.5
0M
MDown
2
0M
1
Down Center
+0.5, -2.5
01
0
Down Center
+0.5, -3
01
MDown
5
01
1
Power Down
-
10
0
Center
±0.35
10
M
Center
±0.5
10
1
Center
±0.7
1M
0
Center
±0.8
1M
M
Center
±1.1
1M
1
Center
±1.4
11
0
Test
Test
11
M
Center
±2.5
11
1
Power Down
-
Pin
Number
Pin
Name
Pin Type
Pin Description
1
ICLK
Input
Connect to graphics input clock.
2
VDD
Power
Connect to +3.3 V.
3
GND
Power
Connect to ground.
4
CLK
Output
Spread spectrum clock output per table above.
5
LEE
Input
Low EMI enable. Turns on spread spectrum when high. Internal pull-up resistor.
6
S0
Input
Function select 0 input. Selects spread amount and direction per table above.
Internal mid-level.
7
S1
Input
Function select 1input. Selects spread amount and direction per table above.
Internal mid-level.
8
SD
Input
Spread direction select input. Selects the direction of spread per table above.
Internal pull-up resistor.


Similar Part No. - MK1707SLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK1707SLF RENESAS-MK1707SLF Datasheet
246Kb / 8P
   LOW EMI CLOCK GENERATOR
REV L 072312
MK1707SLFTR RENESAS-MK1707SLFTR Datasheet
246Kb / 8P
   LOW EMI CLOCK GENERATOR
REV L 072312
More results

Similar Description - MK1707SLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
   Low EMI Clock Generator
logo
Renesas Technology Corp
ICS181-01 RENESAS-ICS181-01 Datasheet
292Kb / 9P
   LOW EMI CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
ICS18002 ICST-ICS18002 Datasheet
100Kb / 6P
   Low EMI Clock Generator
ICS18001 ICST-ICS18001 Datasheet
103Kb / 7P
   Low EMI Clock Generator
logo
Renesas Technology Corp
MK1704A RENESAS-MK1704A Datasheet
344Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
IDT5V50015 RENESAS-IDT5V50015 Datasheet
364Kb / 10P
   LOW EMI CLOCK GENERATOR
031109
ICS4231-03 RENESAS-ICS4231-03 Datasheet
312Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
MK5811 RENESAS-MK5811 Datasheet
248Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
MK1707D ICST-MK1707D Datasheet
134Kb / 7P
   Low EMI Clock Generator
ICS18003 ICST-ICS18003 Datasheet
99Kb / 6P
   Low EMI Clock Generator
ICS18101 ICST-ICS18101 Datasheet
103Kb / 7P
   Low EMI Clock Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com