Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT1820-422 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MKT1820-422
Description  Metallized Polyester Film Capacitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT1820-422 Datasheet(HTML) 3 Page - Vishay Siliconix

  MKT1820-422 Datasheet HTML 1Page - Vishay Siliconix MKT1820-422 Datasheet HTML 2Page - Vishay Siliconix MKT1820-422 Datasheet HTML 3Page - Vishay Siliconix MKT1820-422 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.vishay.com
45
MKT 1820
Vishay Roederstein
Document Number 26011
Revision 01-Dec-03
For technical questions, contact dc-film@vishay.com
Further C-values upon request.
*Not suitable for mains applications.
Please refer to X-capacitors in our catalog “RFI Suppression Components”.
RECOMMENDED PACKAGING
LETTER
TYPE OF
HEIGHT (H)
REEL
ORDERING CODE
PCM
PCM
PCM
CODE
PACKAGING
DIAMETER
EXAMPLES
(mm)
(mm)
10
15
22.5 - 27.5
D
AMMO
16.5
S*
MKT 1820-410/405-D
X
X
G
AMMO
18.5
S*
MKT 1820-410/405-G
X
X
F
REEL
16.5
350
MKT 1820-410/405-F
X
X
W
REEL
18.5
350
MKT 1820-410/405-W
X
X
V
REEL
18.5
500
MKT 1820-422/635-V
X
X
G
AMMO
18.5
L*
MKT 1820-422/635-G
X
BULK
MKT 1820-515/405
X
X
X
*S = box size 55 x 210 x 340mm (W x H x L)
*L = box size 60 x 360 x 510mm (W x H x L)
VOLTAGE
VOLTAGE
VOLTAGE
CODE 40
CODE 63*
CODE 10*
400 VDC/200 VAC
630 VDC/220 VAC
1000 VDC/220 VAC
Metallized Polyester, Related Document: IEC 60384-2
CAPACITANCE
CAPACITANCE
CODE
W
H
L
PCM
W
H
L
PCM
W
H
L
PCM
1000 pF
- 210
3.5
8.0
13.0
10
4.0
9.0
13.0
10
1500 pF
- 215
3.5
8.0
13.0
10
4.0
9.0
13.0
10
2200 pF
- 222
3.5
8.0
13.0
10
4.0
9.0
13.0
10
3300 pF
- 233
3.5
8.0
13.0
10
4.0
9.0
13.0
10
4700 pF
- 247
3.5
8.0
13.0
10
5.5
10.5
13.0
10
6800 pF
- 268
3.5
8.0
13.0
10
6.5
11.5
13.0
10
0.01 µF
- 310
3.5
8.0
13.0
10
4.0
9.0
13.0
10
5.5
10.5
18.0
15
0.015 µF
- 315
3.5
8.0
13.0
10
4.5
9.5
13.0
10
6.5
12.5
18.0
15
0.022 µF
- 322
3.5
8.0
13.0
10
5.5
10.5
13.0
10
7.5
13.5
18.0
15
0.033 µF
- 333
4.0
9.0
13.0
10
5.5
10.5
18.0
15
6.5
14.5
26.5
22.5
0.047 µF
- 347
4.5
9.5
13.0
10
6.5
12.5
18.0
15
7.5
15.5
26.5
22.5
0.068 µF
- 368
5.5
10.5
13.0
10
7.5
13.5
18.0
15
8.5
16.5
26.5
22.5
0.10 µF
- 410
6.5
11.5
13.0
10
6.5
14.5
26.5
22.5
10.5
18.5
26.5
22.5
0.15 µF
- 415
6.5
12.5
18.0
15
7.5
15.5
26.5
22.5
11.5
20.5
31.5
27.5
0.22 µF
- 422
6.5
12.5
18.0
15
8.5
16.5
26.5
22.5
13.5
23.5
31.5
27.5
0.33 µF
- 433
7.5
13.5
18.0
15
11.5
20.5
31.5
27.5
16.5
29.5
31.5
27.5
0.47 µF
- 447
8.5
17.5
18.0
15
11.5
20.5
31.5
27.5
20.0
35.0
31.5
27.5
0.68 µF
- 468
8.5
16.5
26.5
22.5
13.5
23.5
31.5
27.5
———
1.0 µF
- 510
10.5
18.5
26.5
22.5
15.0
24.5
31.5
27.5
1.5 µF
- 515
11.5
20.5
31.5
27.5
———
2.2 µF
- 522
13.5
23.5
31.5
27.5
———


Similar Part No. - MKT1820-422

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1820-422/635-G VISHAY-MKT1820-422/635-G Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820-422/635-V VISHAY-MKT1820-422/635-V Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
More results

Similar Description - MKT1820-422

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com