Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT1820-615 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MKT1820-615
Description  Metallized Polyester Film Capacitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT1820-615 Datasheet(HTML) 2 Page - Vishay Siliconix

  MKT1820-615 Datasheet HTML 1Page - Vishay Siliconix MKT1820-615 Datasheet HTML 2Page - Vishay Siliconix MKT1820-615 Datasheet HTML 3Page - Vishay Siliconix MKT1820-615 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
44
MKT 1820
Vishay Roederstein
Document Number 26011
Revision 01-Dec-03
For technical questions, contact dc-film@vishay.com
VOLTAGE
VOLTAGE
VOLTAGE
CODE 06
CODE 01
CODE 25
63 VDC/40 VAC
100 VDC/63 VAC
250 VDC/160 VAC
Further values upon request.
CAPACITANCE
CAPACITANCE
CODE
W
H
L
PCM
W
H
L
PCM
W
H
L
PCM
1000 pF
- 210
1500 pF
- 215
2200 pF
- 222
3300 pF
- 233
4700 pF
- 247
6800 pF
- 268
0.01 µF
- 310
——
———
0.015 µF
- 315
——
———
0.022 µF
- 322
3.5
8.0
13.0
10
0.033 µF
- 333
3.5
8.0
13.0
10
0.047 µF
- 347
3.5
8.0
13.0
10
0.068 µF
- 368
3.5
8.0
13.0
10
3.5
8.0
13.0
10
0.10 µF
- 410
3.5
8.0
13.0
10
4.5
9.5
13.0
10
0.15 µF
- 415
3.5
8.0
13.0
10
5.5
10.5
13.0
10
0.22 µF
- 422
3.5
8.0
13.0
10
3.5
8.0
13.0
10
6.5
11.5
13.0
10
0.33 µF
- 433
3.5
8.0
13.0
10
4.0
9.0
13.0
10
5.5
10.5
18.0
15
0.47 µF
- 447
3.5
8.0
13.0
10
4.5
9.5
13.0
10
6.5
12.5
18.0
15
0.68 µF
- 468
4.0
9.0
13.0
10
5.5
10.5
13.0
10
7.5
13.5
18.0
15
1.0 µF
- 510
4.5
9.5
13.0
10
5.5
10.5
18.0
15
8.5
14.5
18.0
15
1.5 µF
- 515
5.5
10.5
13.0
10
6.5
12.5
18.0
15
8.5
16.5
26.5
22.5
2.2 µF
- 522
6.5
11.5
13.0
10
6.5
12.5
18.0
15
10.5
18.5
26.5
22.5
3.3 µF
- 533
6.5
12.5
18.0
15
8.5
14.5
18.0
15
12.5
20.0
26.5
22.5
4.7 µF
- 547
7.5
13.5
18.0
15
7.5
15.5
26.5
22.5
13.5
23.5
31.5
27.5
6.8 µF
- 568
8.5
14.5
18.0
15
8.5
16.5
26.5
22.5
10.0 µF
- 610
8.5
17.5
18.0
15
10.5
18.5
26.5
22.5
15.0 µF
- 615
8.5
16.5
26.5
22.5
11.5
20.5
31.5
27.5
RECOMMENDED PACKAGING
LETTER
TYPE OF
HEIGHT (H)
REEL
ORDERING CODE
PCM
PCM
PCM
CODE
PACKAGING
DIAMETER
EXAMPLES
(mm)
(mm)
10
15
22.5 - 27.5
D
AMMO
16.5
S*
MKT 1820-422/065-D
X
X
G
AMMO
18.5
S*
MKT 1820-422/065-G
X
X
F
REEL
16.5
350
MKT 1820-422/065-F
X
X
W
REEL
18.5
350
MKT 1820-422/065-W
X
X
V
REEL
18.5
500
MKT 1820-610/015-V
X
X
G
AMMO
18.5
L*
MKT 1820-610/015-G
X
BULK
MKT 1820-615/015
X
X
X
*S = box size 55 x 210 x 340mm (W x H x L)
*L = box size 60 x 360 x 510mm (W x H x L)
Metallized Polyester, Related Document: IEC 60384-2


Similar Part No. - MKT1820-615

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1820-410/405-G VISHAY-MKT1820-410/405-G Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820-410/405-W VISHAY-MKT1820-410/405-W Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820-422/635-G VISHAY-MKT1820-422/635-G Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820-422/635-V VISHAY-MKT1820-422/635-V Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820-515/405 VISHAY-MKT1820-515/405 Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
More results

Similar Description - MKT1820-615

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com