Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASTMD792 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ASTMD792
Description  Techsil Conductive Elastomer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASTMD792 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ASTMD792 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Techsil Conductive Elastomer LTE-20
Performance of conductive elastomers vary from one application to another. Leader Tech, Inc. cannot guarantee that the above specifications will be met in your specific
application. If you need assistance in testing your application, please do not hesitate to contact Leader Tech for further information.
Global EMI Shielding Technology Center
12420 Race Track Rd., Tampa, Florida 33626
866.TECH.EMI (866.832.4364) t 813.855.6921 f 813.855.3291
www.LeaderTechInc.com
Copyright© Leader Tech, Inc. 2013
LTE-20 is a Shore A 65 durometer hardness silicone elastomer filled with silver plated aluminum particles as the
conductive and shielding media. This material has excellent shielding properties and conductivity and meets the
re-quirements of MIL-DTL-83528 type B. This material has excellent sealing properties at temperature extremes,
is ozone resistant and has a long shelf life if stored in the absence of moisture, light and sulfur. LTE-20 provides
good corrosion resistance with aluminum and other substrates. It is recommended for applications where there
are dissimilar mating surfaces, the presence of salt fog or in uncontrolled environments. This material can be
supplied as molded parts, extruded shapes, die cut parts, or as standard sheet stock. Please contact Leader Tech for
additional information regarding your specific application.
A passion in all we
do
The Leading Edge in EMI Shielding Technology
TDS062713-LTE20
Technical Data Sheet
Technical Data Sheet
Techsil Conductive Elastomer
LTE-20
The Leading Edge in EMI Shielding Technology
Elastomer:
Silicone
Filler Material:
Silver Plated Aluminum
Color:
Tan (Custom colors available upon request)
Electrical Properties
Test Method
After Heat Aging (ohm-cm)
Max.
.010
MIL-DTL-83528 (Para. 4.5.15)
After Break
(ohm-cm)
Max.
.015
MIL-DTL-83528 (Para. 4.5.9)
During Vibration (ohm-cm)
Max.
.012
MIL-DTL-83528 (Para. 4.5.13)
After Vibration (ohm-cm)
.008
After Exposure to EMP (ohm-cm)
(0.9 KAmp/inch of Perimeter)
Max.
.010
MIL-DTL-83528 (Para. 4.5.16)
Volume Resistivity (ohm-cm)
(as received)
Max.
.008
MIL-DTL-83528 (Para. 4.5.10)
Shielding Effectiveness (db)
Actual
MIL-DTL-83528 (Para. 4.5.12)
MIL-STD-285
20 MHz
119
100 MHz
126
600 MHz
125
2 GHz
143
10 GHz
126
Electrical Stability
Specific Gravity
(+/-0.25)
2.0
ASTM D792
(MIL Para. 4.5.3)
Hardness (Shore A)
(+/-7)
65
ASTM D2240 (MIL Para. 4.5.4)
Tensile Strength
(PSI)
Min.
200
ASTM D412
(MIL Para. 4.5.6)
Elongation
(%)
Min.
100
ASTM D412
(MIL Para. 4.5.6)
Max.
300
Tear Strength
(PPI)
Min.
30
ASTM D624
(MIL Para. 4.5.8)
Compression Set
(%)
Max.
32
ASTM D396
(MIL Para. 4.5.7)
Upper Operating Temp. (0C)
Max.
+160
MIL-DTL-83528 (Table 1-Type B)
Lower Operating Temp
(0C)
Min.
-55
ASTM D1329 (MIL Para. 4.5.14)
Compression Deflection (%)
Min.
3.5
ASTM D575
(MIL Para. 4.5.5)
Fluid Immersion
NS
MIL-DTL-83528 (Para. 4.5.17)
LTE-20 is a Shore A 65 durometer hardness silicone elastomer filled with silver plated aluminum particles as the
conductive and shielding media. This material has excellent shielding properties and conductivity and meets the re-
quirements of MIL-DTL-83528 type B. This material has excellent sealing properties at temperature extremes, is
ozone resistant and has a long shelf life if stored in the absence of moisture, light and sulfur. LTE-20 provides good cor-
rosion resistance with aluminum and other substrates. It is recommended for applications where there are dissimilar mat-
ing surfaces, the presence of salt fog or in uncontrolled environments. This material can be supplied as molded
parts, extruded shapes, die cut parts, or as standard sheet stock. Please contact Leader Tech for additional information
re-garding your specific application.
Physical Properties
TDS062713‐LTE20 
SUR=Survivable   NS=Not Survivable
 
Performance of conduc�ve elastomers varies from one applica�on to another. Leader Tech, Inc. cannot guarantee that the above speci‐
ca�ons will be met in your applica�on. If you need assistance in tes�ng your applica�on, please do not hesitate to contact Leader Tech for 
further informa�on.


Similar Part No. - ASTMD792

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASTMD792 ETC2-ASTMD792 Datasheet
373Kb / 1P
   Techsil Conductive Elastomer
ASTMD792 ETC2-ASTMD792 Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
ASTMD792 ETC2-ASTMD792 Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
ASTMD792 ETC2-ASTMD792 Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
ASTMD792 ETC2-ASTMD792 Datasheet
372Kb / 1P
   Techsil Conductive Elastomer
More results

Similar Description - ASTMD792

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LTE-45 ETC2-LTE-45 Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
LTE-95 ETC2-LTE-95 Datasheet
373Kb / 1P
   Techsil Conductive Elastomer
LTE-15 ETC2-LTE-15 Datasheet
515Kb / 1P
   Techsil Conductive Elastomer
LTE-65 ETC2-LTE-65 Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
LTE-80 ETC2-LTE-80 Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
LTE-75 ETC2-LTE-75 Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
LTE-40-45D ETC2-LTE-40-45D Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
LTE-40 ETC2-LTE-40 Datasheet
516Kb / 1P
   Techsil Conductive Elastomer
LTE-90 ETC2-LTE-90 Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
LTE-85 ETC2-LTE-85 Datasheet
372Kb / 1P
   Techsil Conductive Elastomer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com